Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74LVX112M Datasheet(PDF) 6 Page - Fairchild Semiconductor

Part # 74LVX112M
Description  Low Voltage Dual J-K Flip-Flops with Preset and Clear
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74LVX112M Datasheet(HTML) 6 Page - Fairchild Semiconductor

  74LVX112M Datasheet HTML 1Page - Fairchild Semiconductor 74LVX112M Datasheet HTML 2Page - Fairchild Semiconductor 74LVX112M Datasheet HTML 3Page - Fairchild Semiconductor 74LVX112M Datasheet HTML 4Page - Fairchild Semiconductor 74LVX112M Datasheet HTML 5Page - Fairchild Semiconductor 74LVX112M Datasheet HTML 6Page - Fairchild Semiconductor 74LVX112M Datasheet HTML 7Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
www.fairchildsemi.com
6
Physical Dimensions inches (millimeters) unless otherwise noted (Continued)
16-Lead Small Outline Package (SOP), EIAJ TYPE II, 5.3mm Wide
Package Number M16D


Similar Part No. - 74LVX112M

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74LVX125 FAIRCHILD-74LVX125 Datasheet
87Kb / 6P
   Low Voltage Quad Buffer with 3-STATE Outputs
logo
STMicroelectronics
74LVX125 STMICROELECTRONICS-74LVX125 Datasheet
227Kb / 12P
   LOW VOLTAGE QUAD BUS BUFFERS (3-STATE) WITH 5V TOLERANT INPUTS
logo
Fairchild Semiconductor
74LVX125 FAIRCHILD-74LVX125 Datasheet
310Kb / 8P
   Low Voltage Quad Buffer with 3-STATE Outputs
logo
ON Semiconductor
74LVX125 ONSEMI-74LVX125 Datasheet
316Kb / 9P
   Low Voltage Quad Buffer
February 2008 Rev. 1.4.0
logo
Fairchild Semiconductor
74LVX125M FAIRCHILD-74LVX125M Datasheet
87Kb / 6P
   Low Voltage Quad Buffer with 3-STATE Outputs
More results

Similar Description - 74LVX112M

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HD74HC109 HITACHI-HD74HC109 Datasheet
59Kb / 9P
   Dual J-K Flip-Flops (with Preset and Clear)
logo
Renesas Technology Corp
HD74HC109 RENESAS-HD74HC109 Datasheet
111Kb / 8P
   Dual J-K Flip-Flops (with Preset and Clear)
logo
National Semiconductor ...
MM54HC76 NSC-MM54HC76 Datasheet
136Kb / 6P
   Dual J-K Flip-Flops with Preset and Clear
logo
Texas Instruments
SN5476 TI1-SN5476_15 Datasheet
477Kb / 14P
[Old version datasheet]   DUAL J-K FLIP-FLOPS WITH PRESET AND CLEAR
logo
Renesas Technology Corp
HD74LS76A RENESAS-HD74LS76A Datasheet
131Kb / 7P
   Dual J-K Flip-Flops (with Preset and Clear)
HD74HC76 RENESAS-HD74HC76 Datasheet
99Kb / 7P
   Dual J-K Flip-Flops (with Preset and Clear)
logo
Fairchild Semiconductor
MM74C73 FAIRCHILD-MM74C73_04 Datasheet
64Kb / 6P
   Dual J-K Flip-Flops with Clear and Preset
logo
National Semiconductor ...
MM54HCT109 NSC-MM54HCT109 Datasheet
123Kb / 4P
   Dual J-K Flip-Flops with Preset and Clear
logo
Fairchild Semiconductor
74VHC112MX FAIRCHILD-74VHC112MX Datasheet
269Kb / 9P
   Dual J-K Flip-Flops with Preset and Clear
74VHC112 FAIRCHILD-74VHC112 Datasheet
70Kb / 7P
   Dual J-K Flip-Flops with Preset and Clear
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com