Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PT4243C Datasheet(PDF) 3 Page - Texas Instruments

Part # PT4243C
Description  10W Output Power, Short-Circuit Protection, Output Current Limit
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PT4243C Datasheet(HTML) 3 Page - Texas Instruments

  PT4243C Datasheet HTML 1Page - Texas Instruments PT4243C Datasheet HTML 2Page - Texas Instruments PT4243C Datasheet HTML 3Page - Texas Instruments PT4243C Datasheet HTML 4Page - Texas Instruments PT4243C Datasheet HTML 5Page - Texas Instruments PT4243C Datasheet HTML 6Page - Texas Instruments PT4243C Datasheet HTML 7Page - Texas Instruments PT4243C Datasheet HTML 8Page - Texas Instruments PT4243C Datasheet HTML 9Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
For technical support and more information, see inside back cover or visit www.ti.com
Note A:
All Characteristic data in the above graphs has been developed from actual products tested at 25°C. This data is considered typical data for the converter.
Note B:
SOA curves represent operating conditions at which internal components are at or below manufacturer’s maximum rated operating temperatures.
PT4242, Vo =3.3VDC (See Note A)
PT4240 Series
10-W Low-Profile 24V-Input
Isolated DC/DC Converter
Efficiency vs Output Current
Output Ripple vs Output Current
Power Dissipation vs Output Current
Safe Operating Area @Vin =24V (Note B)
PT4243, Vo =5.0VDC (See Note A)
Efficiency vs Output Current
Output Ripple vs Output Current
Power Dissipation vs Output Current
Safe Operating Area @Vin =24V (Note B)
PT4244, Vo =12.0VDC (See Note A)
Efficiency vs Output Current
Output Ripple vs Output Current
Power Dissipation vs Output Current
Safe Operating Area @Vin =24V (Note B)
20.0
30.0
40.0
50.0
60.0
70.0
80.0
90.0
0.0
0.5
1.0
1.5
2.0
2.5
3.0
Iout (A)
200LFM
120LFM
60LFM
Nat conv
Airflow
20.0
30.0
40.0
50.0
60.0
70.0
80.0
90.0
0.0
0.4
0.8
1.2
1.6
2.0
Iout (A)
200LFM
120LFM
60LFM
Nat conv
Airflow
0
0.5
1
1.5
2
2.5
3
00.511.5
22.53
Iout (A)
18.0V
24.0V
30.0V
36.0V
VIN
0
10
20
30
40
50
60
70
00.5
11.5
22.5
3
Iout (A)
18.0V
24.0V
30.0V
36.0V
VIN
60
65
70
75
80
85
90
0
0.5
1
1.5
2
2.5
3
Iout (A)
36.0V
30.0V
24.0V
18.0V
VIN
0
0.5
1
1.5
2
2.5
0
0.4
0.8
1.2
1.6
2
Iout (A)
36.0V
24.0V
30.0V
18.0V
VIN
0
10
20
30
40
50
0
0.4
0.8
1.2
1.6
2
Iout (A)
18.0V
24.0V
30.0V
36.0V
VIN
50
60
70
80
90
0
0.4
0.8
1.2
1.6
2
Iout (A)
36.0V
30.0V
24.0V
18.0V
VIN
0
0.5
1
1.5
2
2.5
0
0.2
0.4
0.6
0.8
1
Iout (A)
18.0V
24.0V
30.0V
36.0V
VIN
0
20
40
60
80
100
120
0
0.2
0.4
0.6
0.8
1
Iout (A)
18.0V
24.0V
30.0V
36.0V
VIN
50
60
70
80
90
0
0.2
0.4
0.6
0.8
1
Iout (A)
36.0V
30.0V
24.0V
18.0V
VIN
20.0
30.0
40.0
50.0
60.0
70.0
80.0
90.0
0.0
0.2
0.4
0.6
0.8
1.0
Iout (A)
Nat conv
60LFM
120LFM
200LFM
Airflow
Not Recommended For New Designs


Similar Part No. - PT4243C

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PT4243 TI-PT4243 Datasheet
174Kb / 7P
[Old version datasheet]   10-W Low-Profile 24V-Input Isolated DC/DC Converter
More results

Similar Description - PT4243C

ManufacturerPart #DatasheetDescription
logo
SynQor Worldwide Headqu...
MQME-28E-T SYNQOR-MQME-28E-T Datasheet
6Mb / 17P
   Output current limit for short-circuit protection
PQ60033SMX15 SYNQOR-PQ60033SMX15 Datasheet
909Kb / 15P
   Output current limit and short circuit protection
SQ60120EPB25 SYNQOR-SQ60120EPB25 Datasheet
2Mb / 14P
   Output current limit and short circuit protection
SQ60120ETA17 SYNQOR-SQ60120ETA17 Datasheet
2Mb / 14P
   Output current limit and short circuit protection
PQ60150SMX03 SYNQOR-PQ60150SMX03 Datasheet
904Kb / 15P
   Output current limit and short circuit protection
logo
Delta Electronics, Inc.
IPM24S0C0 DELTA-IPM24S0C0 Datasheet
690Kb / 12P
   Output short circuit protection
IPM12C0A0R DELTA-IPM12C0A0R Datasheet
769Kb / 15P
   Output short circuit protection
IPM DELTA-IPM Datasheet
746Kb / 15P
   Output short circuit protection
logo
STMicroelectronics
STEVAL-ISA013V1 STMICROELECTRONICS-STEVAL-ISA013V1 Datasheet
105Kb / 5P
   Output short circuit protection
July 2007 Rev 1
logo
Texas Instruments
PT5071-12V TI1-PT5071-12V Datasheet
150Kb / 4P
[Old version datasheet]   Output Current Limit
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com