Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PT4244C Datasheet(PDF) 4 Page - Texas Instruments

Part # PT4244C
Description  10W Output Power, Short-Circuit Protection, Output Current Limit
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PT4244C Datasheet(HTML) 4 Page - Texas Instruments

  PT4244C Datasheet HTML 1Page - Texas Instruments PT4244C Datasheet HTML 2Page - Texas Instruments PT4244C Datasheet HTML 3Page - Texas Instruments PT4244C Datasheet HTML 4Page - Texas Instruments PT4244C Datasheet HTML 5Page - Texas Instruments PT4244C Datasheet HTML 6Page - Texas Instruments PT4244C Datasheet HTML 7Page - Texas Instruments PT4244C Datasheet HTML 8Page - Texas Instruments PT4244C Datasheet HTML 9Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
For technical support and more information, see inside back cover or visit www.ti.com
Application Notes
PT4220/4240 Series
Using the Remote On/Off with the PT4220/4240
Isolated 10W Excalibur
 DC/DC Converters
For applications requiring output voltage On/Off control,
the PT4220/4240 DC/DC converter series incorporates
a “Remote On/Off” control (pin 1). This feature can be
used to switch the module off without removing the
applied input source voltage.
The converter functions normally with Pin 1 open-circuit,
providing a regulated output voltage when a valid source
voltage is applied to +Vin (pin 5), with respect to –Vin
(pin 3). When a low-level 1 ground signal is applied to
pin 1, the converter output will be turned off.
Figure 1 shows an application schematic, which details
the typical use of the Remote On/Off function. Note the
discrete transistor (Q1). The pin has its own internal
pull-up, allowing it to be controlled with an open-collector
or open-drain device (See notes 2 & 3). Table 1 gives the
threshold requirements.
When placed in the “Off” state, the standby current drawn
from the input source is typically reduced to less than 1mA.
Table 1; Pin 1 Remote On/Off Control Parameters 1
Parameter
Min
Typ
Max
Enable (VIH)
4.5V
Disable (VIL)
0.8V
Vo/c [Open-Circuit]
5.0V
Iin [pin 1 at –Vin]
–0.5mA
Notes:
1. The Remote On/Off control uses –Vin (pin 3) as its ground
reference. All voltages specified are with respect to –Vin.
2. Use an open-collector device (preferably a discrete
transistor) for the Remote On/Off input. A pull-up resistor
is not necessary. To disable the output voltage, the control
pin should be pulled low to less than +0.8VDC.
3. The Remote On/Off pin may be controlled with devices that
have a totem-pole output. This is provided the drive
voltage meets the threshold requirements in Table 1.
Do not apply more than +20V. If a TTL gate is used, a
pull-up resistor may be required to the logic supply voltage.
4. The PT4220/4240 converters incorporate an “Under-
Voltage Lockout” (UVLO). The UVLO will keep the
module off when the input voltage to the converter is
low, regardless of the state of the Remote On/Off control.
Table 2 gives the UVLO input voltage thresholds.
Figure 1
Turn-On Time:
In the circuit of Figure 1, turning Q1 on
applies a low-voltage to pin 1 and disables the converter
output. Correspondingly, turning Q1 off allows pin 1 to
be pulled high by an internal pull-up resistor. The con-
verter produces a regulated output voltage within 60ms.
Figure 2 shows shows the output response of a PT4223
(5.0V) following the turn-off of Q1. The turn off of Q1
corresponds to the drop in Q1 Vgs. Although the rise-
time of the output voltage is short (<5ms), the indicated
delay time will vary depending upon the input voltage
and the module’s internal timing. The waveform was
measured with a 48Vdc input voltage, and a 1.4A resis-
tive load.
Figure 2
R1
10k
Q1
BSS138
+V
o
-V
o
+V
in
-V
in
Vdd
1 =OFF
Note 1
U1a
Note 1
Note 1
PT4220/4240
+ V out
-Vout
+Vin
-Vin
Remote
On/Off
V
o (adj)
1
3
5
8, 9
6, 7
10
Table 2; UVLO Thresholds 4
Series
Vin Range
UVLO Threshold
PT4220
36 – 75V
32V ±2V
PT4240
18 – 36V
15.8V ±2V
Vo (2V/Div)
Iin (0.2A/Div)
Q1Vgs (10V/Div)
HORIZ SCALE: 10ms/Div
Delay Time
Not Recommended For New Designs


Similar Part No. - PT4244C

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PT4244 TI-PT4244 Datasheet
174Kb / 7P
[Old version datasheet]   10-W Low-Profile 24V-Input Isolated DC/DC Converter
More results

Similar Description - PT4244C

ManufacturerPart #DatasheetDescription
logo
SynQor Worldwide Headqu...
MQME-28E-T SYNQOR-MQME-28E-T Datasheet
6Mb / 17P
   Output current limit for short-circuit protection
PQ60033SMX15 SYNQOR-PQ60033SMX15 Datasheet
909Kb / 15P
   Output current limit and short circuit protection
SQ60120EPB25 SYNQOR-SQ60120EPB25 Datasheet
2Mb / 14P
   Output current limit and short circuit protection
SQ60120ETA17 SYNQOR-SQ60120ETA17 Datasheet
2Mb / 14P
   Output current limit and short circuit protection
PQ60150SMX03 SYNQOR-PQ60150SMX03 Datasheet
904Kb / 15P
   Output current limit and short circuit protection
logo
Delta Electronics, Inc.
IPM24S0C0 DELTA-IPM24S0C0 Datasheet
690Kb / 12P
   Output short circuit protection
IPM12C0A0R DELTA-IPM12C0A0R Datasheet
769Kb / 15P
   Output short circuit protection
IPM DELTA-IPM Datasheet
746Kb / 15P
   Output short circuit protection
logo
STMicroelectronics
STEVAL-ISA013V1 STMICROELECTRONICS-STEVAL-ISA013V1 Datasheet
105Kb / 5P
   Output short circuit protection
July 2007 Rev 1
logo
Texas Instruments
PT5071-12V TI1-PT5071-12V Datasheet
150Kb / 4P
[Old version datasheet]   Output Current Limit
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com