Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS370C342A Datasheet(PDF) 7 Page - Texas Instruments

Part # TMS370C342A
Description  8-BIT MICROCONTROLLER
Download  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS370C342A Datasheet(HTML) 7 Page - Texas Instruments

Back Button TMS370C342A Datasheet HTML 3Page - Texas Instruments TMS370C342A Datasheet HTML 4Page - Texas Instruments TMS370C342A Datasheet HTML 5Page - Texas Instruments TMS370C342A Datasheet HTML 6Page - Texas Instruments TMS370C342A Datasheet HTML 7Page - Texas Instruments TMS370C342A Datasheet HTML 8Page - Texas Instruments TMS370C342A Datasheet HTML 9Page - Texas Instruments TMS370C342A Datasheet HTML 10Page - Texas Instruments TMS370C342A Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 69 page
background image
TMS370Cx4x
8-BIT MICROCONTROLLER
SPNS016C -- NOVEMBER 1992 -- REVISED FEBRUARY 1997
7
POST OFFICE BOX 1443
HOUSTON, TEXAS 77251--1443
central processing unit (CPU) (continued)
D
A memory map that includes:
--
256-byte general-purpose RAM that can be used for data memory storage, program instructions,
general-purpose registers, or the stack
--
A peripheral file that provides access to all internal peripheral modules, system-wide control functions
and EEPROM/EPROM programming control
--
256-byte EEPROM module that provides in-circuit programmability and data retention in power-off
conditions
--
4K- or 8K-byte ROM or 8K-byte EPROM program memory
stack pointer (SP)
The SP is an 8-bit CPU register. The stack operates as a last-in, first-out, read/write memory. The stack is used
typically to store the return address on subroutine calls as well as the status-register contents during interrupt
sequences.
The SP points to the last entry or top of the stack. The SP is incremented automatically before data is pushed
onto the stack and decremented after data is popped from the stack. The stack can be placed anywhere in the
on-chip RAM memory.
status register (ST)
The ST monitors the operation of the instructions and contains the global interrupt-enable bits. The ST includes
four status bits (condition flags) and two interrupt-enable bits:
D
The four status bits indicate the outcome of the previous instruction; conditional instructions (for example,
the conditional jump instructions) use the status bits to determine program flow.
D
The two interrupt-enable bits control the two interrupt levels.
The ST register, status-bit notation, and status-bit definitions are shown in Table 3.
Table 3. Status Registers
7
6
5
4
3
2
1
0
C
N
Z
V
IE2
IE1
Reserved
Reserved
RW-0
RW-0
RW-0
RW-0
RW-0
RW-0
R = read, W = write, 0 = value after reset
program counter (PC)
The contents of the PC point to the memory location of the next instruction to be executed. The PC consists
of two 8-bit registers in the CPU: the program counter high (PCH) and program counter low (PCL). These
registers contain the most significant byte (MSbyte) and least significant byte (LSbyte) of a 16-bit address.
The contents of the reset vector (7FFEh, 7FFFh) are loaded into the program counter during reset. The PCH
(MSbyte of the PC) is loaded with the contents of memory location 7FFEh, and the PCL (LSbyte of the PC) is
loaded with the contents of memory location 7FFFh. Figure 2 shows this operation using an example value of
6000h as the contents of memory locations 7FFEh and 7FFFh (reset vector).


Similar Part No. - TMS370C342A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS370C342A TI-TMS370C342A Datasheet
966Kb / 66P
[Old version datasheet]   8-BIT MICROCONTROLLER
TMS370C342AFNA TI-TMS370C342AFNA Datasheet
860Kb / 69P
[Old version datasheet]   CMOS EEPROM/EPROM Technologies on a Single Device
TMS370C342AFNA TI1-TMS370C342AFNA Datasheet
899Kb / 69P
[Old version datasheet]   8-BIT MICROCONTROLLER
TMS370C342AFNL TI-TMS370C342AFNL Datasheet
860Kb / 69P
[Old version datasheet]   CMOS EEPROM/EPROM Technologies on a Single Device
TMS370C342AFNL TI1-TMS370C342AFNL Datasheet
899Kb / 69P
[Old version datasheet]   8-BIT MICROCONTROLLER
More results

Similar Description - TMS370C342A

ManufacturerPart #DatasheetDescription
logo
Winbond
W78E54B WINBOND-W78E54B Datasheet
168Kb / 21P
   8-BIT MICROCONTROLLER
logo
ELAN Microelectronics C...
EM78P870 EMC-EM78P870 Datasheet
313Kb / 48P
   8 BIT MICROCONTROLLER
logo
Texas Instruments
TMS370CXCX TI-TMS370CXCX Datasheet
860Kb / 63P
[Old version datasheet]   8-BIT MICROCONTROLLER
logo
Winbond
W78C52D WINBOND-W78C52D Datasheet
255Kb / 18P
   8-BIT MICROCONTROLLER
W78L54 WINBOND-W78L54 Datasheet
20Kb / 2P
   8-BIT MICROCONTROLLER
logo
AMIC Technology
A8032 AMICC-A8032 Datasheet
267Kb / 12P
   8 Bit Microcontroller
logo
NXP Semiconductors
PCF84C12A PHILIPS-PCF84C12A Datasheet
89Kb / 16P
   8-bit microcontroller
1998 May 11
logo
Holtek Semiconductor In...
HT48C50- HOLTEK-HT48C50- Datasheet
295Kb / 45P
   8-Bit Microcontroller
HT48CA0 HOLTEK-HT48CA0 Datasheet
699Kb / 36P
   8-bit Microcontroller
logo
List of Unclassifed Man...
W78ERD2 ETC2-W78ERD2 Datasheet
1Mb / 76P
   8-BIT MICROCONTROLLER
W77E516A ETC2-W77E516A Datasheet
1Mb / 92P
   8-BIT MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com