Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DTE2311 Datasheet(PDF) 6 Page - DinTek Semiconductor Co,.Ltd

Part # DTE2311
Description  P-Channel 20-V (D-S) MOSFET Halogen-free
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DINTEK [DinTek Semiconductor Co,.Ltd]
Direct Link  http://www.daysemi.jp/
Logo DINTEK - DinTek Semiconductor Co,.Ltd

DTE2311 Datasheet(HTML) 6 Page - DinTek Semiconductor Co,.Ltd

  DTE2311_13 Datasheet HTML 1Page - DinTek Semiconductor Co,.Ltd DTE2311_13 Datasheet HTML 2Page - DinTek Semiconductor Co,.Ltd DTE2311_13 Datasheet HTML 3Page - DinTek Semiconductor Co,.Ltd DTE2311_13 Datasheet HTML 4Page - DinTek Semiconductor Co,.Ltd DTE2311_13 Datasheet HTML 5Page - DinTek Semiconductor Co,.Ltd DTE2311_13 Datasheet HTML 6Page - DinTek Semiconductor Co,.Ltd DTE2311_13 Datasheet HTML 7Page - DinTek Semiconductor Co,.Ltd  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
Mechanical Dimensions
0.46
±0.10
1.27TYP
(R2.29)
[1.27
±0.20]
1.27TYP
[1.27
±0.20]
3.60
±0.20
4.58
+0.25
–0.15
0.38
+0.10
–0.05
TO-92
Dimensions in Millimeters
www.din-tek.jp
1


Similar Part No. - DTE2311_13

ManufacturerPart #DatasheetDescription
logo
DinTek Semiconductor Co...
DTE2311 DINTEK-DTE2311 Datasheet
330Kb / 7P
   P-Channel 20-V (D-S) MOSFET
More results

Similar Description - DTE2311_13

ManufacturerPart #DatasheetDescription
logo
DinTek Semiconductor Co...
DTS2305 DINTEK-DTS2305_13 Datasheet
552Kb / 9P
   P-Channel 20 V (D-S) MOSFET Halogen-free
DTM9425 DINTEK-DTM9425 Datasheet
1Mb / 8P
   P-Channel 20-V (D-S) MOSFET Halogen-free
DTM4913 DINTEK-DTM4913 Datasheet
1Mb / 8P
   Dual P-Channel 20-V (D-S) MOSFET Halogen-free
DTS2301S DINTEK-DTS2301S_13 Datasheet
2Mb / 9P
   P-Channel 20 V (D-S) 175 C MOSFET Halogen-free
DTL15P03 DINTEK-DTL15P03_13 Datasheet
1Mb / 8P
   P-Channel 30-V (D-S) MOSFET Halogen-free
DTS3401A DINTEK-DTS3401A_13 Datasheet
465Kb / 9P
   P-Channel 30-V (D-S) MOSFET Halogen-free
DTS7001 DINTEK-DTS7001 Datasheet
1Mb / 7P
   P-Channel 60 V (D-S) MOSFET Halogen-free
DTS64011 DINTEK-DTS64011 Datasheet
437Kb / 7P
   P-Channel 60 V (D-S) MOSFET Halogen-free
DTS1003 DINTEK-DTS1003 Datasheet
1Mb / 8P
   P-Channel 100-V (D-S) MOSFET Halogen-free
DTS2312 DINTEK-DTS2312_13 Datasheet
397Kb / 9P
   N-Channel 20 V (D-S) MOSFET Halogen-free
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com