Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DTP4N60 Datasheet(PDF) 7 Page - DinTek Semiconductor Co,.Ltd

Part # DTP4N60
Description  Power MOSFET Reduced Gate Drive Requirement
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DINTEK [DinTek Semiconductor Co,.Ltd]
Direct Link  http://www.daysemi.jp/
Logo DINTEK - DinTek Semiconductor Co,.Ltd

DTP4N60 Datasheet(HTML) 7 Page - DinTek Semiconductor Co,.Ltd

Back Button DTP4N60 Datasheet HTML 3Page - DinTek Semiconductor Co,.Ltd DTP4N60 Datasheet HTML 4Page - DinTek Semiconductor Co,.Ltd DTP4N60 Datasheet HTML 5Page - DinTek Semiconductor Co,.Ltd DTP4N60 Datasheet HTML 6Page - DinTek Semiconductor Co,.Ltd DTP4N60 Datasheet HTML 7Page - DinTek Semiconductor Co,.Ltd DTP4N60 Datasheet HTML 8Page - DinTek Semiconductor Co,.Ltd DTP4N60 Datasheet HTML 9Page - DinTek Semiconductor Co,.Ltd DTP4N60 Datasheet HTML 10Page - DinTek Semiconductor Co,.Ltd DTP4N60 Datasheet HTML 11Page - DinTek Semiconductor Co,.Ltd  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
1
TO-220AB
Notes
* M = 1.32 mm to 1.62 mm (dimension including protrusion)
Heatsink hole for HVM
M*
3
2
1
Ø P
A
F
J(1)
b(1)
e(1)
e
E
b
C
MILLIMETERS
INCHES
DIM.
MIN.
MAX.
MIN.
MAX.
A
4.25
4.65
0.167
0.183
b
0.69
1.01
0.027
0.040
b(1)
1.20
1.73
0.047
0.068
c
0.36
0.61
0.014
0.024
D
14.85
15.49
0.585
0.610
E
10.04
10.51
0.395
0.414
e
2.41
2.67
0.095
0.105
e(1)
4.88
5.28
0.192
0.208
F
1.14
1.40
0.045
0.055
H(1)
6.09
6.48
0.240
0.255
J(1)
2.41
2.92
0.095
0.115
L
13.35
14.02
0.526
0.552
L(1)
3.32
3.82
0.131
0.150
Ø P
3.54
3.94
0.139
0.155
Q
2.60
3.00
0.102
0.118
ECN: X12-0208-Rev. N, 08-Oct-12
DWG: 5471
Package Information
www.din-tek.jp


Similar Part No. - DTP4N60

ManufacturerPart #DatasheetDescription
logo
DinTek Semiconductor Co...
DTP4N60 DINTEK-DTP4N60 Datasheet
249Kb / 8P
   Reduced Gate Drive Requirement
More results

Similar Description - DTP4N60

ManufacturerPart #DatasheetDescription
logo
DinTek Semiconductor Co...
DTP4N60 DINTEK-DTP4N60 Datasheet
249Kb / 8P
   Reduced Gate Drive Requirement
logo
Advanced Power Electron...
AP3310GH-HF A-POWER-AP3310GH-HF Datasheet
111Kb / 6P
   Simple Drive Requirement, 2.5V Gate Drive Capability
AP9452AGG-HF A-POWER-AP9452AGG-HF Datasheet
99Kb / 4P
   Capable of 2.5V Gate Drive, Single Drive Requirement
AP2612GY-HF A-POWER-AP2612GY-HF Datasheet
101Kb / 4P
   Capable of 1.8V Gate Drive, Simple Drive Requirement
AP2322GN-HF A-POWER-AP2322GN-HF Datasheet
96Kb / 4P
   Capable of 1.8V gate drive, Simple Drive Requirement
AP3405GH-HF A-POWER-AP3405GH-HF Datasheet
98Kb / 4P
   Lower Gate Charge, Simple Drive Requirement
AP4963GEM-HF A-POWER-AP4963GEM-HF Datasheet
101Kb / 4P
   Simple Drive Requirement, Lower Gate Charge
AP70T03GJ-HF A-POWER-AP70T03GJ-HF Datasheet
103Kb / 4P
   Simple Drive Requirement, Low Gate Charge
AP9435GK-HF A-POWER-AP9435GK-HF Datasheet
100Kb / 4P
   Simple Drive Requirement, Low Gate Charge
AP9563GH-HF A-POWER-AP9563GH-HF Datasheet
105Kb / 4P
   Lower Gate Charge, Simple Drive Requirement
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com