Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DTL15N03 Datasheet(PDF) 1 Page - DinTek Semiconductor Co,.Ltd

Part # DTL15N03
Description  N-Channel 30-V (D-S) MOSFET Halogen-free
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DINTEK [DinTek Semiconductor Co,.Ltd]
Direct Link  http://www.daysemi.jp/
Logo DINTEK - DinTek Semiconductor Co,.Ltd

DTL15N03 Datasheet(HTML) 1 Page - DinTek Semiconductor Co,.Ltd

  DTL15N03 Datasheet HTML 1Page - DinTek Semiconductor Co,.Ltd DTL15N03 Datasheet HTML 2Page - DinTek Semiconductor Co,.Ltd DTL15N03 Datasheet HTML 3Page - DinTek Semiconductor Co,.Ltd DTL15N03 Datasheet HTML 4Page - DinTek Semiconductor Co,.Ltd DTL15N03 Datasheet HTML 5Page - DinTek Semiconductor Co,.Ltd DTL15N03 Datasheet HTML 6Page - DinTek Semiconductor Co,.Ltd DTL15N03 Datasheet HTML 7Page - DinTek Semiconductor Co,.Ltd DTL15N03 Datasheet HTML 8Page - DinTek Semiconductor Co,.Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
1
N-Channel 30-V (D-S) MOSFET
FEATURES
Halogen-free
TrenchFET® Gen III Power MOSFET
100 % Rg Tested
100 % UIS Tested
APPLICATIONS
DC/DC Conversion
- System Power
PRODUCT SUMMARY
VDS (V)
RDS(on) (Ω)
ID (A)
a, g
Qg (Typ.)
30
0.0135 at VGS = 10 V
15
7.3 nC
0.0165 at VGS = 4.5 V
15
N-Channel MOSFET
G
D
S
Notes:
a. Based on TC = 25 °C.
b. Surface Mounted on 1" x 1" FR4 board.
c. t = 10 s.
ABSOLUTE MAXIMUM RATINGS TA = 25 °C, unless otherwise noted
Parameter
Symbol
Limit
Unit
Drain-Source Voltage
VDS
30
V
Gate-Source Voltage
VGS
± 20
Continuous Drain Current (TJ = 150 °C)
TC = 25 °C
ID
15
A
TC = 70 °C
13
TA = 25 °C
12b, c
TA = 70 °C
9.5b, c
Pulsed Drain Current
IDM
32
Avalanche Current
L = 0.1 mH
IAS
15
Avalanche Energy
EAS
11.25
mJ
Continuous Source-Drain Diode Current
TC = 25 °C
IS
15
A
TA = 25 °C
2.9b, c
Maximum Power Dissipation
TC = 25 °C
PD
27.7
W
TC = 70 °C
17.7
TA = 25 °C
3.5b, c
TA = 70 °C
2.2b, c
Operating Junction and Storage Temperature Range
TJ, Tstg
- 55 to 150
°C
Soldering Recommendations (Peak Temperature)
260
THERMAL RESISTANCE RATINGS
Parameter
Symbol
Typical
Maximum
Unit
Maximum Junction-to-Ambient
t
≤ 10 s
RthJA
29
36
°C/W
Maximum Junction-to-Case (Drain)
Steady State
RthJC
3.6
4.5
RoHS
COMPLIANT
TO-251
S
D
G
Top View
www.din-tek.jp
DTL15N03


Similar Part No. - DTL15N03

ManufacturerPart #DatasheetDescription
logo
DinTek Semiconductor Co...
DTL15N03 DINTEK-DTL15N03 Datasheet
234Kb / 8P
   N-Channel 30-V (D-S) MOSFET
More results

Similar Description - DTL15N03

ManufacturerPart #DatasheetDescription
logo
DinTek Semiconductor Co...
DTS6504 DINTEK-DTS6504_13 Datasheet
2Mb / 9P
   N-Channel 30 V (D-S) MOSFET Halogen-free
DTU09N03 DINTEK-DTU09N03_13 Datasheet
1Mb / 8P
   N-Channel 30 V (D-S) MOSFET Halogen-free
DTU50N03 DINTEK-DTU50N03_13 Datasheet
1Mb / 8P
   N-Channel 30 V (D-S) MOSFET Halogen-free
DTP9530 DINTEK-DTP9530_13 Datasheet
2Mb / 8P
   N-Channel 30-V (D-S) MOSFET Halogen-free
DTS3400A DINTEK-DTS3400A Datasheet
1Mb / 9P
   N-Channel 30-V (D-S) MOSFET Halogen-free
DTU06N03 DINTEK-DTU06N03_13 Datasheet
804Kb / 9P
   N-Channel 30-V (D-S) MOSFET Halogen-free
DTU70N03 DINTEK-DTU70N03_13 Datasheet
1Mb / 8P
   N-Channel 30-V (D-S) MOSFET Halogen-free
DTM4420B DINTEK-DTM4420B Datasheet
1Mb / 9P
   N-Channel 30-V (D-S) MOSFET Halogen-free
DTC3058 DINTEK-DTC3058_13 Datasheet
1Mb / 8P
   N-Channel 30-V (D-S) MOSFET Halogen-free
DTL40N03 DINTEK-DTL40N03_13 Datasheet
1Mb / 8P
   N-Channel 30-V (D-S) MOSFET Halogen-free
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com