Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UCC2818PW Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # UCC2818PW
Description  BiCMOS POWER FACTOR PREREGULATOR
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

UCC2818PW Datasheet(HTML) 9 Page - Texas Instruments

Back Button UCC2818PW Datasheet HTML 5Page - Texas Instruments UCC2818PW Datasheet HTML 6Page - Texas Instruments UCC2818PW Datasheet HTML 7Page - Texas Instruments UCC2818PW Datasheet HTML 8Page - Texas Instruments UCC2818PW Datasheet HTML 9Page - Texas Instruments UCC2818PW Datasheet HTML 10Page - Texas Instruments UCC2818PW Datasheet HTML 11Page - Texas Instruments UCC2818PW Datasheet HTML 12Page - Texas Instruments UCC2818PW Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 32 page
background image
UCC2817, UCC2818, UCC3817, UCC3818
BiCMOS POWER FACTOR PREREGULATOR
SLUS395J - FEBRUARY 2000 - REVISED MARCH 2009
9
www.ti.com
APPLICATION INFORMATION
Conduction loss is calculated as the product of the RDS(on) of the switch (at the worst case junction temperature)
and the square of RMS current:
P
COND +
R
DS(on)
K
I2
RMS
where K is the temperature factor found in the manufacturer’s RDS(on) vs. junction temperature curves.
Calculating these losses and plotting against frequency gives a curve that enables the designer to determine
either which manufacturer’s device has the best performance at the desired switching frequency, or which
switching frequency has the least total loss for a particular power switch. For this design example an IRFP450
HEXFET from International Rectifier was chosen because of its low RDS(on) and its VDSS rating. The IRFP450’s
RDS(on) of 0.4 Ω and the maximum VDSS of 500 V made it an ideal choice. An excellent review of this procedure
can be found in the Unitrode Power Supply Design Seminar SEM1200, Topic 6, Design Review: 140 W, [Multiple
Output High Density DC/DC Converter].
softstart
The softstart circuitry is used to prevent overshoot of the output voltage during start up. This is accomplished
by bringing up the voltage amplifier’s output (VVAOUT) slowly which allows for the PWM duty cycle to increase
slowly. Please use the following equation to select a capacitor for the softstart pin.
In this example tDELAY is equal to 7.5 ms, which would yield a CSS of 10 nF.
C
SS +
10
mA
t
DELAY
7.5 V
In an open-loop test circuit, shorting the softstart pin to ground does not ensure 0% duty cycle. This is due to
the current amplifiers input offset voltage, which could force the current amplifier output high or low depending
on the polarity of the offset voltage. However, in the typical application there is sufficient amount of inrush and
bias current to overcome the current amplifier’s offset voltage.
multiplier
The output of the multiplier of the UCC3817 is a signal representing the desired input line current. It is an input
to the current amplifier, which programs the current loop to control the input current to give high power factor
operation. As such, the proper functioning of the multiplier is key to the success of the design. The inputs to the
multiplier are VAOUT, the voltage amplifier error signal, IIAC, a representation of the input rectified ac line
voltage, and an input voltage feedforward signal, VVFF. The output of the multiplier, IMOUT, can be expressed
as:
I
MOUT +
I
IAC
V
VAOUT *
1
K
V
VFF
2
where K is a constant typically equal to 1
V
.
The
electrical characteristics table covers all the required operating conditions for designing with the
multiplier. Additionally, curves in figures 10, 11, and 12 provide typical multiplier characteristics over its entire
operating range.


Similar Part No. - UCC2818PW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC2818PW TI-UCC2818PW Datasheet
923Kb / 31P
[Old version datasheet]   BCMOS POWER FACTOR PREREGULATOR
UCC2818PWG4 TI-UCC2818PWG4 Datasheet
923Kb / 31P
[Old version datasheet]   BCMOS POWER FACTOR PREREGULATOR
More results

Similar Description - UCC2818PW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC2817-EP TI-UCC2817-EP Datasheet
599Kb / 23P
[Old version datasheet]   BiCMOS POWER-FACTOR PREREGULATOR
UCC2817 TI-UCC2817 Datasheet
528Kb / 14P
[Old version datasheet]   BiCMOS POWER FACTOR PREREGULATOR
UCC2817A TI-UCC2817A Datasheet
638Kb / 33P
[Old version datasheet]   BiCMOS POWER FACTOR PREREGULATOR
UCC2818A-Q1 TI1-UCC2818A-Q1 Datasheet
494Kb / 23P
[Old version datasheet]   BiCMOS POWER-FACTOR PREREGULATOR
UCC2817-EP TI-UCC2817-EP_15 Datasheet
477Kb / 24P
[Old version datasheet]   UCC2818A-Q1 BiCMOS Power-Factor Preregulator
UC2853A TI-UC2853A Datasheet
411Kb / 10P
[Old version datasheet]   High Power Factor Preregulator
UC1854 TI-UC1854 Datasheet
281Kb / 9P
[Old version datasheet]   High Power Factor Preregulator
UC2853A TI1-UC2853A_16 Datasheet
854Kb / 9P
[Old version datasheet]   High Power Factor Preregulator
UC1854 TI-UC1854_08 Datasheet
473Kb / 13P
[Old version datasheet]   High Power Factor Preregulator
logo
TOKO, Inc
TK83854 TOKO-TK83854 Datasheet
109Kb / 12P
   HIGH POWER FACTOR PREREGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com