Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DTL15P03 Datasheet(PDF) 6 Page - DinTek Semiconductor Co,.Ltd

Part # DTL15P03
Description  P-Channel 30-V (D-S) MOSFET Halogen-free
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DINTEK [DinTek Semiconductor Co,.Ltd]
Direct Link  http://www.daysemi.jp/
Logo DINTEK - DinTek Semiconductor Co,.Ltd

DTL15P03 Datasheet(HTML) 6 Page - DinTek Semiconductor Co,.Ltd

  DTL15P03_13 Datasheet HTML 1Page - DinTek Semiconductor Co,.Ltd DTL15P03_13 Datasheet HTML 2Page - DinTek Semiconductor Co,.Ltd DTL15P03_13 Datasheet HTML 3Page - DinTek Semiconductor Co,.Ltd DTL15P03_13 Datasheet HTML 4Page - DinTek Semiconductor Co,.Ltd DTL15P03_13 Datasheet HTML 5Page - DinTek Semiconductor Co,.Ltd DTL15P03_13 Datasheet HTML 6Page - DinTek Semiconductor Co,.Ltd DTL15P03_13 Datasheet HTML 7Page - DinTek Semiconductor Co,.Ltd DTL15P03_13 Datasheet HTML 8Page - DinTek Semiconductor Co,.Ltd  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
6
TYPICAL CHARACTERISTICS 25 °C, unless otherwise noted
Normalized Thermal Transient Impedance, Junction-to-Ambient
10-3
10-2
1
10
1000
10-1
10-4
100
0.2
0.1
0.05
Square WavePulse Duration (s)
1
0.1
0.01
Single Pulse
t1
t2
Notes:
PDM
1. Duty Cycle, D =
2. Per Unit Base = RthJA =110 °C/W
3. TJM -TA =PDMZthJA(t)
t1
t2
4. Surface Mounted
Duty Cycle = 0.5
0.02
Normalized Thermal Transient Impedance, Junction-to-Case
1
0.1
0.01
0.2
Duty Cycle = 0.5
Square WavePulse Duration (s)
Single Pulse
0.1
10-3
10-2
1
10-1
10-4
0.02
0.05
www.din-tek.jp
DTL15P03


Similar Part No. - DTL15P03_13

ManufacturerPart #DatasheetDescription
logo
DinTek Semiconductor Co...
DTL15P03 DINTEK-DTL15P03 Datasheet
266Kb / 8P
   P-Channel 30-V (D-S) MOSFET
More results

Similar Description - DTL15P03_13

ManufacturerPart #DatasheetDescription
logo
DinTek Semiconductor Co...
DTS3401A DINTEK-DTS3401A_13 Datasheet
465Kb / 9P
   P-Channel 30-V (D-S) MOSFET Halogen-free
DTC3059 DINTEK-DTC3059_13 Datasheet
1Mb / 8P
   P-Channel 30-V (D-S) MOSFET Halogen-free
DTM4431 DINTEK-DTM4431 Datasheet
1Mb / 9P
   P-Channel 30 V (D-S) MOSFET Halogen-free
DTM9435 DINTEK-DTM9435_13 Datasheet
1Mb / 8P
   P-Channel 30-V (D-S) MOSFET Halogen-free
DTM4425 DINTEK-DTM4425_13 Datasheet
1Mb / 9P
   P-Channel 30-V (D-S) MOSFET Halogen-free
DTS3401 DINTEK-DTS3401_13 Datasheet
1Mb / 8P
   P-Channel 30-V (D-S) MOSFET Halogen-free
DTS6503 DINTEK-DTS6503_13 Datasheet
2Mb / 9P
   P-Channel 30-V (D-S) MOSFET Halogen-free
DTU15P03 DINTEK-DTU15P03_13 Datasheet
1Mb / 9P
   P-Channel 30-V (D-S) MOSFET Halogen-free
DTM4953A DINTEK-DTM4953A Datasheet
1Mb / 7P
   Dual P-Channel 30-V (D-S) MOSFET Halogen-free
DTM4925 DINTEK-DTM4925 Datasheet
1Mb / 9P
   Dual P-Channel 30-V (D-S) MOSFET Halogen-free
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com