Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DTL19P10 Datasheet(PDF) 4 Page - DinTek Semiconductor Co,.Ltd

Part # DTL19P10
Description  P-Channel 100-V (D-S) MOSFET Halogen-free Option Available
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DINTEK [DinTek Semiconductor Co,.Ltd]
Direct Link  http://www.daysemi.jp/
Logo DINTEK - DinTek Semiconductor Co,.Ltd

DTL19P10 Datasheet(HTML) 4 Page - DinTek Semiconductor Co,.Ltd

  DTL19P10 Datasheet HTML 1Page - DinTek Semiconductor Co,.Ltd DTL19P10 Datasheet HTML 2Page - DinTek Semiconductor Co,.Ltd DTL19P10 Datasheet HTML 3Page - DinTek Semiconductor Co,.Ltd DTL19P10 Datasheet HTML 4Page - DinTek Semiconductor Co,.Ltd DTL19P10 Datasheet HTML 5Page - DinTek Semiconductor Co,.Ltd DTL19P10 Datasheet HTML 6Page - DinTek Semiconductor Co,.Ltd DTL19P10 Datasheet HTML 7Page - DinTek Semiconductor Co,.Ltd DTL19P10 Datasheet HTML 8Page - DinTek Semiconductor Co,.Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
4
TYPICAL CHARACTERISTICS
25 °C, unless otherwise noted
Source-Drain Diode Forward Voltage
Threshold Voltage
1
10
100
25 °C
TJ = 150 °C
VSD - Source-to-Drain Voltage (V)
1.2
1.5
0.0
0.3
0.6
0.9
- 0.4
- 0.2
0.0
0.2
0.4
0.6
0.8
- 50
- 25
0
25
50
75
100
125
150
ID = 250 µA
TJ - Temperature (°C)
ID = 5 mA
On-Resistance vs. Gate-to-Source Voltage
Single Pulse Power, Junction-to-Ambient
0.0
0.2
0.4
0.6
0.8
1.0
01
23
45
6
7
8
910
VGS - Gate-to-Source Voltage (V)
25 °C
125 °C
0
30
50
10
20
Time (s)
40
10
1000
1
0.1
0.001
100
0.01
Safe Operating Area, Junction-to-Ambient
1 ms
10 ms
100 ms
DC
1 s
10 s
100
1
0.01
10
0.1
0.1
VDS - Drain-to-Source Voltage (V)
* VGS
minimum VGS at which RDS(on) is specified
TA = 25 °C
Single Pulse
Limited by RDS(on)*
1
10
100
www.din-tek.jp
DTL19P10


Similar Part No. - DTL19P10

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
DTL1553-1 PULSE-DTL1553-1 Datasheet
377Kb / 4P
   MILITARY/AEROSPACE
DTL1553-2 PULSE-DTL1553-2 Datasheet
377Kb / 4P
   MILITARY/AEROSPACE
DTL1553-3 PULSE-DTL1553-3 Datasheet
377Kb / 4P
   MILITARY/AEROSPACE
DTL1553-45 PULSE-DTL1553-45 Datasheet
377Kb / 4P
   MILITARY/AEROSPACE
DTL1553-5 PULSE-DTL1553-5 Datasheet
377Kb / 4P
   MILITARY/AEROSPACE
More results

Similar Description - DTL19P10

ManufacturerPart #DatasheetDescription
logo
DinTek Semiconductor Co...
DTS1003 DINTEK-DTS1003 Datasheet
1Mb / 8P
   P-Channel 100-V (D-S) MOSFET Halogen-free
DTU15P10 DINTEK-DTU15P10_13 Datasheet
606Kb / 9P
   P-Channel 100 V (D-S) MOSFET Halogen-free
DTU19P10 DINTEK-DTU19P10 Datasheet
1Mb / 8P
   P-Channel 100 V (D-S) MOSFET Halogen-free
DTL15P03 DINTEK-DTL15P03_13 Datasheet
1Mb / 8P
   P-Channel 30-V (D-S) MOSFET Halogen-free
DTS3401A DINTEK-DTS3401A_13 Datasheet
465Kb / 9P
   P-Channel 30-V (D-S) MOSFET Halogen-free
DTS7001 DINTEK-DTS7001 Datasheet
1Mb / 7P
   P-Channel 60 V (D-S) MOSFET Halogen-free
DTS64011 DINTEK-DTS64011 Datasheet
437Kb / 7P
   P-Channel 60 V (D-S) MOSFET Halogen-free
DTC3059 DINTEK-DTC3059_13 Datasheet
1Mb / 8P
   P-Channel 30-V (D-S) MOSFET Halogen-free
DTM4431 DINTEK-DTM4431 Datasheet
1Mb / 9P
   P-Channel 30 V (D-S) MOSFET Halogen-free
DTM9435 DINTEK-DTM9435_13 Datasheet
1Mb / 8P
   P-Channel 30-V (D-S) MOSFET Halogen-free
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com