Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BR24G08F-3E2 Datasheet(PDF) 6 Page - Rohm

Part # BR24G08F-3E2
Description  Serial EEPROM Series Standard EEPROM I2C BUS EEPROM (2-Wire)
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BR24G08F-3E2 Datasheet(HTML) 6 Page - Rohm

Back Button BR24G08F-3E2 Datasheet HTML 2Page - Rohm BR24G08F-3E2 Datasheet HTML 3Page - Rohm BR24G08F-3E2 Datasheet HTML 4Page - Rohm BR24G08F-3E2 Datasheet HTML 5Page - Rohm BR24G08F-3E2 Datasheet HTML 6Page - Rohm BR24G08F-3E2 Datasheet HTML 7Page - Rohm BR24G08F-3E2 Datasheet HTML 8Page - Rohm BR24G08F-3E2 Datasheet HTML 9Page - Rohm BR24G08F-3E2 Datasheet HTML 10Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 36 page
background image
Datasheet
6/33
BR24G08-3
09.Mar.2013 Rev.002
©2013 ROHM Co., Ltd. All rights reserved.
TSZ22111・15・001
www.rohm.com
TSZ02201-0R2R0G100190-1-2
Figure 11. Supply Current (Read) vs. Supply Voltage
(fSCL=400kHz)
Figure 8. Input Leakage Current vs. Supply Voltage
(A2, SCL, WP)
Figure 9. Output Leakage Current vs. Supply Voltage
(SDA)
Figure 10. Supply Current (Write) vs. Supply Voltage
(fSCL=400kHz)
Typical Performance Curves‐Continued
0
0.2
0.4
0.6
0.8
1
1.2
01
23
456
Supply Voltage: Vcc(v)
Ta=-40
Ta= 25
Ta= 85
SPEC
0
0.2
0.4
0.6
0.8
1
1.2
01
23
456
Supply Voltage: Vcc(v)
Ta=-40
Ta= 25
Ta= 85
SPEC
0
0.5
1
1.5
2
2.5
3
012
3456
Supply Voltage: Vcc(v)
Ta=-40
Ta= 25
Ta= 85
SPEC
0
0.1
0.2
0.3
0.4
0.5
0.6
01
23
45
6
Supply Voltage: Vcc(V)
SPEC
Ta=-40℃
Ta= 25℃
Ta= 85℃


Similar Part No. - BR24G08F-3E2

ManufacturerPart #DatasheetDescription
logo
Rohm
BR24G08F-3 ROHM-BR24G08F-3 Datasheet
981Kb / 37P
   I2C BUS EEPROM (2-Wire)
BR24G08F-3A ROHM-BR24G08F-3A Datasheet
1Mb / 36P
   I2C BUS EEPROM (2-Wire)
More results

Similar Description - BR24G08F-3E2

ManufacturerPart #DatasheetDescription
logo
Rohm
BR24G16-3 ROHM-BR24G16-3 Datasheet
522Kb / 36P
   Serial EEPROM Series Standard EEPROM I2C BUS EEPROM (2-Wire)
BR24G32-3 ROHM-BR24G32-3 Datasheet
532Kb / 36P
   Serial EEPROM Series Standard EEPROM I2C BUS EEPROM (2-Wire)
BR24G128-3 ROHM-BR24G128-3 Datasheet
525Kb / 36P
   Serial EEPROM Series Standard EEPROM I2C BUS EEPROM (2-Wire)
BR24G01-3 ROHM-BR24G01-3 Datasheet
526Kb / 36P
   Serial EEPROM Series Standard EEPROM I2C BUS EEPROM (2-Wire)
BR24G128-3A ROHM-BR24G128-3A Datasheet
868Kb / 38P
   Serial EEPROM Series Standard EEPROM I2C BUS EEPROM (2-Wire)
BR24G02-3 ROHM-BR24G02-3 Datasheet
529Kb / 36P
   Serial EEPROM Series Standard EEPROM I2C BUS EEPROM (2-Wire)
BR24G04-3 ROHM-BR24G04-3 Datasheet
524Kb / 36P
   Serial EEPROM Series Standard EEPROM I2C BUS EEPROM (2-Wire)
BR24G64-3 ROHM-BR24G64-3 Datasheet
524Kb / 36P
   Serial EEPROM Series Standard EEPROM I2C BUS EEPROM (2-Wire)
BR24G512-3A ROHM-BR24G512-3A Datasheet
768Kb / 33P
   Serial EEPROM Series Standard EEPROM I2C BUS EEPROM (2-Wire)
24L01AFJ-W ROHM-24L01AFJ-W Datasheet
705Kb / 39P
   Serial EEPROM Series Standard EEPROM I2C BUS EEPROM (2-Wire)
Rev.001
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com