Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BR24G16F-3E2 Datasheet(PDF) 4 Page - Rohm

Part # BR24G16F-3E2
Description  Serial EEPROM Series Standard EEPROM I2C BUS EEPROM (2-Wire)
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BR24G16F-3E2 Datasheet(HTML) 4 Page - Rohm

  BR24G16F-3E2 Datasheet HTML 1Page - Rohm BR24G16F-3E2 Datasheet HTML 2Page - Rohm BR24G16F-3E2 Datasheet HTML 3Page - Rohm BR24G16F-3E2 Datasheet HTML 4Page - Rohm BR24G16F-3E2 Datasheet HTML 5Page - Rohm BR24G16F-3E2 Datasheet HTML 6Page - Rohm BR24G16F-3E2 Datasheet HTML 7Page - Rohm BR24G16F-3E2 Datasheet HTML 8Page - Rohm BR24G16F-3E2 Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 36 page
background image
Datasheet
4/33
BR24G16-3
TSZ02201-0R2R0G100200-1-2
25.Feb.2013 Rev.002
©2013 ROHM Co., Ltd. All rights reserved.
TSZ22111・15・001
www.rohm.com
Block Diagram
Figure 3. Block Diagram
Pin Configuration
(TOP VIEW)
Pin Descriptions
Terminal
Name
Input/
Output
Descriptions
A0
-
Don’t use
(1)
A1
-
Don’t use
(1)
A2
-
Don’t use
(1)
GND
-
Reference voltage of all input / output, 0V
SDA
Input/
Output
Serial data input serial data output
SCL
Input
Serial clock input
WP
Input
Write protect terminal
VCC
-
Connect the power source.
(1)
Pins not used as device address may be set to any of ‘H’, 'L', and 'Hi-Z'.
16Kbit
EEPROM
array
11bit
2
5
6
VCC
SCL
GND
BR24G16-3
1
3
4
7
8
WP
SDA
A2
A1
A0
8
7
6
5
4
3
2
1
SDA
SCL
WP
VCC
GND
A2
A1
A0
16Kbit EEPROM array
Address
Decoder
Word
Address
Register
Data
Register
Control Circuit
High Voltage
Generating Circuit
Power Source
Voltage Detection
8bit
ACK
START
STOP


Similar Part No. - BR24G16F-3E2

ManufacturerPart #DatasheetDescription
logo
Rohm
BR24G16F-3A ROHM-BR24G16F-3A Datasheet
820Kb / 36P
   I2C BUS EEPROM (2-Wire)
BR24G16F-3GTE2 ROHM-BR24G16F-3GTE2 Datasheet
1Mb / 40P
   I2C BUS EEPROM (2-Wire)
More results

Similar Description - BR24G16F-3E2

ManufacturerPart #DatasheetDescription
logo
Rohm
BR24G08-3 ROHM-BR24G08-3 Datasheet
1Mb / 36P
   Serial EEPROM Series Standard EEPROM I2C BUS EEPROM (2-Wire)
BR24G32-3 ROHM-BR24G32-3 Datasheet
532Kb / 36P
   Serial EEPROM Series Standard EEPROM I2C BUS EEPROM (2-Wire)
BR24G128-3 ROHM-BR24G128-3 Datasheet
525Kb / 36P
   Serial EEPROM Series Standard EEPROM I2C BUS EEPROM (2-Wire)
BR24G01-3 ROHM-BR24G01-3 Datasheet
526Kb / 36P
   Serial EEPROM Series Standard EEPROM I2C BUS EEPROM (2-Wire)
BR24G128-3A ROHM-BR24G128-3A Datasheet
868Kb / 38P
   Serial EEPROM Series Standard EEPROM I2C BUS EEPROM (2-Wire)
BR24G02-3 ROHM-BR24G02-3 Datasheet
529Kb / 36P
   Serial EEPROM Series Standard EEPROM I2C BUS EEPROM (2-Wire)
BR24G04-3 ROHM-BR24G04-3 Datasheet
524Kb / 36P
   Serial EEPROM Series Standard EEPROM I2C BUS EEPROM (2-Wire)
BR24G64-3 ROHM-BR24G64-3 Datasheet
524Kb / 36P
   Serial EEPROM Series Standard EEPROM I2C BUS EEPROM (2-Wire)
BR24G512-3A ROHM-BR24G512-3A Datasheet
768Kb / 33P
   Serial EEPROM Series Standard EEPROM I2C BUS EEPROM (2-Wire)
24L01AFJ-W ROHM-24L01AFJ-W Datasheet
705Kb / 39P
   Serial EEPROM Series Standard EEPROM I2C BUS EEPROM (2-Wire)
Rev.001
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com