Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DTM4410 Datasheet(PDF) 5 Page - DinTek Semiconductor Co,.Ltd

Part # DTM4410
Description  N-Channel 30-V (D-S) MOSFET 100 % Rg and UIS Tested
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DINTEK [DinTek Semiconductor Co,.Ltd]
Direct Link  http://www.daysemi.jp/
Logo DINTEK - DinTek Semiconductor Co,.Ltd

DTM4410 Datasheet(HTML) 5 Page - DinTek Semiconductor Co,.Ltd

  DTM4410_13 Datasheet HTML 1Page - DinTek Semiconductor Co,.Ltd DTM4410_13 Datasheet HTML 2Page - DinTek Semiconductor Co,.Ltd DTM4410_13 Datasheet HTML 3Page - DinTek Semiconductor Co,.Ltd DTM4410_13 Datasheet HTML 4Page - DinTek Semiconductor Co,.Ltd DTM4410_13 Datasheet HTML 5Page - DinTek Semiconductor Co,.Ltd DTM4410_13 Datasheet HTML 6Page - DinTek Semiconductor Co,.Ltd DTM4410_13 Datasheet HTML 7Page - DinTek Semiconductor Co,.Ltd DTM4410_13 Datasheet HTML 8Page - DinTek Semiconductor Co,.Ltd DTM4410_13 Datasheet HTML 9Page - DinTek Semiconductor Co,.Ltd  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
5
TYPICAL CHARACTERISTICS 25 °C, unless otherwise noted
* The power dissipation PD is based on TJ(max) = 150 °C, using junction-to-case thermal resistance, and is more useful in settling the upper
dissipation limit for cases where additional heatsinking is used. It is used to determine the current rating, when this rating falls below the package
limit.
Current Derating*
0
4
8
12
16
20
0
25
50
75
100
125
150
TC - Case Temperature (°C)
Power, Junction-to-Ambient
0.0
1.2
2.4
3.6
4.8
6.0
0
25
50
75
100
125
150
TC - Case Temperature (°C)
Power Derating, Junction-to-Foot
0.0
0.4
0.8
1.2
1.6
2.0
0
25
50
75
100
125
150
TA -Ambient Temperature (°C)
www.din-tek.jp
DTM4410


Similar Part No. - DTM4410_13

ManufacturerPart #DatasheetDescription
logo
DinTek Semiconductor Co...
DTM4410 DINTEK-DTM4410 Datasheet
303Kb / 9P
   N-Channel 30-V (D-S) MOSFET
More results

Similar Description - DTM4410_13

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TSM4NC50CP TSC-TSM4NC50CP Datasheet
436Kb / 6P
   100% UIS and Rg tested
logo
Vishay Siliconix
SIR880DP VISHAY-SIR880DP Datasheet
126Kb / 7P
   N-Channel 80 V (D-S) MOSFET 100 % UIS Tested
Rev. A, 22-Mar-10
logo
DinTek Semiconductor Co...
DTM4415 DINTEK-DTM4415_13 Datasheet
1Mb / 9P
   P-Channel 30-V (D-S) MOSFET 100 % Rg Tested
logo
Vishay Siliconix
SI4532DY VISHAY-SI4532DY Datasheet
123Kb / 7P
   N- and P-Channel 30-V (D-S) MOSFET
Rev. D, 23-Nov-93
SI3590DV VISHAY-SI3590DV_09 Datasheet
232Kb / 13P
   N- and P-Channel 30-V (D-S) MOSFET
Rev. C, 28-Sep-09
SI6544BDQ VISHAY-SI6544BDQ Datasheet
66Kb / 8P
   N-and P-Channel 30-V (D-S) MOSFET
Rev. A, 16-Jun-03
SI5511DC VISHAY-SI5511DC Datasheet
164Kb / 12P
   N- and P-Channel 30-V (D-S) MOSFET
Rev. B, 22-Oct-07
SI5504BDC VISHAY-SI5504BDC_10 Datasheet
152Kb / 12P
   N- and P-Channel 30 V (D-S) MOSFET
Rev. B, 08-Mar-10
logo
Guangdong Kexin Industr...
KI4544DY KEXIN-KI4544DY Datasheet
56Kb / 2P
   N- and P-Channel 30-V (D-S) MOSFET
logo
VBsemi Electronics Co.,...
AO4606A VBSEMI-AO4606A Datasheet
1Mb / 14P
   N- and P-Channel 30 V (D-S) MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com