Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UCC3818PWTRG4 Datasheet(PDF) 4 Page - Texas Instruments

Part # UCC3818PWTRG4
Description  BiCMOS POWER FACTOR PREREGULATOR
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

UCC3818PWTRG4 Datasheet(HTML) 4 Page - Texas Instruments

  UCC3818PWTRG4 Datasheet HTML 1Page - Texas Instruments UCC3818PWTRG4 Datasheet HTML 2Page - Texas Instruments UCC3818PWTRG4 Datasheet HTML 3Page - Texas Instruments UCC3818PWTRG4 Datasheet HTML 4Page - Texas Instruments UCC3818PWTRG4 Datasheet HTML 5Page - Texas Instruments UCC3818PWTRG4 Datasheet HTML 6Page - Texas Instruments UCC3818PWTRG4 Datasheet HTML 7Page - Texas Instruments UCC3818PWTRG4 Datasheet HTML 8Page - Texas Instruments UCC3818PWTRG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 32 page
background image
UCC2817, UCC2818, UCC3817, UCC3818
BiCMOS POWER FACTOR PREREGULATOR
SLUS395J - FEBRUARY 2000 - REVISED MARCH 2009
4
www.ti.com
electrical characteristics, TA = 0°C to 70°C for the UCC3817 and TA = −40°C to 85°C for the UCC2817, TA
= TJ, VCC = 12 V, RT = 22 kΩ, CT = 270 pF, (unless otherwise noted)
voltage reference section
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNITS
Input voltage
TA = 0°C to 70°C
7.387
7.5
7.613
V
Input voltage
TA = −40°C to 85°C
7.369
7.5
7.631
V
Load regulation
IREF = 1 mA to 2 mA
0
10
mV
Line regulation
VCC = 10.8 V to 15 V,
See Note 2
0
10
mV
Short-circuit current
VREF = 0 V
−20
−25
−50
mA
NOTES:
2. Reference variation for VCC < 10.8 V is shown in Figure 8.
oscillator section
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNITS
Initial accuracy
TA = 25°C
85
100
115
kHz
Voltage stability
VCC = 10.8 V to 15 V
−1
1
%
Total variation
Line, temp
80
120
kHz
Ramp peak voltage
4.5
5
5.5
V
Ramp amplitude voltage
(peak to peak)
3.5
4
4.5
V
peak current limit section
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNITS
PKLMT reference voltage
−15
15
mV
PKLMT propagation delay
150
350
500
ns
multiplier section
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNITS
IMOUT, high line, low power output
current, (0
°C to 85°C)
IAC = 500 µA,
VFF = 4.7 V,
VAOUT = 1.25 V
0
−6
−20
µA
IMOUT, high line, low power output
current, (−40
°C to 85°C)
IAC = 500 µA,
VFF = 4.7 V,
VAOUT = 1.25 V
0
−6
−23
µA
IMOUT, high line, high power output
current
IAC = 500 µA,
VFF = 4.7 V,
VAOUT = 5 V
−70
−90
−105
µA
IMOUT, low line, low power output
current
IAC = 150 µA,
VFF = 1.4 V,
VAOUT = 1.25 V
−10
−19
−50
µA
IMOUT, low line, high power output
current
IAC = 150 µA,
VFF = 1.4 V,
VAOUT = 5 V
−268
−300
−345
µA
IMOUT, IAC limited output current
IAC = 150 µA,
VFF = 1.3 V,
VAOUT = 5 V
−250
−300
−400
µA
Gain constant (K)
IAC = 300 µA,
VFF = 3 V,
VAOUT = 2.5 V
0.5
1
1.5
1/V
IMOUT, zero current
IAC = 150 µA,
VFF = 1.4 V,
VAOUT = 0.25 V
0
−2
µA
IMOUT, zero current
IAC = 500 µA,
VFF = 4.7 V,
VAOUT = 0.25 V
0
−2
µA
IMOUT, zero current, (0°C to 85°C)
IAC = 500 µA,
VFF = 4.7 V,
VAOUT = 0.5 V
0
−3
µA
IMOUT, zero current, (−40°C to 85°C)
IAC = 500 µA,
VFF = 4.7 V,
VAOUT = 0.5 V
0
−3.5
µA
Power limit (IMOUT x VFF)
IAC = 150 µA,
VFF = 1.4 V,
VAOUT = 5 V
−375
−420
−485
µW


Similar Part No. - UCC3818PWTRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC3818 TI-UCC3818 Datasheet
528Kb / 14P
[Old version datasheet]   BiCMOS POWER FACTOR PREREGULATOR
UCC3818 TI-UCC3818 Datasheet
923Kb / 31P
[Old version datasheet]   BCMOS POWER FACTOR PREREGULATOR
UCC3818A TI-UCC3818A Datasheet
638Kb / 33P
[Old version datasheet]   BiCMOS POWER FACTOR PREREGULATOR
UCC3818A TI1-UCC3818A Datasheet
946Kb / 31P
[Old version datasheet]   BiMOS POWER FACTOR PREREGULATOR
UCC3818AD TI-UCC3818AD Datasheet
638Kb / 33P
[Old version datasheet]   BiCMOS POWER FACTOR PREREGULATOR
More results

Similar Description - UCC3818PWTRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC2817-EP TI-UCC2817-EP Datasheet
599Kb / 23P
[Old version datasheet]   BiCMOS POWER-FACTOR PREREGULATOR
UCC2817 TI-UCC2817 Datasheet
528Kb / 14P
[Old version datasheet]   BiCMOS POWER FACTOR PREREGULATOR
UCC2817A TI-UCC2817A Datasheet
638Kb / 33P
[Old version datasheet]   BiCMOS POWER FACTOR PREREGULATOR
UCC2818A-Q1 TI1-UCC2818A-Q1 Datasheet
494Kb / 23P
[Old version datasheet]   BiCMOS POWER-FACTOR PREREGULATOR
UCC2817-EP TI-UCC2817-EP_15 Datasheet
477Kb / 24P
[Old version datasheet]   UCC2818A-Q1 BiCMOS Power-Factor Preregulator
UC2853A TI-UC2853A Datasheet
411Kb / 10P
[Old version datasheet]   High Power Factor Preregulator
UC1854 TI-UC1854 Datasheet
281Kb / 9P
[Old version datasheet]   High Power Factor Preregulator
UC2853A TI1-UC2853A_16 Datasheet
854Kb / 9P
[Old version datasheet]   High Power Factor Preregulator
UC1854 TI-UC1854_08 Datasheet
473Kb / 13P
[Old version datasheet]   High Power Factor Preregulator
logo
TOKO, Inc
TK83854 TOKO-TK83854 Datasheet
109Kb / 12P
   HIGH POWER FACTOR PREREGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com