Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DTM4830 Datasheet(PDF) 1 Page - DinTek Semiconductor Co,.Ltd

Part # DTM4830
Description  N-Channel 80 V (D-S) MOSFET Halogen-free
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DINTEK [DinTek Semiconductor Co,.Ltd]
Direct Link  http://www.daysemi.jp/
Logo DINTEK - DinTek Semiconductor Co,.Ltd

DTM4830 Datasheet(HTML) 1 Page - DinTek Semiconductor Co,.Ltd

  DTM4830 Datasheet HTML 1Page - DinTek Semiconductor Co,.Ltd DTM4830 Datasheet HTML 2Page - DinTek Semiconductor Co,.Ltd DTM4830 Datasheet HTML 3Page - DinTek Semiconductor Co,.Ltd DTM4830 Datasheet HTML 4Page - DinTek Semiconductor Co,.Ltd DTM4830 Datasheet HTML 5Page - DinTek Semiconductor Co,.Ltd DTM4830 Datasheet HTML 6Page - DinTek Semiconductor Co,.Ltd DTM4830 Datasheet HTML 7Page - DinTek Semiconductor Co,.Ltd DTM4830 Datasheet HTML 8Page - DinTek Semiconductor Co,.Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Symbol
VDS
VGS
IDM
IAR
EAR
TJ, TSTG
Symbol
Typ
Max
48
62.5
74
90
RθJL
32
40
A
Repetitive avalanche energy L=0.1mH
C
12.8
mJ
Avalanche Current
C
16
Pulsed Drain Current
C
Continuous Drain
Current
TA=25°C
TA=70°C
Junction and Storage Temperature Range
-55 to 150
°C
Thermal Characteristics
t ≤ 10s
°C/W
Parameter
RθJA
Units
Maximum Junction-to-Ambient
A
V
V
±30
Gate-Source Voltage
Drain-Source Voltage
80
Maximum
Units
Parameter
Absolute Maximum Ratings TA=25°C unless otherwise noted
A
ID
3.5
2.9
18
Power Dissipation
B
PD
W
2
TA=25°C
1.3
TA=70°C
Maximum Junction-to-Lead
Steady-State
°C/W
Steady-State
°C/W
Maximum Junction-to-Ambient
A D
G2
D2
S2
G1
D1
S1
PRODUCT SUMMARY
VDS (V)
RDS(on) ()ID (A)
a
Qg (Typ.)
80
0.075 at VGS = 10 V
3.5
7.3 nC
SO-8
5
6
7
8
Top View
2
3
4
1
FEATURES
Halogen-free According to IEC 61249-2-21
Definition
TrenchFET® Power MOSFET
100 % Rg and UIS Tested
Compliant to RoHS Directive 2002/95/EC
APPLICATIONS
DC/DC Conversion
- Notebook System Power
N-Channel 80 V (D-S) MOSFET
S1
G1
S2
G2
D1
D1
D2
D2
www.din-tek.jp
DTM4830


Similar Part No. - DTM4830

ManufacturerPart #DatasheetDescription
logo
DinTek Semiconductor Co...
DTM4830 DINTEK-DTM4830 Datasheet
311Kb / 8P
   N-Channel 80 V (D-S) MOSFET
More results

Similar Description - DTM4830

ManufacturerPart #DatasheetDescription
logo
DinTek Semiconductor Co...
DTS3400A DINTEK-DTS3400A Datasheet
1Mb / 9P
   N-Channel 30-V (D-S) MOSFET Halogen-free
DTL15N03 DINTEK-DTL15N03_13 Datasheet
1Mb / 8P
   N-Channel 30-V (D-S) MOSFET Halogen-free
DTS2312 DINTEK-DTS2312_13 Datasheet
397Kb / 9P
   N-Channel 20 V (D-S) MOSFET Halogen-free
DTS6504 DINTEK-DTS6504_13 Datasheet
2Mb / 9P
   N-Channel 30 V (D-S) MOSFET Halogen-free
DTU09N03 DINTEK-DTU09N03_13 Datasheet
1Mb / 8P
   N-Channel 30 V (D-S) MOSFET Halogen-free
DTU50N03 DINTEK-DTU50N03_13 Datasheet
1Mb / 8P
   N-Channel 30 V (D-S) MOSFET Halogen-free
DTP9530 DINTEK-DTP9530_13 Datasheet
2Mb / 8P
   N-Channel 30-V (D-S) MOSFET Halogen-free
DTS2N7002 DINTEK-DTS2N7002 Datasheet
1Mb / 8P
   N-Channel 60-V (D-S) MOSFET Halogen-free
DTE2312 DINTEK-DTE2312_13 Datasheet
1Mb / 8P
   N-Channel 20-V (D-S) MOSFET Halogen-free
DTU06N03 DINTEK-DTU06N03_13 Datasheet
804Kb / 9P
   N-Channel 30-V (D-S) MOSFET Halogen-free
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com