Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BR34E02FVT-3TR Datasheet(PDF) 4 Page - Rohm

Part # BR34E02FVT-3TR
Description  Serial EEPROM Series Standard EEPROM Plug & Play EEPROM
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BR34E02FVT-3TR Datasheet(HTML) 4 Page - Rohm

  BR34E02FVT-3TR Datasheet HTML 1Page - Rohm BR34E02FVT-3TR Datasheet HTML 2Page - Rohm BR34E02FVT-3TR Datasheet HTML 3Page - Rohm BR34E02FVT-3TR Datasheet HTML 4Page - Rohm BR34E02FVT-3TR Datasheet HTML 5Page - Rohm BR34E02FVT-3TR Datasheet HTML 6Page - Rohm BR34E02FVT-3TR Datasheet HTML 7Page - Rohm BR34E02FVT-3TR Datasheet HTML 8Page - Rohm BR34E02FVT-3TR Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 33 page
background image
Datasheet
Datasheet
4/30
TSZ02201-0R2R0G100520-1-2
© 2013 ROHM Co., Ltd. All rights reserved.
25.Feb.2013 Rev.002
www.rohm.com
TSZ22111・15・001
BR34E02-3
Block Diagram
Pin Configuration
Pin Descriptions
Pin Name
Input/Output
Descriptions
VCC
-
Power supply
GND
-
Ground 0V
A0, A1, A2
IN
Slave address set.
SCL
IN
Serial clock input
SDA
IN / OUT
Slave and word address
(1)
Serial data input, serial data output
WP
IN
Write protect input
(2)
(1) Open drain output requires a pull-up resistor.
(2) WP Pin has a Pull-Down resistor. Please leave unconnected or connect to GND when not in use.
(TOP VIEW)
8
7
6
5
1
2
3
4
VCC
WP
SCL
SDA
A0
A1
A2
GND
BR34E02-3
8
7
6
5
4
3
2
1
SDA
SCL
WP
VCC
GND
A2
A1
A0
ADDRESS
DECODER
SLAVE , WORD
ADDRESS
DATA
REGISTE
CONTOROL LOGIC
HIGH VOLTAGE
VCC LEVEL DETECT
8bit
8bit
8bit
ACK
START
STOP
PROTECT_MEMORY_ARRAY
2Kbit_MEMORY_ARRAY
VCC


Similar Part No. - BR34E02FVT-3TR

ManufacturerPart #DatasheetDescription
logo
Rohm
BR34E02FVT-3 ROHM-BR34E02FVT-3 Datasheet
403Kb / 20P
   Memory for Plug & Play DDR2/DDR3 SPD Memory (for Memory Modules)
More results

Similar Description - BR34E02FVT-3TR

ManufacturerPart #DatasheetDescription
logo
Rohm
BRCA016GWZ-W ROHM-BRCA016GWZ-W_13 Datasheet
757Kb / 25P
   Serial EEPROM Series Standard EEPROM WLCSP EEPROM
BU99901GUZ-W ROHM-BU99901GUZ-W_12 Datasheet
711Kb / 26P
   Serial EEPROM Series Standard EEPROM WLCSP EEPROM
BR25G512-3 ROHM-BR25G512-3 Datasheet
833Kb / 33P
   Serial EEPROM Series Standard EEPROM
BR24G256-3 ROHM-BR24G256-3 Datasheet
490Kb / 33P
   Serial EEPROM Series Standard EEPROM
BR24G01-3A ROHM-BR24G01-3A Datasheet
846Kb / 36P
   Serial EEPROM series Standard EEPROM
BR93G46-3A ROHM-BR93G46-3A Datasheet
943Kb / 39P
   Serial EEPROM series Standard EEPROM
BRCB008GWZ-3 ROHM-BRCB008GWZ-3 Datasheet
406Kb / 28P
   Serial EEPROM Series Standard EEPROM WLCSP EEPROM
BRCG064GWZ-3 ROHM-BRCG064GWZ-3 Datasheet
614Kb / 29P
   Serial EEPROM Series Standard EEPROM WLCSP EEPROM
BRCE064GWZ-3 ROHM-BRCE064GWZ-3 Datasheet
614Kb / 29P
   Serial EEPROM Series Standard EEPROM WLCSP EEPROM
BR93G46-3B ROHM-BR93G46-3B Datasheet
941Kb / 39P
   Serial EEPROM series Standard EEPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com