Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DTM4953BDY Datasheet(PDF) 7 Page - DinTek Semiconductor Co,.Ltd

Part # DTM4953BDY
Description  Dual P-Channel 30 V (D-S) MOSFET TrenchFET Power MOSFET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DINTEK [DinTek Semiconductor Co,.Ltd]
Direct Link  http://www.daysemi.jp/
Logo DINTEK - DinTek Semiconductor Co,.Ltd

DTM4953BDY Datasheet(HTML) 7 Page - DinTek Semiconductor Co,.Ltd

  DTM4953BDY Datasheet HTML 1Page - DinTek Semiconductor Co,.Ltd DTM4953BDY Datasheet HTML 2Page - DinTek Semiconductor Co,.Ltd DTM4953BDY Datasheet HTML 3Page - DinTek Semiconductor Co,.Ltd DTM4953BDY Datasheet HTML 4Page - DinTek Semiconductor Co,.Ltd DTM4953BDY Datasheet HTML 5Page - DinTek Semiconductor Co,.Ltd DTM4953BDY Datasheet HTML 6Page - DinTek Semiconductor Co,.Ltd DTM4953BDY Datasheet HTML 7Page - DinTek Semiconductor Co,.Ltd DTM4953BDY Datasheet HTML 8Page - DinTek Semiconductor Co,.Ltd DTM4953BDY Datasheet HTML 9Page - DinTek Semiconductor Co,.Ltd  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
1
DIM
MILLIMETERS
INCHES
Min
Max
Min
Max
A
1.35
1.75
0.053
0.069
A1
0.10
0.20
0.004
0.008
B
0.35
0.51
0.014
0.020
C
0.19
0.25
0.0075
0.010
D
4.80
5.00
0.189
0.196
E
3.80
4.00
0.150
0.157
e
1.27 BSC
0.050 BSC
H
5.80
6.20
0.228
0.244
h
0.25
0.50
0.010
0.020
L
0.50
0.93
0.020
0.037
q
0°8°0°8°
S
0.44
0.64
0.018
0.026
ECN: C-06527-Rev. I, 11-Sep-06
DWG: 5498
4
3
1
2
5
6
8
7
H
E
h x 45
C
All Leads
q
0.101 mm
0.004"
L
BA1
A
e
D
0.25 mm (Gage Plane)
SOIC (NARROW): 8-LEAD
JEDEC Part Number: MS-012
S
Package Information
www.din-tek.jp


Similar Part No. - DTM4953BDY

ManufacturerPart #DatasheetDescription
logo
DinTek Semiconductor Co...
DTM4953 DINTEK-DTM4953 Datasheet
309Kb / 9P
   Dual P-Channel 30 V (D-S) MOSFET
DTM4953 DINTEK-DTM4953 Datasheet
1Mb / 9P
   Dual P-Channel 30 V (D-S) MOSFET TrenchFET Power MOSFET
DTM4953A DINTEK-DTM4953A Datasheet
1Mb / 7P
   Dual P-Channel 30-V (D-S) MOSFET Halogen-free
DTM4953 DINTEK-DTM4953_13 Datasheet
1Mb / 9P
   Dual P-Channel 30 V (D-S) MOSFET TrenchFET Power MOSFET
More results

Similar Description - DTM4953BDY

ManufacturerPart #DatasheetDescription
logo
DinTek Semiconductor Co...
DTM4953 DINTEK-DTM4953_13 Datasheet
1Mb / 9P
   Dual P-Channel 30 V (D-S) MOSFET TrenchFET Power MOSFET
DTM4407 DINTEK-DTM4407 Datasheet
2Mb / 9P
   P-Channel 30-V (D-S) MOSFET TrenchFET Power MOSFET
DTL40P03 DINTEK-DTL40P03 Datasheet
1Mb / 8P
   P-Channel 30-V (D-S) MOSFET TrenchFET Power MOSFET
DTM4459 DINTEK-DTM4459 Datasheet
1Mb / 9P
   P-Channel 30-V (D-S) MOSFET TrenchFET Power MOSFET
DTM4485 DINTEK-DTM4485 Datasheet
1Mb / 9P
   P-Channel 30-V (D-S) MOSFET TrenchFET Power MOSFET
DTM4435 DINTEK-DTM4435_13 Datasheet
1Mb / 8P
   P-Channel 30-V (D-S) MOSFET TrenchFET Power MOSFET
DTS3407 DINTEK-DTS3407 Datasheet
845Kb / 9P
   P-Channel 30 V (D-S) MOSFET TrenchFET Power MOSFET
DTU90N03 DINTEK-DTU90N03_13 Datasheet
1Mb / 8P
   N-Channel 30-V (D-S) MOSFET TrenchFET Power MOSFET
DTP0403 DINTEK-DTP0403_13 Datasheet
1Mb / 7P
   N-Channel 30-V (D-S) MOSFET TrenchFET Power MOSFET
DTB3055 DINTEK-DTB3055 Datasheet
1Mb / 8P
   N-Channel 30 V (D-S) MOSFET TrenchFET Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com