Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74LVX245M Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # 74LVX245M
Description  Low Voltage Octal Bidirectional Transceiver
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74LVX245M Datasheet(HTML) 1 Page - Fairchild Semiconductor

  74LVX245M Datasheet HTML 1Page - Fairchild Semiconductor 74LVX245M Datasheet HTML 2Page - Fairchild Semiconductor 74LVX245M Datasheet HTML 3Page - Fairchild Semiconductor 74LVX245M Datasheet HTML 4Page - Fairchild Semiconductor 74LVX245M Datasheet HTML 5Page - Fairchild Semiconductor 74LVX245M Datasheet HTML 6Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
© 2005 Fairchild Semiconductor Corporation
DS011597
www.fairchildsemi.com
April 1993
Revised April 2005
74LVX245
Low Voltage Octal Bidirectional Transceiver
General Description
The LVX245 contains eight non-inverting bidirectional buff-
ers and is intended for bus-oriented applications. The
Transmit/Receive (T/R) input determines the direction of
data flow through the bidirectional transceiver. Transmit
(active-HIGH) enables data from A ports to B ports;
Receive (active-LOW) enables data from B ports to A
ports. The Output Enable input, when HIGH, disables both
A and B ports by placing them in a high impedance condi-
tion.
Features
s Ideal for low power/low noise 3.3V applications
s Guaranteed simultaneous switching noise level and
dynamic threshold performance
Ordering Code
Devices also available in Tape and Reel. Specify by appending the suffix letter “X” to the ordering code.
Pb-Free package per JEDEC J-STD-020B.
Logic Symbols
Connection Diagram
Pin Descriptions
Truth Table
H
HIGH Voltage Level
X
Immaterial
L
LOW Voltage Level
Order Number
Package Number
Package Description
74LVX245M
M20B
20-Lead Small Outline Integrated Circuit (SOIC), JEDEC MS-013, 0.300" Wide
74LVX245SJ
M20D
Pb-Free 20-Lead Small Outline Package (SOP), EIAJ TYPE II, 5.3mm Wide
74LVX245MTC
MTC20
20-Lead Thin Shrink Small Outline Package (TSSOP), JEDEC MO-153, 4.4mm Wide
Pin
Description
Names
OE
Output Enable Input
T/R
Transmit/Receive Input
A0–A7
Side A Inputs or 3-STATE Outputs
B0–B7
Side B Inputs or 3-STATE Outputs
Inputs
Outputs
OE
T/R
L
L
Bus B Data to Bus A
L
H
Bus A Data to Bus B
HX
HIGH-Z State


Similar Part No. - 74LVX245M

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
74LVX245M NSC-74LVX245M Datasheet
130Kb / 6P
   Low Voltage Octal Bidirectional Transceiver
logo
ON Semiconductor
74LVX245M ONSEMI-74LVX245M Datasheet
192Kb / 8P
   Low Voltage Octal Bidirectional Transceiver
Revised April 2005
logo
National Semiconductor ...
74LVX245MSC NSC-74LVX245MSC Datasheet
130Kb / 6P
   Low Voltage Octal Bidirectional Transceiver
74LVX245MSCX NSC-74LVX245MSCX Datasheet
130Kb / 6P
   Low Voltage Octal Bidirectional Transceiver
74LVX245MTC NSC-74LVX245MTC Datasheet
130Kb / 6P
   Low Voltage Octal Bidirectional Transceiver
More results

Similar Description - 74LVX245M

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
74LVX245 ONSEMI-74LVX245 Datasheet
192Kb / 8P
   Low Voltage Octal Bidirectional Transceiver
Revised April 2005
logo
Fairchild Semiconductor
74LVQ245 FAIRCHILD-74LVQ245_01 Datasheet
69Kb / 6P
   Low Voltage Octal Bidirectional Transceiver
logo
National Semiconductor ...
74LVX245 NSC-74LVX245 Datasheet
130Kb / 6P
   Low Voltage Octal Bidirectional Transceiver
logo
ON Semiconductor
74LVT2245 ONSEMI-74LVT2245 Datasheet
294Kb / 11P
   Low Voltage Octal Bidirectional Transceiver
January 2008 Rev. 1.5.0
74AC245 ONSEMI-74AC245 Datasheet
406Kb / 14P
   Octal Bidirectional Transceiver
January 2008 Rev. 1.5.0
logo
Fairchild Semiconductor
74LVQ245 FAIRCHILD-74LVQ245 Datasheet
94Kb / 6P
   Low Voltage Octal Bidirectional Transceiver with 3-STATE Outputs
logo
ON Semiconductor
74LCXR2245 ONSEMI-74LCXR2245 Datasheet
435Kb / 14P
   Low Voltage Bidirectional Transceiver
March 2008 Rev. 1.2.0
74VCX245 ONSEMI-74VCX245 Datasheet
654Kb / 13P
   Low Voltage Bidirectional Transceiver
Revised December 2013
74LVT245 ONSEMI-74LVT245 Datasheet
328Kb / 12P
   Low Voltage Octal Bidirectional Transceiver with 3-STATE Inputs/Outputs
February 2008 Rev. 1.4.0
logo
Fairchild Semiconductor
74LVT245 FAIRCHILD-74LVT245 Datasheet
83Kb / 8P
   Low Voltage Octal Bidirectional Transceiver with 3-STATE Inputs/Outputs
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com