Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BR93G86FVM-3E2 Datasheet(PDF) 6 Page - Rohm

Part # BR93G86FVM-3E2
Description  Serial EEPROM series Standard EEPROM MicroWire BUS EEPROM (3-Wire)
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BR93G86FVM-3E2 Datasheet(HTML) 6 Page - Rohm

Back Button BR93G86FVM-3E2 Datasheet HTML 2Page - Rohm BR93G86FVM-3E2 Datasheet HTML 3Page - Rohm BR93G86FVM-3E2 Datasheet HTML 4Page - Rohm BR93G86FVM-3E2 Datasheet HTML 5Page - Rohm BR93G86FVM-3E2 Datasheet HTML 6Page - Rohm BR93G86FVM-3E2 Datasheet HTML 7Page - Rohm BR93G86FVM-3E2 Datasheet HTML 8Page - Rohm BR93G86FVM-3E2 Datasheet HTML 9Page - Rohm BR93G86FVM-3E2 Datasheet HTML 10Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 39 page
background image
6/36
Datasheet
Datasheet
BR93G86-3
www.rohm.com
TSZ02201-09190G100100-1-2
21.JAN.2013 REV.001
© 2012 ROHM Co., Ltd. All rights reserved.
TSZ22111・15・001
●Pin Configuration
●Pin Descriptions
Figure 3. Pin Configuration
Pin name
I / O
Function
CS
Input
Chip select input
SK
Input
Serial clock input
DI
Input
Start bit, ope code, address, and serial data input
DO
Output
Serial data output, READY / BUSY
―――――
STATUS display output
GND
-
All input / output reference voltage, 0V
ORG
Input
Organization select, X16mode or X8 mode
*1
DU
-
Don’t use terminal
*2
VCC
-
Supply voltage
*1 The memory array organization may be divided into either X8 or X16 which is selected by pin ORG.
When ORG is OPEN or connected to VCC, X16 organization is selected.
When ORG is connected to ground, X8 organization is selected.
*2 Terminals not used may be set to any of high,low, and OPEN
VCC
DU
ORG
GND
CS
SK
DI
DO
BR93G86-3
:DIP-T8
BR93G86F-3
:SOP8
BR93G86FJ-3
:SOP-J8
BR93G86FV-3
:SSOP-B8
BR93G86FVT-3
:TSSOP-B8
BR93G86FVJ-3
:TSSOP-B8J
BR93G86FVM-3
:MSOP8
BR93G86NUX-3
:VSON008X2030


Similar Part No. - BR93G86FVM-3E2

ManufacturerPart #DatasheetDescription
logo
Rohm
BR93G86FVM-3 ROHM-BR93G86FVM-3 Datasheet
3Mb / 40P
   MicroWire BUS EEPROM (3-Wire)
BR93G86FVM-3A ROHM-BR93G86FVM-3A Datasheet
3Mb / 40P
   MicroWire BUS EEPROM (3-Wire)
BR93G86FVM-3AE2 ROHM-BR93G86FVM-3AE2 Datasheet
944Kb / 39P
   Serial EEPROM series Standard EEPROM MicroWire BUS EEPROM (3-Wire)
BR93G86FVM-3AE2 ROHM-BR93G86FVM-3AE2 Datasheet
927Kb / 39P
   Serial EEPROM series Standard EEPROM MicroWire BUS EEPROM (3-Wire)
BR93G86FVM-3AGTTR ROHM-BR93G86FVM-3AGTTR Datasheet
3Mb / 40P
   MicroWire BUS EEPROM (3-Wire)
More results

Similar Description - BR93G86FVM-3E2

ManufacturerPart #DatasheetDescription
logo
Rohm
BR93G86-3A ROHM-BR93G86-3A Datasheet
944Kb / 39P
   Serial EEPROM series Standard EEPROM MicroWire BUS EEPROM (3-Wire)
BR93G86-3B ROHM-BR93G86-3B Datasheet
927Kb / 39P
   Serial EEPROM series Standard EEPROM MicroWire BUS EEPROM (3-Wire)
BR93G56-3 ROHM-BR93G56-3 Datasheet
939Kb / 39P
   Serial EEPROM series Standard EEPROM MicroWire BUS EEPROM (3-Wire)
BR93G76-3A ROHM-BR93G76-3A Datasheet
923Kb / 39P
   Serial EEPROM series Standard EEPROM MicroWire BUS EEPROM (3-Wire)
BR93G76-3B ROHM-BR93G76-3B Datasheet
899Kb / 39P
   Serial EEPROM series Standard EEPROM MicroWire BUS EEPROM (3-Wire)
BR93G46-3 ROHM-BR93G46-3 Datasheet
938Kb / 39P
   Serial EEPROM series Standard EEPROM MicroWire BUS EEPROM (3-Wire)
BR93G76-3 ROHM-BR93G76-3 Datasheet
947Kb / 39P
   Serial EEPROM series Standard EEPROM MicroWire BUS EEPROM (3-Wire)
BR93H46RF-2C ROHM-BR93H46RF-2C Datasheet
749Kb / 32P
   Serial EEPROM Series Automotive EEPROM 125??Operation Microwire BUS EEPROM (3-wire)
BR93H46RFVT-2C ROHM-BR93H46RFVT-2C Datasheet
749Kb / 32P
   Serial EEPROM Series Automotive EEPROM 125??Operation Microwire BUS EEPROM (3-wire)
BR93H66RFVT-2C ROHM-BR93H66RFVT-2C Datasheet
786Kb / 32P
   Serial EEPROM Series Automotive EEPROM 125??Operation Microwire BUS EEPROM (3-wire)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com