Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BR93E56FVJ-3BE2 Datasheet(PDF) 5 Page - Rohm

Part # BR93E56FVJ-3BE2
Description  Serial EEPROM series Standard EEPROM MicroWire BUS EEPROM (3-Wire)
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BR93E56FVJ-3BE2 Datasheet(HTML) 5 Page - Rohm

  BR93E56FVJ-3BE2 Datasheet HTML 1Page - Rohm BR93E56FVJ-3BE2 Datasheet HTML 2Page - Rohm BR93E56FVJ-3BE2 Datasheet HTML 3Page - Rohm BR93E56FVJ-3BE2 Datasheet HTML 4Page - Rohm BR93E56FVJ-3BE2 Datasheet HTML 5Page - Rohm BR93E56FVJ-3BE2 Datasheet HTML 6Page - Rohm BR93E56FVJ-3BE2 Datasheet HTML 7Page - Rohm BR93E56FVJ-3BE2 Datasheet HTML 8Page - Rohm BR93E56FVJ-3BE2 Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 39 page
background image
5/36
Datasheet
Datasheet
BR93G56-3
www.rohm.com
TSZ02201-09190G100010-1-2
07.JAN.2013 REV.002
© 2012 ROHM Co., Ltd. All rights reserved.
TSZ22111・15・001
●Serial input / output timing
○Data is taken by DI sync with the rise of SK.
○At read operation, data is output from DO in sync with the rise of SK.
○The STATUS signal at write (READY / BUSY) is output after tCS from the fall of CS after write command input, at the area
DO where CS is high, and valid until the next command start bit is input. And, while CS is low, DO becomes High-Z.
○After completion of each mode execution, set CS low once for internal circuit reset, and execute the following operation
mode.
○1/fSK is the SK clock cycle, even if fSK is maximum, the SK clock cycle can’t be tSKH(Min.)+tSKL(Min.)
○For “Write cycle time tE/W”, please see Figure 36,37,39,40.
○For “CS low time tCS”, please see Figure 36,37,39,40.
●Block diagram
Figure 1. Sync data input / output timing
CS
SK
DO (READ)
DI
DO(WRITE)
tCSS
tSKH
tSKL
tCSH
tDIS
tD IH
tPD1
tPD0
t DF
STATUS VALI D
tSV
1/ fSK
Command decode
Control
Clock generation
Power source voltage detection
Write
prohibition
High voltage occurrence
Command
register
Address
buffer
SK
DI
Dummy bit
DO
Data
register
R/W
amplifier
7bit
7bit
16bit/8bit
16bit/8bit
2,048 bit
EEPROM
CS
Address
decoder
8bit
or
or 8bit
ORG
Figure 2. Block diagram


Similar Part No. - BR93E56FVJ-3BE2

ManufacturerPart #DatasheetDescription
logo
Rohm
BR93E46-3A ROHM-BR93E46-3A Datasheet
938Kb / 39P
   Serial EEPROM series Standard EEPROM MicroWire BUS EEPROM (3-Wire)
BR93E46-3AE2 ROHM-BR93E46-3AE2 Datasheet
938Kb / 39P
   Serial EEPROM series Standard EEPROM MicroWire BUS EEPROM (3-Wire)
BR93E46-3ATR ROHM-BR93E46-3ATR Datasheet
938Kb / 39P
   Serial EEPROM series Standard EEPROM MicroWire BUS EEPROM (3-Wire)
BR93E46-3B ROHM-BR93E46-3B Datasheet
938Kb / 39P
   Serial EEPROM series Standard EEPROM MicroWire BUS EEPROM (3-Wire)
BR93E46-3BE2 ROHM-BR93E46-3BE2 Datasheet
938Kb / 39P
   Serial EEPROM series Standard EEPROM MicroWire BUS EEPROM (3-Wire)
More results

Similar Description - BR93E56FVJ-3BE2

ManufacturerPart #DatasheetDescription
logo
Rohm
BR93G86-3 ROHM-BR93G86-3 Datasheet
922Kb / 39P
   Serial EEPROM series Standard EEPROM MicroWire BUS EEPROM (3-Wire)
BR93G86-3A ROHM-BR93G86-3A Datasheet
944Kb / 39P
   Serial EEPROM series Standard EEPROM MicroWire BUS EEPROM (3-Wire)
BR93G86-3B ROHM-BR93G86-3B Datasheet
927Kb / 39P
   Serial EEPROM series Standard EEPROM MicroWire BUS EEPROM (3-Wire)
BR93G76-3A ROHM-BR93G76-3A Datasheet
923Kb / 39P
   Serial EEPROM series Standard EEPROM MicroWire BUS EEPROM (3-Wire)
BR93G76-3B ROHM-BR93G76-3B Datasheet
899Kb / 39P
   Serial EEPROM series Standard EEPROM MicroWire BUS EEPROM (3-Wire)
BR93G46-3 ROHM-BR93G46-3 Datasheet
938Kb / 39P
   Serial EEPROM series Standard EEPROM MicroWire BUS EEPROM (3-Wire)
BR93G76-3 ROHM-BR93G76-3 Datasheet
947Kb / 39P
   Serial EEPROM series Standard EEPROM MicroWire BUS EEPROM (3-Wire)
BR93H46RF-2C ROHM-BR93H46RF-2C Datasheet
749Kb / 32P
   Serial EEPROM Series Automotive EEPROM 125??Operation Microwire BUS EEPROM (3-wire)
BR93H46RFVT-2C ROHM-BR93H46RFVT-2C Datasheet
749Kb / 32P
   Serial EEPROM Series Automotive EEPROM 125??Operation Microwire BUS EEPROM (3-wire)
BR93H66RFVT-2C ROHM-BR93H66RFVT-2C Datasheet
786Kb / 32P
   Serial EEPROM Series Automotive EEPROM 125??Operation Microwire BUS EEPROM (3-wire)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com