Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS1339A Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # DS1339A
Description  Low-Current, I2C, Serial Real-Time Clock
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS1339A Datasheet(HTML) 4 Page - Maxim Integrated Products

  DS1339A_13 Datasheet HTML 1Page - Maxim Integrated Products DS1339A_13 Datasheet HTML 2Page - Maxim Integrated Products DS1339A_13 Datasheet HTML 3Page - Maxim Integrated Products DS1339A_13 Datasheet HTML 4Page - Maxim Integrated Products DS1339A_13 Datasheet HTML 5Page - Maxim Integrated Products DS1339A_13 Datasheet HTML 6Page - Maxim Integrated Products DS1339A_13 Datasheet HTML 7Page - Maxim Integrated Products DS1339A_13 Datasheet HTML 8Page - Maxim Integrated Products DS1339A_13 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
DS1339A
Low-Current, I2C, Serial Real-Time Clock
4
Maxim Integrated
WARNING: Under no circumstances are negative undershoots, of any amplitude, allowed when device is in battery-backup
mode.
Note 2: Limits are 100% production tested at TA = +25NC and TA = +85NC. Limits over the operating temperature range and rel-
evant supply voltage range are guaranteed by design and characterization. Typical values are not guaranteed.
Note 3: SCL only.
Note 4: SDA and SQW/INT.
Note 5: ICCA—SCL at fSCL max, VIL = 0.0V, VIH = VCC, trickle charger disabled.
Note 6: Specified with the I2C bus inactive, VIL = 0.0V, VIH = VCC, trickle charger disabled.
Note 7: VCC must be less than 3.63V if the 200I resistor is selected.
Note 8: Using recommended crystal on X1 and X2.
Note 9: After this period, the first clock pulse is generated.
Note 10: A device must internally provide a hold time of at least 300ns for the SDA signal (referred to the VIHMIN of the SCL signal)
to bridge the undefined region of the falling edge of SCL.
Note 11: The maximum tHD:DAT need only be met if the device does not stretch the low period (tLOW) of the SCL signal.
Note 12: A fast-mode device can be used in a standard-mode system, but the requirement tSU:DAT R to 250ns must then be met.
This is automatically the case if the device does not stretch the low period of the SCL signal. If such a device does stretch
the low period of the SCL signal, it must output the next data bit to the SDA line tR(MAX) + tSU:DAT = 1000 + 250 = 1250ns
before the SCL line is released.
Note 13: CB—total capacitance of one bus line in pF.
Note 14: Guaranteed by design; not production tested.
Note 15: The parameter tOSF is the period of time the oscillator must be stopped for the OSF flag to be set.
Note 16: The DS1339A can detect any single SCL clock held low longer than tTIMEOUTMIN. The device’s I2C interface is in reset
state and can receive a new START condition when SCL is held low for at least tTIMEOUTMAX. Once the device detects
this condition, the SDA output is released. The oscillator must be running for this function to work.
Note 17: This delay applies only if the oscillator is running. If the oscillator is disabled or stopped, no power-up delay occurs.
AC ELECTRICAL CHARACTERISTICS (continued)
(VCC = MIN to MAX, TA = -40NC to +85NC, unless otherwise noted.) (Note 2, Figure 1)
POWER-UP/DOWN CHARACTERISTICS
(TA = -40NC to +85NC, unless otherwise noted.) (Note 2, Figure 2)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Capacitive Load for Each Bus
Line
CB
(Note 13)
400
pF
I/O Capacitance (SDA, SCL)
CI/O
(Note 14)
10
pF
Oscillator Stop Flag (OSF) Delay
tOSF
(Note 15)
100
ms
Timeout Interval
tTIMEOUT (Note 16)
25
35
ms
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Recovery at Power-Up
tREC
(Note 17)
1
2
ms
VCC Slew Rate; VPF to 0V
tVCCF
1/50
V/Fs
VCC Slew Rate; 0V to VPF
tVCCR
1/1
V/Fs


Similar Part No. - DS1339A_13

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS1339AU++ MAXIM-DS1339AU+ Datasheet
1Mb / 19P
   Low-Current, I2C, Serial Real-Time Clock
Rev 0; 8/12
More results

Similar Description - DS1339A_13

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS1339A MAXIM-DS1339A Datasheet
1Mb / 19P
   Low-Current, I2C, Serial Real-Time Clock
Rev 0; 8/12
DS1339 MAXIM-DS1339_06 Datasheet
560Kb / 19P
   I2C Serial Real-Time Clock
REV: 092006
DS1339U-33TR MAXIM-DS1339U-33TR Datasheet
260Kb / 20P
   I2C Serial Real-Time Clock
Rev 4/11
logo
Dallas Semiconductor
DS1339 DALLAS-DS1339 Datasheet
279Kb / 18P
   I2C Serial Real-Time Clock
logo
Maxim Integrated Produc...
DS1337 MAXIM-DS1337_09 Datasheet
242Kb / 16P
   I2C Serial Real-Time Clock
7/09
DS1337 MAXIM-DS1337_06 Datasheet
576Kb / 15P
   I2C Serial Real-Time Clock
REV: 092706
DS1339B MAXIM-DS1339B Datasheet
657Kb / 19P
   Low-Current, I2C, Serial Real-Time Clock for High-ESR Crystals
Rev 1 4/15
logo
Integrated Device Techn...
IDT1339-31DVGI IDT-IDT1339-31DVGI Datasheet
350Kb / 26P
   REAL-TIME CLOCK WITH SERIAL I2C INTERFACE
logo
Renesas Technology Corp
IDT1337G RENESAS-IDT1337G Datasheet
467Kb / 28P
   REAL-TIME CLOCK WITH I2C SERIAL INTERFACE
073013
logo
Maxim Integrated Produc...
MAX31342 MAXIM-MAX31342 Datasheet
476Kb / 24P
   Low-Current, Real-Time Clock with I2C Interface
Rev 2; 4/19
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com