Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS1339AU Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # DS1339AU
Description  Low-Current, I2C, Serial Real-Time Clock
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS1339AU Datasheet(HTML) 3 Page - Maxim Integrated Products

  DS1339AU Datasheet HTML 1Page - Maxim Integrated Products DS1339AU Datasheet HTML 2Page - Maxim Integrated Products DS1339AU Datasheet HTML 3Page - Maxim Integrated Products DS1339AU Datasheet HTML 4Page - Maxim Integrated Products DS1339AU Datasheet HTML 5Page - Maxim Integrated Products DS1339AU Datasheet HTML 6Page - Maxim Integrated Products DS1339AU Datasheet HTML 7Page - Maxim Integrated Products DS1339AU Datasheet HTML 8Page - Maxim Integrated Products DS1339AU Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
DS1339A
Low-Current, I2C, Serial Real-Time Clock
3
Maxim Integrated
DC ELECTRICAL CHARACTERISTICS (continued)
(VCC = MIN to MAX, VBACKUP = MIN to MAX, TA = -40NC to +85NC, unless otherwise noted.) (Note 2)
DC ELECTRICAL CHARACTERISTICS
(VCC = 0V, VBACKUP = MIN to MAX, TA = -40NC to +85NC, unless otherwise noted.) (Note 2)
AC ELECTRICAL CHARACTERISTICS
(VCC = MIN to MAX, TA = -40NC to +85NC, unless otherwise noted.) (Note 2, Figure 1)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Trickle-Charger Resistor Register
10h = A6h, VCC = Typ,
VBACKUP = 0V
R2
2000
I
Trickle-Charger Resistor Register
10h = A7h, VCC = Typ,
VBACKUP = 0V
R3
4000
I
VBACKUP Leakage Current
IBKLKG
-100
25
200
nA
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
VBACKUP Current EOSC = 0,
SQW Off
IBKOSC
(Note 8)
300
600
nA
VBACKUP Current EOSC = 0,
SQW On
IBKSQW
(Note 8)
500
1100
nA
VBACKUP Current EOSC = 1
IBKDR
10
200
nA
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
SCL Clock Frequency
fSCL
0.03
400
kHz
Bus Free Time Between a STOP
and START Condition
tBUF
1.3
F
s
Hold Time (Repeated) START
Condition
tHD:STA
(Note 9)
0.6
F
s
Low Period of SCL Clock
tLOW
1.3
F
s
High Period of SCL Clock
tHIGH
0.6
F
s
Setup Time for a Repeated
START Condition
tSU:STA
0.6
F
s
Data Hold Time
tHD:DAT
(Notes 10, 11)
0
0.9
F
s
Data Setup Time
tSU:DAT
(Note 12)
100
ns
Rise Time of Both SDA and SCL
Signals
tR
(Note 13)
20 +
0.1CB
300
ns
Fall Time of Both SDA and SCL
Signals
tF
(Note 13)
20 +
0.1CB
300
ns
Setup Time for STOP Condition
tSU:STO
0.6
F
s


Similar Part No. - DS1339AU

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS1339AU++ MAXIM-DS1339AU+ Datasheet
1Mb / 19P
   Low-Current, I2C, Serial Real-Time Clock
Rev 0; 8/12
More results

Similar Description - DS1339AU

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS1339A MAXIM-DS1339A Datasheet
1Mb / 19P
   Low-Current, I2C, Serial Real-Time Clock
Rev 0; 8/12
DS1339 MAXIM-DS1339_06 Datasheet
560Kb / 19P
   I2C Serial Real-Time Clock
REV: 092006
DS1339U-33TR MAXIM-DS1339U-33TR Datasheet
260Kb / 20P
   I2C Serial Real-Time Clock
Rev 4/11
logo
Dallas Semiconductor
DS1339 DALLAS-DS1339 Datasheet
279Kb / 18P
   I2C Serial Real-Time Clock
logo
Maxim Integrated Produc...
DS1337 MAXIM-DS1337_09 Datasheet
242Kb / 16P
   I2C Serial Real-Time Clock
7/09
DS1337 MAXIM-DS1337_06 Datasheet
576Kb / 15P
   I2C Serial Real-Time Clock
REV: 092706
DS1339B MAXIM-DS1339B Datasheet
657Kb / 19P
   Low-Current, I2C, Serial Real-Time Clock for High-ESR Crystals
Rev 1 4/15
logo
Integrated Device Techn...
IDT1339-31DVGI IDT-IDT1339-31DVGI Datasheet
350Kb / 26P
   REAL-TIME CLOCK WITH SERIAL I2C INTERFACE
logo
Renesas Technology Corp
IDT1337G RENESAS-IDT1337G Datasheet
467Kb / 28P
   REAL-TIME CLOCK WITH I2C SERIAL INTERFACE
073013
logo
Maxim Integrated Produc...
MAX31342 MAXIM-MAX31342 Datasheet
476Kb / 24P
   Low-Current, Real-Time Clock with I2C Interface
Rev 2; 4/19
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com