Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DTP9531 Datasheet(PDF) 3 Page - DinTek Semiconductor Co,.Ltd

Part # DTP9531
Description  P-Channel 30 V (D-S) MOSFET Extremely low RDS(on)
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DINTEK [DinTek Semiconductor Co,.Ltd]
Direct Link  http://www.daysemi.jp/
Logo DINTEK - DinTek Semiconductor Co,.Ltd

DTP9531 Datasheet(HTML) 3 Page - DinTek Semiconductor Co,.Ltd

  DTP9531_13 Datasheet HTML 1Page - DinTek Semiconductor Co,.Ltd DTP9531_13 Datasheet HTML 2Page - DinTek Semiconductor Co,.Ltd DTP9531_13 Datasheet HTML 3Page - DinTek Semiconductor Co,.Ltd DTP9531_13 Datasheet HTML 4Page - DinTek Semiconductor Co,.Ltd DTP9531_13 Datasheet HTML 5Page - DinTek Semiconductor Co,.Ltd DTP9531_13 Datasheet HTML 6Page - DinTek Semiconductor Co,.Ltd DTP9531_13 Datasheet HTML 7Page - DinTek Semiconductor Co,.Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
3
TYPICAL CHARACTERISTICS (25 °C, unless otherwise noted)
Gate Current vs. Gate-Source Voltage
Output Characteristics
On-Resistance vs. Drain Current
0.000
0.003
0.006
0.009
0.012
0.015
0
6
12
18
24
30
V
GS - Gate-Source Voltage (V)
T
J = 25 °C
0
15
30
45
60
0
0.5
1
1.5
2
V
DS - Drain-to-Source Voltage (V)
V
GS = 4 V
V
GS = 10 V thru 5 V
V
GS = 3 V
0.002
0.005
0.008
0.011
0.014
015
30
45
60
I
D - Drain Current (A)
V
GS = 6 V
V
GS = 4.5 V
V
GS = 10 V
Gate Current vs. Gate-Source Voltage
Transfer Characteristics
Capacitance
10
-02
10
-03
10
-04
10
-05
10
-06
10
-07
10
-08
10
-09
0
6
12
18
24
30
36
V
GS - Gate-to-Source Voltage (V)
T
J = 150 °C
T
J = 25 °C
0
2
4
6
8
10
01234
V
GS - Gate-to-Source Voltage (V)
T
C = 25 °C
T
C = 125 °C
T
C = - 55 °C
0
1200
2400
3600
4800
6000
7200
0
6
12
18
24
30
V
DS - Drain-to-Source Voltage (V)
C
iss
C
oss
C
rss
www.din-tek.jp
DTP9531


Similar Part No. - DTP9531_13

ManufacturerPart #DatasheetDescription
logo
DinTek Semiconductor Co...
DTP9531 DINTEK-DTP9531 Datasheet
312Kb / 8P
   P-Channel 30 V (D-S) MOSFET
More results

Similar Description - DTP9531_13

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
LPB8337DT0AG LRC-LPB8337DT0AG Datasheet
626Kb / 6P
   P-Channel 30-V (D-S) MOSFET Low RDS(on) trench technology.
LP4437T1G LRC-LP4437T1G Datasheet
495Kb / 5P
   P-Channel 30-V (D-S) MOSFET Low rDS(on) trench technology
LP4433T1G LRC-LP4433T1G Datasheet
567Kb / 5P
   P-Channel 30-V (D-S) MOSFET Low rDS(on) trench technology
LP4435T1G LRC-LP4435T1G Datasheet
591Kb / 5P
   P-Channel 30-V (D-S) MOSFET Low rDS(on) trench technology
LP4407T1G LRC-LP4407T1G Datasheet
441Kb / 5P
   P-Channel 30-V (D-S) MOSFET Low RDS(on) trench technology.
LP7337DT1WG LRC-LP7337DT1WG Datasheet
959Kb / 7P
   P-Channel 30-V (D-S) MOSFET Low RDS(on) trench technology.
logo
TECH PUBLIC Electronics...
TPS27081ADDCR-TP TECHPUBLIC-TPS27081ADDCR-TP Datasheet
3Mb / 6P
   Extremely Low RDS (on) P-Channel Load Switch MOSFET
logo
Leshan Radio Company
LN3432LT1G LRC-LN3432LT1G Datasheet
875Kb / 5P
   N-Channel 30-V (D-S) MOSFET Low RDS(on) trench technology.
LNA7350DT1WG LRC-LNA7350DT1WG Datasheet
1Mb / 5P
   N-Channel 30-V (D-S) MOSFET Low RDS(on) trench technology.
LNB8308DT0AG LRC-LNB8308DT0AG Datasheet
472Kb / 6P
   N-Channel 30-V (D-S) MOSFET Low RDS(on) trench technology.
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com