Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74LVX245MTC Datasheet(PDF) 3 Page - Fairchild Semiconductor

Part # 74LVX245MTC
Description  Low Voltage Octal Bidirectional Transceiver
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74LVX245MTC Datasheet(HTML) 3 Page - Fairchild Semiconductor

  74LVX245MTC Datasheet HTML 1Page - Fairchild Semiconductor 74LVX245MTC Datasheet HTML 2Page - Fairchild Semiconductor 74LVX245MTC Datasheet HTML 3Page - Fairchild Semiconductor 74LVX245MTC Datasheet HTML 4Page - Fairchild Semiconductor 74LVX245MTC Datasheet HTML 5Page - Fairchild Semiconductor 74LVX245MTC Datasheet HTML 6Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
3
www.fairchildsemi.com
AC Electrical Characteristics
Note 4: Parameter guaranteed by design. tOSLH
|tPLHm  tPLHn|, tOSHL |tPHLm  tPHLn|
Capacitance
Note 5: CPD is defined as the value of the internal equivalent capacitance which is calculated from the operating current consumption without load.
Symbol
Parameter
VCC
TA 25qCTA 40qC to 85qC
Units
Conditions
(V)
Min
TypMax
MinMax
tPLH
Propagation Delay Time
2.7
6.1
10.7
1.0
13.5
ns
CL 15 pF
tPHL
8.6
14.2
1.0
17.0
CL 50 pF
3.3
r 0.3
4.7
6.8
1.0
8.0
CL 15 pF
7.2
10.1
1.0
11.5
CL 50 pF
tPZL
3-STATE Output
2.7
9.0
16.9
1.0
20.5
ns
CL 15 pF, RL 1 k:
tPZH
Enable Time
11.5
20.4
1.0
24.0
CL 50 pF, RL 1 k:
3.3
r 0.3
7.1
11.0
1.0
13.0
CL 15 pF, RL 1 k:
9.6
14.5
1.0
16.5
CL 50 pF, RL 1 k:
tPLZ
3-STATE Output
2.7
11.5
18.0
1.0
21.0
ns
CL 50 pF, RL 1 k:
tPHZ
Disable Time
3.3
r 0.3
9.6
12.8
1.0
14.5
CL 50 pF, RL 1 k:
tOSLH
Output to Output Skew
2.7
1.5
1.5
ns
CL 50 pF (Note 4)
tOSHL
(Note 4)
3.3
1.5
1.5
Symbol
Parameter
TA 25qCTA 40qC to 85qC
Units
Min
Typ
Max
Min
Max
CIN
Input Capacitance T/R, OE
410
10
pF
CI/O
Output Capacitance An, Bn
8pF
CPD
Power Dissipation Capacitance (Note 5)
21
pF


Similar Part No. - 74LVX245MTC

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
74LVX245MTC NSC-74LVX245MTC Datasheet
130Kb / 6P
   Low Voltage Octal Bidirectional Transceiver
logo
ON Semiconductor
74LVX245MTC ONSEMI-74LVX245MTC Datasheet
192Kb / 8P
   Low Voltage Octal Bidirectional Transceiver
Revised April 2005
logo
National Semiconductor ...
74LVX245MTCX NSC-74LVX245MTCX Datasheet
130Kb / 6P
   Low Voltage Octal Bidirectional Transceiver
More results

Similar Description - 74LVX245MTC

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
74LVX245 ONSEMI-74LVX245 Datasheet
192Kb / 8P
   Low Voltage Octal Bidirectional Transceiver
Revised April 2005
logo
Fairchild Semiconductor
74LVQ245 FAIRCHILD-74LVQ245_01 Datasheet
69Kb / 6P
   Low Voltage Octal Bidirectional Transceiver
logo
National Semiconductor ...
74LVX245 NSC-74LVX245 Datasheet
130Kb / 6P
   Low Voltage Octal Bidirectional Transceiver
logo
ON Semiconductor
74LVT2245 ONSEMI-74LVT2245 Datasheet
294Kb / 11P
   Low Voltage Octal Bidirectional Transceiver
January 2008 Rev. 1.5.0
74AC245 ONSEMI-74AC245 Datasheet
406Kb / 14P
   Octal Bidirectional Transceiver
January 2008 Rev. 1.5.0
logo
Fairchild Semiconductor
74LVQ245 FAIRCHILD-74LVQ245 Datasheet
94Kb / 6P
   Low Voltage Octal Bidirectional Transceiver with 3-STATE Outputs
logo
ON Semiconductor
74LCXR2245 ONSEMI-74LCXR2245 Datasheet
435Kb / 14P
   Low Voltage Bidirectional Transceiver
March 2008 Rev. 1.2.0
74VCX245 ONSEMI-74VCX245 Datasheet
654Kb / 13P
   Low Voltage Bidirectional Transceiver
Revised December 2013
74LVT245 ONSEMI-74LVT245 Datasheet
328Kb / 12P
   Low Voltage Octal Bidirectional Transceiver with 3-STATE Inputs/Outputs
February 2008 Rev. 1.4.0
logo
Fairchild Semiconductor
74LVT245 FAIRCHILD-74LVT245 Datasheet
83Kb / 8P
   Low Voltage Octal Bidirectional Transceiver with 3-STATE Inputs/Outputs
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com