Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BR93E56FV-3 Datasheet(PDF) 6 Page - Rohm

Part # BR93E56FV-3
Description  Serial EEPROM series Standard EEPROM MicroWire BUS EEPROM (3-Wire)
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BR93E56FV-3 Datasheet(HTML) 6 Page - Rohm

Back Button BR93E56FV-3 Datasheet HTML 2Page - Rohm BR93E56FV-3 Datasheet HTML 3Page - Rohm BR93E56FV-3 Datasheet HTML 4Page - Rohm BR93E56FV-3 Datasheet HTML 5Page - Rohm BR93E56FV-3 Datasheet HTML 6Page - Rohm BR93E56FV-3 Datasheet HTML 7Page - Rohm BR93E56FV-3 Datasheet HTML 8Page - Rohm BR93E56FV-3 Datasheet HTML 9Page - Rohm BR93E56FV-3 Datasheet HTML 10Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 39 page
background image
6/36
Datasheet
Datasheet
BR93G56-3
www.rohm.com
TSZ02201-09190G100010-1-2
07.JAN.2013 REV.002
© 2012 ROHM Co., Ltd. All rights reserved.
TSZ22111・15・001
●Pin Configuration
●Pin Descriptions
Figure 3. Pin Configuration
Pin name
I / O
Function
CS
Input
Chip select input
SK
Input
Serial clock input
DI
Input
Start bit, ope code, address, and serial data input
DO
Output
Serial data output, READY / BUSY
―――――
STATUS display output
GND
-
All input / output reference voltage, 0V
ORG
Input
Organization select, X16mode or X8 mode
*1
DU
-
Don’t use terminal
*2
VCC
-
Supply voltage
*1 The memory array organization may be divided into either X8 or X16 which is selected by pin ORG.
When ORG is OPEN or connected to VCC, X16 organization is selected.
When ORG is connected to ground, X8 organization is selected.
*2 Terminals not used may be set to any of
high,low, and OPEN
VCC
DU
ORG
GND
CS
SK
DI
DO
BR93G56-3
:DIP-T8
BR93G56F-3
:SOP8
BR93G56FJ-3
:SOP-J8
BR93G56FV-3
:SSOP-B8
BR93G56FVT-3
:TSSOP-B8
BR93G56FVJ-3
:TSSOP-B8J
BR93G56FVM-3
:MSOP8
BR93G56NUX-3
:VSON008X2030


Similar Part No. - BR93E56FV-3

ManufacturerPart #DatasheetDescription
logo
Rohm
BR93E46-3A ROHM-BR93E46-3A Datasheet
938Kb / 39P
   Serial EEPROM series Standard EEPROM MicroWire BUS EEPROM (3-Wire)
BR93E46-3AE2 ROHM-BR93E46-3AE2 Datasheet
938Kb / 39P
   Serial EEPROM series Standard EEPROM MicroWire BUS EEPROM (3-Wire)
BR93E46-3ATR ROHM-BR93E46-3ATR Datasheet
938Kb / 39P
   Serial EEPROM series Standard EEPROM MicroWire BUS EEPROM (3-Wire)
BR93E46-3B ROHM-BR93E46-3B Datasheet
938Kb / 39P
   Serial EEPROM series Standard EEPROM MicroWire BUS EEPROM (3-Wire)
BR93E46-3BE2 ROHM-BR93E46-3BE2 Datasheet
938Kb / 39P
   Serial EEPROM series Standard EEPROM MicroWire BUS EEPROM (3-Wire)
More results

Similar Description - BR93E56FV-3

ManufacturerPart #DatasheetDescription
logo
Rohm
BR93G86-3 ROHM-BR93G86-3 Datasheet
922Kb / 39P
   Serial EEPROM series Standard EEPROM MicroWire BUS EEPROM (3-Wire)
BR93G86-3A ROHM-BR93G86-3A Datasheet
944Kb / 39P
   Serial EEPROM series Standard EEPROM MicroWire BUS EEPROM (3-Wire)
BR93G86-3B ROHM-BR93G86-3B Datasheet
927Kb / 39P
   Serial EEPROM series Standard EEPROM MicroWire BUS EEPROM (3-Wire)
BR93G76-3A ROHM-BR93G76-3A Datasheet
923Kb / 39P
   Serial EEPROM series Standard EEPROM MicroWire BUS EEPROM (3-Wire)
BR93G76-3B ROHM-BR93G76-3B Datasheet
899Kb / 39P
   Serial EEPROM series Standard EEPROM MicroWire BUS EEPROM (3-Wire)
BR93G46-3 ROHM-BR93G46-3 Datasheet
938Kb / 39P
   Serial EEPROM series Standard EEPROM MicroWire BUS EEPROM (3-Wire)
BR93G76-3 ROHM-BR93G76-3 Datasheet
947Kb / 39P
   Serial EEPROM series Standard EEPROM MicroWire BUS EEPROM (3-Wire)
BR93H46RF-2C ROHM-BR93H46RF-2C Datasheet
749Kb / 32P
   Serial EEPROM Series Automotive EEPROM 125??Operation Microwire BUS EEPROM (3-wire)
BR93H46RFVT-2C ROHM-BR93H46RFVT-2C Datasheet
749Kb / 32P
   Serial EEPROM Series Automotive EEPROM 125??Operation Microwire BUS EEPROM (3-wire)
BR93H66RFVT-2C ROHM-BR93H66RFVT-2C Datasheet
786Kb / 32P
   Serial EEPROM Series Automotive EEPROM 125??Operation Microwire BUS EEPROM (3-wire)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com