Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HC49US3-JG5318-20.000 Datasheet(PDF) 1 Page - ILSI America LLC

Part # HC49US3-JG5318-20.000
Description  2 Lead Metal Package Quartz Crystal, 4.7 mm x 11 mm
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ILSI [ILSI America LLC]
Direct Link  http://www.ilsiamerica.com
Logo ILSI - ILSI America LLC

HC49US3-JG5318-20.000 Datasheet(HTML) 1 Page - ILSI America LLC

  HC49US3-JG5318-20.000 Datasheet HTML 1Page - ILSI America LLC HC49US3-JG5318-20.000 Datasheet HTML 2Page - ILSI America LLC  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
2 Lead Metal Package Quartz Crystal, 4.7 mm x 11 mm
HC49US Series
ILSI America Phone: 775-851-8880 • Fax: 775-851-8882• e-mail: e-mail@ilsiamerica.com • www.ilsiamerica.com
06/09_A
Specifications subject to change without notice
Page 1
0.43
±0.03
4.7 Max.
11.1 Max.
4.88
±0.2
12 Min.
H Max.
HC49US, H Max. = 3.5
HC49US2, H Max. = 2.5
HC49US3, H Max. = 2.0
Dimension Units: mm
Product Features:
Applications:
Low Cost Package
Fibre Channel
RoHs Compliant
Server & Storage
Compatible with Leadfree Processing
Sonet /SDH
802.11 / Wifi
T1/E1, T3/E3
* Not available at all frequencies. ** Not available for all temperature ranges.
Frequency
3.2 MHz to 100.000 MHz
ESR (Equivalent Series Resistance)
3.2 MHz – 3.49 MHz
3.5 MHz – 3.99 MHz
4.0 MHz – 4.99 MHz
5.0 MHz – 5.99 MHz
6.0 MHz – 6.99 MHz
7.0 MHz – 8.9 MHz
9.0 MHz – 12.9 MHz
13 MHz – 19.9 MHz
20 MHz – 36 MHz
27 MHz – 100 MHz (3
rd O.T.)
300 Max.
200 Max.
150 Max.
120 Max.
100 Max.
80 Max.
60 Max.
40 Max.
30 Max.
100 Max.
Shunt Capacitance (C0)
7 pF Max.
Frequency Tolerance @ 25
° C
±30 ppm Standard (see Part Number Guide for more options)
Frequency Stability over
Temperature
±50 ppm Standard (see Part Number Guide for more options)
Crystal Cut
AT Cut Standard
Load Capacitance
18 pF Standard (see Part Number Guide for more options)
Drive Level
1 mW Max.
Aging
±5 ppm Max. / Year Standard
Temperature
Operating
0
° C to +70° C Standard (see Part Number Guide for more
options)
Storage
-40
° C to +85° C Standard
Part Number Guide
Sample Part Number:
HC49US - FB1F18 - 20.000
Package
Tolerance
(ppm) at Room
Temperature
Stability
(ppm) over Operating
Temperature
Operating
Temperature Range
Mode
(overtone)
Load Capacitance
(pF)
Frequency
HC49US -
(3.5 mm H)
HC49US2 -
(2.5 mm H)
HC49US3 -
(2.0 mm H)
B = ±50 ppm
B = ±50 ppm
0 = 0°C to +50°C
F = Fundamental
18 pF Standard
Or Specify
- 20.000 MHz
F = ±30 ppm
F = ±30 ppm
1 = 0°C to +70°C
3 = 3
rd overtone
G = ±25 ppm
G = ±25 ppm
2 = -10°C to +60°C
H = ±20 ppm
H = ±20 ppm
3 = -20°C to +70°C
I = ±15 ppm
I = ±15 ppm**
5 = -40°C to +85°C
J = ±10 ppm*
J = ±10 ppm**
9 = -10°C to +50°C


Similar Part No. - HC49US3-JG5318-20.000

ManufacturerPart #DatasheetDescription
logo
auris-GmbH
HC49US AURIS-HC49US Datasheet
161Kb / 1P
   Quartz THT
logo
List of Unclassifed Man...
HC49US ETC-HC49US Datasheet
818Kb / 1P
   AT-CUT CRYSTAL UNIT
logo
auris-GmbH
HC49US AURIS-HC49US Datasheet
498Kb / 1P
   Quartz THT
logo
CITIZEN ELECTRONICS CO....
HC49US CITIZEN-HC49US Datasheet
819Kb / 1P
   AT-CUT CRYSTAL UNIT
logo
Advanced Crystal Techno...
HC49US-SMX ACT-HC49US-SMX Datasheet
201Kb / 2P
   Crystal unit
1/2/2017
More results

Similar Description - HC49US3-JG5318-20.000

ManufacturerPart #DatasheetDescription
logo
ILSI America LLC
HC49U ILSI-HC49U Datasheet
49Kb / 2P
   2 Lead Metal Package Quartz Crystal, 4.7 mm x 11 mm
39-BB0F18-20.000 ILSI-39-BB0F18-20.000 Datasheet
49Kb / 2P
   2 Lead Metal Package Quartz Crystal, 3 mm x 10 mm
HC49USM-BB0F18-20.000 ILSI-HC49USM-BB0F18-20.000 Datasheet
54Kb / 2P
   2 Pad Metal Package, 4.7 mm x 13.3 mm
HC49USM ILSI-HC49USM Datasheet
65Kb / 2P
   2 Pad Metal Package, 4.7 mm x 13.3 mm
38-BX0F12.5-32.768 ILSI-38-BX0F12.5-32.768 Datasheet
51Kb / 2P
   2 Lead Metal Package Crystal, 3 mm x 8 mm, 2 mm x 6 mm, 1 mm x 5 mm
HC49USM4 ILSI-HC49USM4 Datasheet
50Kb / 2P
   4 Pad Metal Package Quartz Crystal, 4.8 mm x 12.5 mm
ILCX09-BB0F18-20.000 ILSI-ILCX09-BB0F18-20.000 Datasheet
53Kb / 2P
   2 Pad Ceramic Package Quartz Crystal, 3.5 mm x 6 mm
ILCX03 ILSI-ILCX03 Datasheet
58Kb / 2P
   2 Pad Ceramic Package Quartz Crystal, 3.2 mm x 5 mm
ILCX09 ILSI-ILCX09 Datasheet
56Kb / 2P
   2 Pad Ceramic Package Quartz Crystal, 3.5 mm x 6 mm
ILCX10 ILSI-ILCX10 Datasheet
53Kb / 2P
   2 Pad Ceramic Package Quartz Crystal, 5 mm x 7 mm
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com