Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BR93G76FVT-3BTR Datasheet(PDF) 7 Page - Rohm

Part # BR93G76FVT-3BTR
Description  Serial EEPROM series Standard EEPROM MicroWire BUS EEPROM (3-Wire)
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BR93G76FVT-3BTR Datasheet(HTML) 7 Page - Rohm

Back Button BR93G76FVT-3BTR Datasheet HTML 3Page - Rohm BR93G76FVT-3BTR Datasheet HTML 4Page - Rohm BR93G76FVT-3BTR Datasheet HTML 5Page - Rohm BR93G76FVT-3BTR Datasheet HTML 6Page - Rohm BR93G76FVT-3BTR Datasheet HTML 7Page - Rohm BR93G76FVT-3BTR Datasheet HTML 8Page - Rohm BR93G76FVT-3BTR Datasheet HTML 9Page - Rohm BR93G76FVT-3BTR Datasheet HTML 10Page - Rohm BR93G76FVT-3BTR Datasheet HTML 11Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 39 page
background image
7/36
Datasheet
Datasheet
BR93G76-3
www.rohm.com
TSZ02201-09190G100070-1-2
07.JAN.2013 REV.001
© 2012 ROHM Co., Ltd. All rights reserved.
TSZ22111・15・001
●Typical Performance Curves
Figure 4.Input high voltage VIH (CS,SK,DI,ORG)
Figure 5. Input low voltage VIL(CS,SK,DI,ORG)
Figure 6.Output low voltage1 VOL1(VCC=2.7V)
Figure 7. Output low voltage2 VOL2 (VCC=1.7V)
0
1
2
3
4
5
6
012
3
456
SUPPLY VOLTAGE: VCC(V)
SPEC
Ta=-40℃
Ta= 25℃
Ta= 85℃
0
1
2
3
4
5
6
012
3
456
SUPPLY VOLTAGE: VCC(V)
SPEC
Ta=-40℃
Ta= 25℃
Ta= 85℃
0
0.2
0.4
0.6
0.8
1
0
123
45
OUTPUT LOW CURRENT:IOL(mA)
SPEC
Ta=-40℃
Ta= 25℃
Ta= 85℃
0
0.2
0.4
0.6
0.8
1
012
34
5
OUTPUT LOW CURRENT : IOL(mA)
SPEC
Ta=-40℃
Ta= 25℃
Ta= 85℃


Similar Part No. - BR93G76FVT-3BTR

ManufacturerPart #DatasheetDescription
logo
Rohm
BR93G76FVT-3B ROHM-BR93G76FVT-3B Datasheet
971Kb / 40P
   MicroWire BUS EEPROM (3-Wire)
More results

Similar Description - BR93G76FVT-3BTR

ManufacturerPart #DatasheetDescription
logo
Rohm
BR93G86-3 ROHM-BR93G86-3 Datasheet
922Kb / 39P
   Serial EEPROM series Standard EEPROM MicroWire BUS EEPROM (3-Wire)
BR93G86-3A ROHM-BR93G86-3A Datasheet
944Kb / 39P
   Serial EEPROM series Standard EEPROM MicroWire BUS EEPROM (3-Wire)
BR93G86-3B ROHM-BR93G86-3B Datasheet
927Kb / 39P
   Serial EEPROM series Standard EEPROM MicroWire BUS EEPROM (3-Wire)
BR93G56-3 ROHM-BR93G56-3 Datasheet
939Kb / 39P
   Serial EEPROM series Standard EEPROM MicroWire BUS EEPROM (3-Wire)
BR93G76-3A ROHM-BR93G76-3A Datasheet
923Kb / 39P
   Serial EEPROM series Standard EEPROM MicroWire BUS EEPROM (3-Wire)
BR93G76-3B ROHM-BR93G76-3B Datasheet
899Kb / 39P
   Serial EEPROM series Standard EEPROM MicroWire BUS EEPROM (3-Wire)
BR93G46-3 ROHM-BR93G46-3 Datasheet
938Kb / 39P
   Serial EEPROM series Standard EEPROM MicroWire BUS EEPROM (3-Wire)
BR93H46RF-2C ROHM-BR93H46RF-2C Datasheet
749Kb / 32P
   Serial EEPROM Series Automotive EEPROM 125??Operation Microwire BUS EEPROM (3-wire)
BR93H46RFVT-2C ROHM-BR93H46RFVT-2C Datasheet
749Kb / 32P
   Serial EEPROM Series Automotive EEPROM 125??Operation Microwire BUS EEPROM (3-wire)
BR93H66RFVT-2C ROHM-BR93H66RFVT-2C Datasheet
786Kb / 32P
   Serial EEPROM Series Automotive EEPROM 125??Operation Microwire BUS EEPROM (3-wire)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com