Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX9708 Datasheet(PDF) 9 Page - Maxim Integrated Products

Part # MAX9708
Description  20W/40W, Filterless, Spread-Spectrum, Mono/Stereo, Class D Amplifier
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX9708 Datasheet(HTML) 9 Page - Maxim Integrated Products

Back Button MAX9708 Datasheet HTML 5Page - Maxim Integrated Products MAX9708 Datasheet HTML 6Page - Maxim Integrated Products MAX9708 Datasheet HTML 7Page - Maxim Integrated Products MAX9708 Datasheet HTML 8Page - Maxim Integrated Products MAX9708 Datasheet HTML 9Page - Maxim Integrated Products MAX9708 Datasheet HTML 10Page - Maxim Integrated Products MAX9708 Datasheet HTML 11Page - Maxim Integrated Products MAX9708 Datasheet HTML 12Page - Maxim Integrated Products MAX9708 Datasheet HTML 13Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 22 page
background image
MAX9708
20W/40W, Filterless, Spread-Spectrum,
Mono/Stereo, Class D Amplifier
9
Maxim Integrated
Pin Description (continued)
PIN
NAME
FUNCTION
8
C1N
Charge-Pump Flying Capacitor C1, Negative Terminal
9
C1P
Charge-Pump Flying Capacitor C1, Positive Terminal
10
CPVDD
Charge-Pump Power Supply. Bypass to PVDD with a 1µF capacitor as close to the pin as possible.
11
SYNCOUT
Open-Drain, Slew-Rate Limited Clock Output. Pullup with a 10k
Ω resistor to REG.
13
SYNCIN
Clock Synchronization Input. Allows for synchronization of the internal oscillator with an external clock.
SYNCIN is internally pulled up to VREG with a 100k
Ω resistor.
14
FS2
Frequency Select 2
15
FS1
Frequency Select 1
16
INL-
Left-Channel Negative Input (Stereo Mode Only)
17
INL+
Left-Channel Positive Input (Stereo Mode Only)
18
MONO
Mono/Stereo Mode Input. Drive logic-high for mono mode. Drive logic-low for stereo mode.
19, 20, 21
REG
Internal Regulator Output Voltage (6V). Bypass with a 0.01µF capacitor to GND.
22, 23
GND
Analog Ground
24
SS
Soft-Start. Connect a 0.47µF capacitor to GND to utilize soft-start power-up sequence.
25
VDD
Analog Power Supply. Bypass to GND with a 0.1µF capacitor as close to pin as possible.
26
INR-
Right-Channel Negative Input. In mono mode, INR- is the negative input.
27
INR+
Right-Channel Positive Input. In mono mode, INR+ is the positive input.
28
G1
Gain Select Input 1
29
G2
Gain Select Input 2
30
SHDN
Active-Low Shutdown Input. Drive SHDN high for normal operation. Drive SHDN low to place the
device in shutdown mode.
31
MUTE
Active-Low Mute Input. Drive logic-low to place the device in mute. In mute mode, Class D output
stage is no longer switching. Drive high for normal operation. MUTE is internally pulled up to VREG
with a 100k
Ω resistor.
32
TEMP
Thermal Flag Output, Open Drain. Pull up with a 10k
Ω resistor to REG.
33
TH2
Temperature Flag Threshold Select Input 2
34
TH1
Temperature Flag Threshold Select Input 1
35
TH0
Temperature Flag Threshold Select Input 0
45, 46
OUTR-
Right-Channel Negative Output
47, 48
OUTR+
Right-Channel Positive Output
51, 52
OUTL-
Left-Channel Negative Output
53, 54
OUTL+
Left-Channel Positive Output
EP
EP
Exposed Paddle. Connect to GND with multiple vias for best heat dissipation.


Similar Part No. - MAX9708

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9708 MAXIM-MAX9708 Datasheet
781Kb / 24P
   20W/40W, Filterless, Spread-Spectrum, Mono/Stereo, Class D Amplifier
Rev 0; 7/05
MAX9708ECB MAXIM-MAX9708ECB Datasheet
781Kb / 24P
   20W/40W, Filterless, Spread-Spectrum, Mono/Stereo, Class D Amplifier
Rev 0; 7/05
MAX9708ETN MAXIM-MAX9708ETN Datasheet
781Kb / 24P
   20W/40W, Filterless, Spread-Spectrum, Mono/Stereo, Class D Amplifier
Rev 0; 7/05
More results

Similar Description - MAX9708

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9708 MAXIM-MAX9708 Datasheet
781Kb / 24P
   20W/40W, Filterless, Spread-Spectrum, Mono/Stereo, Class D Amplifier
Rev 0; 7/05
MAX9709 MAXIM-MAX9709 Datasheet
647Kb / 24P
   25W/50W, Filterless, Spread-Spectrum, Stereo/Mono, Class D Amplifier
Rev 0; 9/05
MAX9709 MAXIM-MAX9709_V01 Datasheet
1Mb / 20P
   25W/50W, Filterless, Spread-Spectrum, Stereo/Mono, Class D Amplifier
19-3769; Rev 2; 5/14
MAX9713 MAXIM-MAX9713 Datasheet
508Kb / 18P
   6W, Filterless, Spread-Spectrum Mono/Stereo Class D Amplifiers
Rev 2; 9/04
logo
STMicroelectronics
TDA7490L STMICROELECTRONICS-TDA7490L_05 Datasheet
242Kb / 11P
   20W 20W STEREO CLASS-D AMPLIFIER 40W MONO IN BTL
logo
Maxim Integrated Produc...
MAX9703 MAXIM-MAX9703_V01 Datasheet
1Mb / 24P
   10W Stereo/15W Mono, Filterless, Spread-Spectrum, Class D Amplifiers
19-3160; Rev 8; 5/14
MAX9703 MAXIM-MAX9703 Datasheet
2Mb / 21P
   10W Stereo/15W Mono, Filterless, Spread-Spectrum, Class D Amplifiers
Rev 7; 3/06
MAX9741 MAXIM-MAX9741 Datasheet
43Kb / 1P
   12W12W, Filterless, Spread-Spectrum, Stereo, Class D Amplifier
Rev 0; 10/05
logo
Texas Instruments
LM4675 TI-LM4675_15 Datasheet
1Mb / 23P
[Old version datasheet]   Ultra-Low EMI, Filterless, 2.65W, Mono, Class D Audio Power Amplifier with Spread Spectrum
logo
National Semiconductor ...
LM48511 NSC-LM48511_08 Datasheet
442Kb / 22P
   3W, Ultra-Low EMI, Filterless, Mono, Class D Audio Power Amplifier with Spread Spectrum
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com