Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX44246 Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # MAX44246
Description  36V, Low-Noise, Precision, Dual Op Amp
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX44246 Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button MAX44246_13 Datasheet HTML 2Page - Maxim Integrated Products MAX44246_13 Datasheet HTML 3Page - Maxim Integrated Products MAX44246_13 Datasheet HTML 4Page - Maxim Integrated Products MAX44246_13 Datasheet HTML 5Page - Maxim Integrated Products MAX44246_13 Datasheet HTML 6Page - Maxim Integrated Products MAX44246_13 Datasheet HTML 7Page - Maxim Integrated Products MAX44246_13 Datasheet HTML 8Page - Maxim Integrated Products MAX44246_13 Datasheet HTML 9Page - Maxim Integrated Products MAX44246_13 Datasheet HTML 10Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
6
Maxim Integrated
MAX44246
36V, Low-Noise, Precision, Dual Op Amp
Typical Operating Characteristics (continued)
(VDD = 10V, VGND = 0V, VIN+ = VIN- = VDD/2, RL = 5kΩ to VDD/2, TA = -40°C to +125°C, unless otherwise noted. Typical values are
at TA = +25°C.) (Note 3)
COMMON-MODE REJECTION RATIO
vs. FREQUENCY
FREQUENCY (Hz)
1M
100k
1k
10k
10 100
1
0
-20
20
40
60
80
100
120
140
160
-40
0.1
10M
100mVP-P
90
100
110
120
140
150
160
170
130
POWER-SUPPLY REJECTION RATIO
vs. TEMPERATURE
180
80
TEMPERATURE (°C)
100
75
50
25
0
-25
-50
125
OPEN-LOOP GAIN vs. FREQUENCY
FREQUENCY (Hz)
1M
100k
1k 10k
10 100
1
0.01 0.1
10M100M
200
-50
0
50
100
150
VIN = 100mVP-P
OUTPUT VOLTAGE LOW
vs. TEMPERATURE
70
0
TEMPERATURE (°C)
100
75
50
25
0
-25
-50
125
10
20
30
40
50
60
OUTPUT VOLTAGE LOW
vs. OUTPUT SINK CURRENT
OUTPUT SINK CURRENT (mA)
8
6
4
2
010
50
100
150
200
300
350
400
450
250
500
0
OUTPUT VOLTAGE HIGH
vs. TEMPERATURE
9.970
9.930
TEMPERATURE (°C)
100
75
50
25
0
-25
-50
125
9.940
9.935
9.945
9.955
9.950
9.965
9.960
OUTPUT VOLTAGE HIGH
vs. OUTPUT SINK CURRENT
OUTPUT SINK CURRENT (mA)
8
6
4
2
010
9.60
9.55
9.65
9.70
9.75
9.85
9.90
9.95
10.00
9.80
10.05
9.50
SMALL-SIGNAL GAIN vs. FREQUENCY
FREQUENCY (Hz)
1M
100k
1k
10k
100
2
-20
10
100M
10M
-18
-16
-14
-12
-10
-8
-6
-4
-2
0
NORMALIZED GAIN,
VIN = 100mVP-P
LARGE-SIGNAL GAIN vs. FREQUENCY
FREQUENCY (Hz)
10M
1M
10k 100k
1k
100
-45
-40
-35
-30
-25
-20
-15
-10
-5
0
5
-50
10
100M
NORMALIZED GAIN,
VIN = 2VP-P


Similar Part No. - MAX44246_13

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX44246 MAXIM-MAX44246_12 Datasheet
2Mb / 12P
   36V, Low-Noise, Precision, Dual Op Amp
Rev 1; 9/12
More results

Similar Description - MAX44246_13

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX44246 MAXIM-MAX44246_12 Datasheet
2Mb / 12P
   36V, Low-Noise, Precision, Dual Op Amp
Rev 1; 9/12
MAX44241 MAXIM-MAX44241_V01 Datasheet
875Kb / 13P
   36V, Low-Noise, Precision, Single/Quad/Dual Op Amps
2015
logo
Linear Technology
OP-227 LINER-OP-227_15 Datasheet
2Mb / 12P
   DUAL MATCHED LOW NOISE PRECISION OP AMP
OP-237 LINER-OP-237_15 Datasheet
2Mb / 12P
   DUAL MATCHED LOW NOISE PRECISION OP AMP
logo
Maxim Integrated Produc...
MXL1007 MAXIM-MXL1007 Datasheet
246Kb / 8P
   Low-Noise, Precision Op Amp
19-0096; Rev 1; 8/94
logo
Linear Technology
OP227EN LINER-OP227EN Datasheet
2Mb / 12P
   Dual Matched Low Noise Precision Op Amp and Dual High Speed Low Noise Prescision Op Amp
LT1113 LINER-LT1113_15 Datasheet
224Kb / 16P
   Dual Low Noise, Precision, JFET Input Op Amp
logo
AUK corp
S4558 AUK-S4558 Datasheet
236Kb / 4P
   Low Noise Dual OP AMP
logo
KODENSHI_AUK CORP.
S4558 KODENSHI-S4558 Datasheet
185Kb / 4P
   Low Noise Dual OP AMP
logo
AUK corp
S4558P AUK-S4558P Datasheet
240Kb / 3P
   Low Noise Dual OP AMP
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com