Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HC49US3-IJ5318-20.000 Datasheet(PDF) 2 Page - ILSI America LLC

Part # HC49US3-IJ5318-20.000
Description  2 Lead Metal Package Quartz Crystal, 4.7 mm x 11 mm
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ILSI [ILSI America LLC]
Direct Link  http://www.ilsiamerica.com
Logo ILSI - ILSI America LLC

HC49US3-IJ5318-20.000 Datasheet(HTML) 2 Page - ILSI America LLC

  HC49US3-IJ5318-20.000 Datasheet HTML 1Page - ILSI America LLC HC49US3-IJ5318-20.000 Datasheet HTML 2Page - ILSI America LLC  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2 Lead Metal Package Quartz Crystal, 4.7 mm x 11 mm
HC49US Series
ILSI America Phone: 775-851-8880 • Fax: 775-851-8882• e-mail: e-mail@ilsiamerica.com • www.ilsiamerica.com
06/09_A
Specifications subject to change without notice
Page 2
Pb Free Solder Reflow Profile:
Typical Circuit:
*Units are backward compatible with 240C reflow processes
Package Information:
MSL = 1
Termination = e1 (Sn / Cu / Ag over Ni over Kovar base metal).
Environmental Specifications
Thermal Shock
MIL-STD-883, Method 1011, Condition A
Moisture Resistance
MIL-STD-883, Method 1004
Mechanical Shock
MIL-STD-883, Method 2002, Condition B
Mechanical Vibration
MIL-STD-883, Method 2007, Condition A
Resistance to Soldering Heat
J-STD-020C, Table 5-2 Pb-free devices (except 2 cycles max)
Hazardous Substance
Pb-Free / RoHS / Green Compliant
Solderability
JESD22-B102-D Method 2 (Preconditioning E)
Terminal Strength
MIL-STD-883, Method 2004, Test Condition D
Gross Leak
MIL-STD-883, Method 1014, Condition C
Fine Leak
MIL-STD-883, Method 1014, Condition A2, R1=2x10-8 atm cc/s
Solvent Resistance
MIL-STD-202, Method 215
Marking
Line 1 ILSI, Frequency, Date Code (yww)


Similar Part No. - HC49US3-IJ5318-20.000

ManufacturerPart #DatasheetDescription
logo
auris-GmbH
HC49US AURIS-HC49US Datasheet
161Kb / 1P
   Quartz THT
logo
List of Unclassifed Man...
HC49US ETC-HC49US Datasheet
818Kb / 1P
   AT-CUT CRYSTAL UNIT
logo
auris-GmbH
HC49US AURIS-HC49US Datasheet
498Kb / 1P
   Quartz THT
logo
CITIZEN ELECTRONICS CO....
HC49US CITIZEN-HC49US Datasheet
819Kb / 1P
   AT-CUT CRYSTAL UNIT
logo
Advanced Crystal Techno...
HC49US-SMX ACT-HC49US-SMX Datasheet
201Kb / 2P
   Crystal unit
1/2/2017
More results

Similar Description - HC49US3-IJ5318-20.000

ManufacturerPart #DatasheetDescription
logo
ILSI America LLC
HC49U ILSI-HC49U Datasheet
49Kb / 2P
   2 Lead Metal Package Quartz Crystal, 4.7 mm x 11 mm
39-BB0F18-20.000 ILSI-39-BB0F18-20.000 Datasheet
49Kb / 2P
   2 Lead Metal Package Quartz Crystal, 3 mm x 10 mm
HC49USM-BB0F18-20.000 ILSI-HC49USM-BB0F18-20.000 Datasheet
54Kb / 2P
   2 Pad Metal Package, 4.7 mm x 13.3 mm
HC49USM ILSI-HC49USM Datasheet
65Kb / 2P
   2 Pad Metal Package, 4.7 mm x 13.3 mm
38-BX0F12.5-32.768 ILSI-38-BX0F12.5-32.768 Datasheet
51Kb / 2P
   2 Lead Metal Package Crystal, 3 mm x 8 mm, 2 mm x 6 mm, 1 mm x 5 mm
HC49USM4 ILSI-HC49USM4 Datasheet
50Kb / 2P
   4 Pad Metal Package Quartz Crystal, 4.8 mm x 12.5 mm
ILCX09-BB0F18-20.000 ILSI-ILCX09-BB0F18-20.000 Datasheet
53Kb / 2P
   2 Pad Ceramic Package Quartz Crystal, 3.5 mm x 6 mm
ILCX03 ILSI-ILCX03 Datasheet
58Kb / 2P
   2 Pad Ceramic Package Quartz Crystal, 3.2 mm x 5 mm
ILCX09 ILSI-ILCX09 Datasheet
56Kb / 2P
   2 Pad Ceramic Package Quartz Crystal, 3.5 mm x 6 mm
ILCX10 ILSI-ILCX10 Datasheet
53Kb / 2P
   2 Pad Ceramic Package Quartz Crystal, 5 mm x 7 mm
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com