Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCS37000DBG Datasheet(PDF) 6 Page - ON Semiconductor

Part # NCS37000DBG
Description  Ground Fault Circuit Interrupter (GFCI)
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCS37000DBG Datasheet(HTML) 6 Page - ON Semiconductor

  NCS37000DBG Datasheet HTML 1Page - ON Semiconductor NCS37000DBG Datasheet HTML 2Page - ON Semiconductor NCS37000DBG Datasheet HTML 3Page - ON Semiconductor NCS37000DBG Datasheet HTML 4Page - ON Semiconductor NCS37000DBG Datasheet HTML 5Page - ON Semiconductor NCS37000DBG Datasheet HTML 6Page - ON Semiconductor NCS37000DBG Datasheet HTML 7Page - ON Semiconductor NCS37000DBG Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
NCS37000
http://onsemi.com
6
RECOMMENDED EXTERNAL COMPONENTS:
Component Type
Instance
Value
Note
SCR
Q1
ON−MCR08
Diode
Dx
ON−1N4007
Capacitor
Csup
1 − 5 mF
For a full bridge rectifier
Capacitor
Cgn
2 − 10 nF
Low pass corner frequency for GN detection
Capacitor
Cidf
220 nF
1kHz differential corner frequency
Capacitor
Cct
2.2 − 5 nF
Match to current transformer for resonance
Capacitor
Cbias
10 nF
Added for filtering
Resistor
RctresD
40 − 80K
Matched to current transformer
Resistor
RctGN
100 − 400K
Matched to current transformer
Resistor
Rzc
400 − 800K
Zero cross detector shunt resistance
Resistor
Rmains
10 − 20K
For a full bridge rectifier
TVS
T1
~250 − 400 V
Filtering
The analog signal capture portion of the IC includes a
single pole filter that can be set externally with Cidf. This
provides an additional layer of protection against false
tripping under steady state noise conditions. High frequency
steady state noise is common with pumps, motors or other
cyclic noise generators.
Cidf = 220 nF = 1 KHz low pass.
Setting Trip Sensitivity
The CTresD resistor sets the threshold for the differential
current fault levels. Increasing CTresD causes the fault
levels to trip at lower differential currents. CT efficiency at
60 Hz must be considered.
CTresD= 200*#Turns – Subject to CT efficiency at 60 Hz
The CTresGN resistor sets the threshold for ground to
neutral fault detection. The Rt parameter is the desired
ground to neutral resistance trip level. Higher CTresGN
values will cause the part to trip at higher ground to neutral
impedances.
CtresGN = #Turns^2 x Rt/2 – Subject to CT efficiency from
3 kHz to 4 kHz
Setting Grounded−Neutral response time
Cgn is used to define the response time of the
grounded−neutral detection circuit. The analog portion
converts the impedance into a DC voltage and a high
frequency (aliased) component. The capacitor is used to
remove the high frequency component leaving just the DC
representation of the impedance.
CTcapGN= 1.8E-4/CTresGN


Similar Part No. - NCS37000DBG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCS37005 ONSEMI-NCS37005 Datasheet
120Kb / 8P
   Ground Fault Interrupter
April, 2012 ??Rev. P0
NCS37005DAG ONSEMI-NCS37005DAG Datasheet
126Kb / 8P
   Ground Fault Interrupter
April, 2012 ??Rev. P0
NCS37005DAG ONSEMI-NCS37005DAG Datasheet
120Kb / 8P
   Ground Fault Interrupter
April, 2012 ??Rev. P0
NCS37005DARG ONSEMI-NCS37005DARG Datasheet
126Kb / 8P
   Ground Fault Interrupter
April, 2012 ??Rev. P0
NCS37005DARG ONSEMI-NCS37005DARG Datasheet
120Kb / 8P
   Ground Fault Interrupter
April, 2012 ??Rev. P0
More results

Similar Description - NCS37000DBG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCS37014 ONSEMI-NCS37014 Datasheet
157Kb / 8P
   Self Test Ground Fault Circuit Interrupter (GFCI)
March, 2020 ??Rev. 2
NCS37012 ONSEMI-NCS37012 Datasheet
137Kb / 9P
   Self Test Ground Fault Circuit Interrupter (GFCI)
May, 2012 ??Rev. P0
NCS37012 ONSEMI-NCS37012_16 Datasheet
101Kb / 9P
   Self Test Ground Fault Circuit Interrupter (GFCI)
May, 2016 ??Rev. 0
NCS37015 ONSEMI-NCS37015 Datasheet
234Kb / 10P
   Self Test Ground Fault Circuit Interrupter (GFCI)
July, 2022 - Rev. 1
NCS37010 ONSEMI-NCS37010 Datasheet
182Kb / 12P
   Self Test With Lockout Ground Fault Circuit Interrupter (GFCI)
June, 2013 ??Rev. P2
logo
Texas Instruments
AFE3010 TI1-AFE3010 Datasheet
1Mb / 34P
[Old version datasheet]   AFE3010 Ground Fault Circuit Interrupter (GFCI) With Self-Test and Neutral-Ground Fault Detection
LM1851 TI1-LM1851 Datasheet
208Kb / 10P
[Old version datasheet]   Ground Fault Interrupter
logo
Fairchild Semiconductor
FAN1851A FAIRCHILD-FAN1851A Datasheet
122Kb / 11P
   Ground Fault Interrupter
logo
National Semiconductor ...
LM1851 NSC-LM1851 Datasheet
165Kb / 8P
   Ground Fault Interrupter
logo
Fairchild Semiconductor
FAN4146 FAIRCHILD-FAN4146 Datasheet
595Kb / 10P
   Ground Fault Interrupter
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com