Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DTS6400 Datasheet(PDF) 3 Page - DinTek Semiconductor Co,.Ltd

Part # DTS6400
Description  N-Channel 60-V (D-S) MOSFET Halogen-free
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DINTEK [DinTek Semiconductor Co,.Ltd]
Direct Link  http://www.daysemi.jp/
Logo DINTEK - DinTek Semiconductor Co,.Ltd

DTS6400 Datasheet(HTML) 3 Page - DinTek Semiconductor Co,.Ltd

  DTS6400 Datasheet HTML 1Page - DinTek Semiconductor Co,.Ltd DTS6400 Datasheet HTML 2Page - DinTek Semiconductor Co,.Ltd DTS6400 Datasheet HTML 3Page - DinTek Semiconductor Co,.Ltd DTS6400 Datasheet HTML 4Page - DinTek Semiconductor Co,.Ltd DTS6400 Datasheet HTML 5Page - DinTek Semiconductor Co,.Ltd DTS6400 Datasheet HTML 6Page - DinTek Semiconductor Co,.Ltd DTS6400 Datasheet HTML 7Page - DinTek Semiconductor Co,.Ltd DTS6400 Datasheet HTML 8Page - DinTek Semiconductor Co,.Ltd DTS6400 Datasheet HTML 9Page - DinTek Semiconductor Co,.Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
3
TYPICAL CHARACTERISTICS 25 °C, unless otherwise noted
Output Characteristics
On-Resistance vs. Drain Current and Gate Voltage
Gate Charge
0
2
4
6
8
10
0
1234
5
VDS - Drain-to-Source Voltage (V)
VGS =10thru 5 V
VGS =2 V
VGS =3 V
VGS =4 V
0.06
0.12
0.18
0.24
0.30
02
4
6
8
10
ID - Drain Current (A)
VGS =10 V
VGS =4.5 V
0
2
4
6
8
10
0
1234
5
ID =4.5 A
Qg - Total Gate Charge (nC)
VDS =48V
VDS =30 V
Transfer Characteristics
Capacitance
On-Resistance vs. Junction Temperature
0
1
2
3
4
0.0
0.7
1.4
2.1
2.8
3.5
VGS - Gate-to-Source Voltage (V)
TC = 125 °C
TC =25 °C
TC = - 55 °C
Crss
0
60
120
180
240
300
0
102030
405060
Ciss
VDS - Drain-to-Source Voltage (V)
Coss
0.5
0.8
1.1
1.4
1.7
2.0
- 50
- 25
0
25
50
75
100
125
150
TJ -Junction Temperature (°C)
VGS =10 V,ID =4.5 A
VGS =4.5 V,ID =1.7 A


Similar Part No. - DTS6400

ManufacturerPart #DatasheetDescription
logo
DinTek Semiconductor Co...
DTS6400 DINTEK-DTS6400 Datasheet
342Kb / 9P
   Halogen-free According to IEC 61249-2-21
More results

Similar Description - DTS6400

ManufacturerPart #DatasheetDescription
logo
DinTek Semiconductor Co...
DTS2N7002 DINTEK-DTS2N7002 Datasheet
1Mb / 8P
   N-Channel 60-V (D-S) MOSFET Halogen-free
DTM4964 DINTEK-DTM4964_13 Datasheet
1Mb / 9P
   N-Channel 60-V (D-S) MOSFET Halogen-free
DTM4946 DINTEK-DTM4946_13 Datasheet
1Mb / 9P
   Dual N-Channel 60-V (D-S) MOSFET Halogen-free
DTS7001 DINTEK-DTS7001 Datasheet
1Mb / 7P
   P-Channel 60 V (D-S) MOSFET Halogen-free
DTS64011 DINTEK-DTS64011 Datasheet
437Kb / 7P
   P-Channel 60 V (D-S) MOSFET Halogen-free
DTP3006 DINTEK-DTP3006_13 Datasheet
1Mb / 7P
   P-Channel 60 V (D-S) MOSFET Halogen-free
DTM4948 DINTEK-DTM4948 Datasheet
1Mb / 8P
   Dual P-Channel 60-V (D-S) MOSFET Halogen-free
DTS3400A DINTEK-DTS3400A Datasheet
1Mb / 9P
   N-Channel 30-V (D-S) MOSFET Halogen-free
DTL15N03 DINTEK-DTL15N03_13 Datasheet
1Mb / 8P
   N-Channel 30-V (D-S) MOSFET Halogen-free
DTS2312 DINTEK-DTS2312_13 Datasheet
397Kb / 9P
   N-Channel 20 V (D-S) MOSFET Halogen-free
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com