Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NGTG30N60FLWG Datasheet(PDF) 2 Page - ON Semiconductor

Part # NGTG30N60FLWG
Description  Insulated Gate Bipolar Transistor (IGBT)
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NGTG30N60FLWG Datasheet(HTML) 2 Page - ON Semiconductor

  NGTG30N60FLWG Datasheet HTML 1Page - ON Semiconductor NGTG30N60FLWG Datasheet HTML 2Page - ON Semiconductor NGTG30N60FLWG Datasheet HTML 3Page - ON Semiconductor NGTG30N60FLWG Datasheet HTML 4Page - ON Semiconductor NGTG30N60FLWG Datasheet HTML 5Page - ON Semiconductor NGTG30N60FLWG Datasheet HTML 6Page - ON Semiconductor NGTG30N60FLWG Datasheet HTML 7Page - ON Semiconductor NGTG30N60FLWG Datasheet HTML 8Page - ON Semiconductor NGTG30N60FLWG Datasheet HTML 9Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
NGTG30N60FLWG
http://onsemi.com
2
THERMAL CHARACTERISTICS
Rating
Symbol
Value
Unit
Thermal resistance junction−to−case, for IGBT
RqJC
0.75
°C/W
Thermal resistance junction−to−ambient
RqJA
40
°C/W
ELECTRICAL CHARACTERISTICS (TJ = 25°C unless otherwise specified)
Parameter
Test Conditions
Symbol
Min
Typ
Max
Unit
STATIC CHARACTERISTIC
Collector−emitter breakdown voltage,
gate−emitter short−circuited
VGE = 0 V, IC = 500 mA
V(BR)CES
600
V
Collector−emitter saturation voltage
VGE = 15 V, IC = 30 A
VGE = 15 V, IC = 30 A, TJ = 150°C
VCEsat
1.4
1.65
2.0
1.9
V
Gate−emitter threshold voltage
VGE = VCE, IC = 200 mA
VGE(th)
4.5
5.5
6.5
V
Collector−emitter cut−off current, gate−
emitter short−circuited
VGE = 0 V, VCE = 600 V
VGE = 0 V, VCE = 600 V, TJ = 150°C
ICES
0.2
2
mA
Gate leakage current, collector−emitter
short−circuited
VGE = 20 V , VCE = 0 V
IGES
100
nA
DYNAMIC CHARACTERISTIC
Input capacitance
VCE = 20 V, VGE = 0 V, f = 1 MHz
Cies
4200
pF
Output capacitance
Coes
130
Reverse transfer capacitance
Cres
110
Gate charge total
VCE = 480 V, IC = 30 A, VGE = 15 V
Qg
170
nC
Gate to emitter charge
Qge
34
Gate to collector charge
Qgc
83
SWITCHING CHARACTERISTIC, INDUCTIVE LOAD
Turn−on delay time
TJ = 25°C
VCC = 400 V, IC = 30 A
Rg = 10 W
VGE = 0 V/ 15 V
td(on)
83
ns
Rise time
tr
31
Turn−off delay time
td(off)
170
Fall time
tf
80
Turn−on switching loss
Eon
0.7
mJ
Turn−off switching loss
Eoff
0.28
Total switching loss
Ets
0.98
Turn−on delay time
TJ = 150°C
VCC = 400 V, IC = 30 A
Rg = 10 W
VGE = 0 V/ 15 V
td(on)
81
ns
Rise time
tr
32
Turn−off delay time
td(off)
180
Fall time
tf
110
Turn−on switching loss
Eon
0.82
mJ
Turn−off switching loss
Eoff
0.63
Total switching loss
Ets
1.45


Similar Part No. - NGTG30N60FLWG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NGTG30N60FWG ONSEMI-NGTG30N60FWG Datasheet
175Kb / 9P
   Insulated Gate Bipolar Transistor (IGBT)
December, 2012 ??Rev. 0
More results

Similar Description - NGTG30N60FLWG

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BUK854-800A PHILIPS-BUK854-800A Datasheet
60Kb / 7P
   Insulated Gate Bipolar Transistor IGBT
October 1994 Rev.1.100
logo
ON Semiconductor
NGTB30N60IHLWG ONSEMI-NGTB30N60IHLWG Datasheet
180Kb / 10P
   Insulated Gate Bipolar Transistor (IGBT)
November, 2012 ??Rev. 0
logo
NXP Semiconductors
BUK856-800A PHILIPS-BUK856-800A Datasheet
60Kb / 7P
   Insulated Gate Bipolar Transistor IGBT
March 1993 Rev 1.000
logo
ON Semiconductor
NGTB30N60FLWG ONSEMI-NGTB30N60FLWG Datasheet
182Kb / 10P
   Insulated Gate Bipolar Transistor (IGBT)
December, 2012 ??Rev. 0
NGTB40N60IHLWG ONSEMI-NGTB40N60IHLWG Datasheet
184Kb / 10P
   Insulated Gate Bipolar Transistor (IGBT)
November, 2012 ??Rev. 0
NGTB50N60FWG ONSEMI-NGTB50N60FWG Datasheet
183Kb / 10P
   Insulated Gate Bipolar Transistor (IGBT)
December, 2012 ??Rev. 1
NGTG50N60FWG ONSEMI-NGTG50N60FWG Datasheet
176Kb / 9P
   Insulated Gate Bipolar Transistor (IGBT)
December, 2012 ??Rev. 0
NGTB30N60FWG ONSEMI-NGTB30N60FWG Datasheet
182Kb / 10P
   Insulated Gate Bipolar Transistor (IGBT)
December, 2012 ??Rev. 1
NGTB50N60FLWG ONSEMI-NGTB50N60FLWG Datasheet
187Kb / 10P
   Insulated Gate Bipolar Transistor (IGBT)
January, 2013 ??Rev. 1
NGTG30N60FWG ONSEMI-NGTG30N60FWG Datasheet
175Kb / 9P
   Insulated Gate Bipolar Transistor (IGBT)
December, 2012 ??Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com