Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NGTG30N60FLWG Datasheet(PDF) 3 Page - ON Semiconductor

Part # NGTG30N60FLWG
Description  Insulated Gate Bipolar Transistor (IGBT)
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NGTG30N60FLWG Datasheet(HTML) 3 Page - ON Semiconductor

  NGTG30N60FLWG Datasheet HTML 1Page - ON Semiconductor NGTG30N60FLWG Datasheet HTML 2Page - ON Semiconductor NGTG30N60FLWG Datasheet HTML 3Page - ON Semiconductor NGTG30N60FLWG Datasheet HTML 4Page - ON Semiconductor NGTG30N60FLWG Datasheet HTML 5Page - ON Semiconductor NGTG30N60FLWG Datasheet HTML 6Page - ON Semiconductor NGTG30N60FLWG Datasheet HTML 7Page - ON Semiconductor NGTG30N60FLWG Datasheet HTML 8Page - ON Semiconductor NGTG30N60FLWG Datasheet HTML 9Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
NGTG30N60FLWG
http://onsemi.com
3
TYPICAL CHARACTERISTICS
Figure 1. Output Characteristics
Figure 2. Output Characteristics
VCE, COLLECTOR−EMITTER VOLTAGE (V)
VCE, COLLECTOR−EMITTER VOLTAGE (V)
5
4
3
2
1
0
180
Figure 3. Output Characteristics
Figure 4. Typical Transfer Characteristics
VCE, COLLECTOR−EMITTER VOLTAGE (V)
VGE, GATE−EMITTER VOLTAGE (V)
12
8
4
0
Figure 5. VCE(sat) vs. TJ
Figure 6. Typical Capacitance
TJ, JUNCTION TEMPERATURE (°C)
VCE, COLLECTOR−EMITTER VOLTAGE (V)
−75
0
0.5
1.0
80
40
20
0
10
100
1000
VGE = 17 V to 13 V
TJ = 25°C
11 V
10 V
8 V
7 V
VGE = 17 V to 13 V
TJ = 150°C
10 V
9 V
8 V
7 V
TJ = −55°C
10 V
9 V
7 V to 8 V
TJ = 25°C
TJ = 150°C
10,000
1.5
2.0
2.5
IC = 60 A
IC = 30 A
IC = 15 A
IC = 5 A
60
100
Cies
Coes
Cres
3.0
8
7
6
9 V
5
4
3
2
1
08
7
6
11 V
5
4
3
2
1
0
180
8
7
6
VGE = 17 V to 13 V
11 V
160
140
120
100
80
60
40
20
0
16
−25
25
75
125
175
160
140
120
100
80
60
40
20
0
180
160
140
120
100
80
60
40
20
0
160
140
120
100
80
60
40
20
0
200


Similar Part No. - NGTG30N60FLWG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NGTG30N60FWG ONSEMI-NGTG30N60FWG Datasheet
175Kb / 9P
   Insulated Gate Bipolar Transistor (IGBT)
December, 2012 ??Rev. 0
More results

Similar Description - NGTG30N60FLWG

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BUK854-800A PHILIPS-BUK854-800A Datasheet
60Kb / 7P
   Insulated Gate Bipolar Transistor IGBT
October 1994 Rev.1.100
logo
ON Semiconductor
NGTB30N60IHLWG ONSEMI-NGTB30N60IHLWG Datasheet
180Kb / 10P
   Insulated Gate Bipolar Transistor (IGBT)
November, 2012 ??Rev. 0
logo
NXP Semiconductors
BUK856-800A PHILIPS-BUK856-800A Datasheet
60Kb / 7P
   Insulated Gate Bipolar Transistor IGBT
March 1993 Rev 1.000
logo
ON Semiconductor
NGTB30N60FLWG ONSEMI-NGTB30N60FLWG Datasheet
182Kb / 10P
   Insulated Gate Bipolar Transistor (IGBT)
December, 2012 ??Rev. 0
NGTB40N60IHLWG ONSEMI-NGTB40N60IHLWG Datasheet
184Kb / 10P
   Insulated Gate Bipolar Transistor (IGBT)
November, 2012 ??Rev. 0
NGTB50N60FWG ONSEMI-NGTB50N60FWG Datasheet
183Kb / 10P
   Insulated Gate Bipolar Transistor (IGBT)
December, 2012 ??Rev. 1
NGTG50N60FWG ONSEMI-NGTG50N60FWG Datasheet
176Kb / 9P
   Insulated Gate Bipolar Transistor (IGBT)
December, 2012 ??Rev. 0
NGTB30N60FWG ONSEMI-NGTB30N60FWG Datasheet
182Kb / 10P
   Insulated Gate Bipolar Transistor (IGBT)
December, 2012 ??Rev. 1
NGTB50N60FLWG ONSEMI-NGTB50N60FLWG Datasheet
187Kb / 10P
   Insulated Gate Bipolar Transistor (IGBT)
January, 2013 ??Rev. 1
NGTG30N60FWG ONSEMI-NGTG30N60FWG Datasheet
175Kb / 9P
   Insulated Gate Bipolar Transistor (IGBT)
December, 2012 ??Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com