Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NGTG30N60FWG Datasheet(PDF) 6 Page - ON Semiconductor

Part # NGTG30N60FWG
Description  Insulated Gate Bipolar Transistor (IGBT)
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NGTG30N60FWG Datasheet(HTML) 6 Page - ON Semiconductor

  NGTG30N60FWG Datasheet HTML 1Page - ON Semiconductor NGTG30N60FWG Datasheet HTML 2Page - ON Semiconductor NGTG30N60FWG Datasheet HTML 3Page - ON Semiconductor NGTG30N60FWG Datasheet HTML 4Page - ON Semiconductor NGTG30N60FWG Datasheet HTML 5Page - ON Semiconductor NGTG30N60FWG Datasheet HTML 6Page - ON Semiconductor NGTG30N60FWG Datasheet HTML 7Page - ON Semiconductor NGTG30N60FWG Datasheet HTML 8Page - ON Semiconductor NGTG30N60FWG Datasheet HTML 9Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
NGTG30N60FWG
http://onsemi.com
6
TYPICAL CHARACTERISTICS
0.001
0.01
0.1
1
0.000001
0.00001
0.0001
0.001
0.01
0.1
1
10
100
1000
50% Duty Cycle
20%
10%
5%
2%
1%
Single Pulse
RqJC = 0.75
Junction
Case
C1
C2
R1
R2
Rn
Ci = ti/Ri
Duty Factor = t1/t2
Peak TJ = PDM x ZqJC + TC
Cn
ti (sec)
1.0E−4
6.84E−5
0.002
0.03
0.1
Ri (°C/W)
0.03276
0.07477
0.12790
0.17518
0.22911
Figure 18. IGBT Transient Thermal Impedance
PULSE TIME (sec)
2.0
0.11135
Figure 19. Test Circuit for Switching Characteristics


Similar Part No. - NGTG30N60FWG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NGTG30N60FLWG ONSEMI-NGTG30N60FLWG Datasheet
174Kb / 9P
   Insulated Gate Bipolar Transistor (IGBT)
January, 2013 ??Rev. 1
More results

Similar Description - NGTG30N60FWG

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BUK854-800A PHILIPS-BUK854-800A Datasheet
60Kb / 7P
   Insulated Gate Bipolar Transistor IGBT
October 1994 Rev.1.100
logo
ON Semiconductor
NGTB30N60IHLWG ONSEMI-NGTB30N60IHLWG Datasheet
180Kb / 10P
   Insulated Gate Bipolar Transistor (IGBT)
November, 2012 ??Rev. 0
NGTG30N60FLWG ONSEMI-NGTG30N60FLWG Datasheet
174Kb / 9P
   Insulated Gate Bipolar Transistor (IGBT)
January, 2013 ??Rev. 1
logo
NXP Semiconductors
BUK856-800A PHILIPS-BUK856-800A Datasheet
60Kb / 7P
   Insulated Gate Bipolar Transistor IGBT
March 1993 Rev 1.000
logo
ON Semiconductor
NGTB30N60FLWG ONSEMI-NGTB30N60FLWG Datasheet
182Kb / 10P
   Insulated Gate Bipolar Transistor (IGBT)
December, 2012 ??Rev. 0
NGTB40N60IHLWG ONSEMI-NGTB40N60IHLWG Datasheet
184Kb / 10P
   Insulated Gate Bipolar Transistor (IGBT)
November, 2012 ??Rev. 0
NGTB50N60FWG ONSEMI-NGTB50N60FWG Datasheet
183Kb / 10P
   Insulated Gate Bipolar Transistor (IGBT)
December, 2012 ??Rev. 1
NGTG50N60FWG ONSEMI-NGTG50N60FWG Datasheet
176Kb / 9P
   Insulated Gate Bipolar Transistor (IGBT)
December, 2012 ??Rev. 0
NGTB30N60FWG ONSEMI-NGTB30N60FWG Datasheet
182Kb / 10P
   Insulated Gate Bipolar Transistor (IGBT)
December, 2012 ??Rev. 1
NGTB50N60FLWG ONSEMI-NGTB50N60FLWG Datasheet
187Kb / 10P
   Insulated Gate Bipolar Transistor (IGBT)
January, 2013 ??Rev. 1
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com