Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NGTG50N60FLWG Datasheet(PDF) 4 Page - ON Semiconductor

Part # NGTG50N60FLWG
Description  Insulated Gate Bipolar Transistor (IGBT)
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NGTG50N60FLWG Datasheet(HTML) 4 Page - ON Semiconductor

  NGTG50N60FLWG Datasheet HTML 1Page - ON Semiconductor NGTG50N60FLWG Datasheet HTML 2Page - ON Semiconductor NGTG50N60FLWG Datasheet HTML 3Page - ON Semiconductor NGTG50N60FLWG Datasheet HTML 4Page - ON Semiconductor NGTG50N60FLWG Datasheet HTML 5Page - ON Semiconductor NGTG50N60FLWG Datasheet HTML 6Page - ON Semiconductor NGTG50N60FLWG Datasheet HTML 7Page - ON Semiconductor NGTG50N60FLWG Datasheet HTML 8Page - ON Semiconductor NGTG50N60FLWG Datasheet HTML 9Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
NGTG50N60FLWG
http://onsemi.com
4
TYPICAL CHARACTERISTICS
20
0
QG, GATE CHARGE (nC)
Figure 7. Typical Gate Charge
50
100
150
200
250
300
350
15
10
5
0
VCE = 480 V
1.6
0
TJ, JUNCTION TEMPERATURE (°C)
Figure 8. Switching Loss vs. Temperature
20
40
60
100
120
140
160
1.4
1.2
1
0.8
0.6
0.4
0.2
0
80
Eon
Eoff
VCE = 400 V
VGE = 15 V
IC = 50 A
Rg = 10 W
VCE = 400 V
VGE = 15 V
IC = 50 A
Rg = 10 W
1000
0
TJ, JUNCTION TEMPERATURE (°C)
Figure 9. Switching Time vs. Temperature
20
40
60
100
120
140
160
80
100
10
1
td(off)
td(on)
tf
tr
4.5
8
IC, COLLECTOR CURRENT (A)
Figure 10. Switching Loss vs. IC
20
32
44
68
80
92
104
56
4
3.5
3
2.5
2
1.5
1
0.5
0
VCE = 400 V
VGE = 15 V
TJ = 150°C
Rg = 10 W
Eon
Eoff
8
2032
44
6880
92
104
56
1000
IC, COLLECTOR CURRENT (A)
Figure 11. Switching Time vs. IC
100
10
1
td(off)
td(on)
tf
tr
VCE = 400 V
VGE = 15 V
TJ = 150°C
Rg = 10 W


Similar Part No. - NGTG50N60FLWG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NGTG50N60FWG ONSEMI-NGTG50N60FWG Datasheet
176Kb / 9P
   Insulated Gate Bipolar Transistor (IGBT)
December, 2012 ??Rev. 0
More results

Similar Description - NGTG50N60FLWG

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BUK854-800A PHILIPS-BUK854-800A Datasheet
60Kb / 7P
   Insulated Gate Bipolar Transistor IGBT
October 1994 Rev.1.100
logo
ON Semiconductor
NGTB30N60IHLWG ONSEMI-NGTB30N60IHLWG Datasheet
180Kb / 10P
   Insulated Gate Bipolar Transistor (IGBT)
November, 2012 ??Rev. 0
NGTG30N60FLWG ONSEMI-NGTG30N60FLWG Datasheet
174Kb / 9P
   Insulated Gate Bipolar Transistor (IGBT)
January, 2013 ??Rev. 1
logo
NXP Semiconductors
BUK856-800A PHILIPS-BUK856-800A Datasheet
60Kb / 7P
   Insulated Gate Bipolar Transistor IGBT
March 1993 Rev 1.000
logo
ON Semiconductor
NGTB30N60FLWG ONSEMI-NGTB30N60FLWG Datasheet
182Kb / 10P
   Insulated Gate Bipolar Transistor (IGBT)
December, 2012 ??Rev. 0
NGTB40N60IHLWG ONSEMI-NGTB40N60IHLWG Datasheet
184Kb / 10P
   Insulated Gate Bipolar Transistor (IGBT)
November, 2012 ??Rev. 0
NGTB50N60FWG ONSEMI-NGTB50N60FWG Datasheet
183Kb / 10P
   Insulated Gate Bipolar Transistor (IGBT)
December, 2012 ??Rev. 1
NGTG50N60FWG ONSEMI-NGTG50N60FWG Datasheet
176Kb / 9P
   Insulated Gate Bipolar Transistor (IGBT)
December, 2012 ??Rev. 0
NGTB30N60FWG ONSEMI-NGTB30N60FWG Datasheet
182Kb / 10P
   Insulated Gate Bipolar Transistor (IGBT)
December, 2012 ??Rev. 1
NGTB50N60FLWG ONSEMI-NGTB50N60FLWG Datasheet
187Kb / 10P
   Insulated Gate Bipolar Transistor (IGBT)
January, 2013 ??Rev. 1
NGTG30N60FWG ONSEMI-NGTG30N60FWG Datasheet
175Kb / 9P
   Insulated Gate Bipolar Transistor (IGBT)
December, 2012 ??Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com