Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74LVX4245M Datasheet(PDF) 3 Page - Fairchild Semiconductor

Part # 74LVX4245M
Description  8-Bit Dual Supply Translating Transceiver with 3-STATE Outputs
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74LVX4245M Datasheet(HTML) 3 Page - Fairchild Semiconductor

  74LVX4245M Datasheet HTML 1Page - Fairchild Semiconductor 74LVX4245M Datasheet HTML 2Page - Fairchild Semiconductor 74LVX4245M Datasheet HTML 3Page - Fairchild Semiconductor 74LVX4245M Datasheet HTML 4Page - Fairchild Semiconductor 74LVX4245M Datasheet HTML 5Page - Fairchild Semiconductor 74LVX4245M Datasheet HTML 6Page - Fairchild Semiconductor 74LVX4245M Datasheet HTML 7Page - Fairchild Semiconductor 74LVX4245M Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
3
www.fairchildsemi.com
Absolute Maximum Ratings(Note 1)
Recommended Operating
Conditions (Note 2)
Note 1: The “Absolute Maximum Ratings” are those values beyond which
the safety of the device cannot be guaranteed. The device should not be
operated at these limits. The parametric values defined in the Electrical
Characteristics tables are not guaranteed at the absolute maximum ratings.
The “Recommended Operating Conditions” table will define the conditions
for actual device operation.
Note 2: Unused inputs must he held HIGH or LOW. They may not float.
DC Electrical Characteristics
Supply Voltage (VCCA, VCCB)
−0.5V to +7.0V
DC Input Voltage (VI) @ OE, T/R
−0.5V to V
CCA + 0.5V
DC Input/Output Voltage (VI/O)
@ An
−0.5V to V
CCA + 0.5V
@Bn
−0.5V to V
CCB + 0.5V
DC Input Diode Current (IIN)
@ OE, T/R
±20 mA
DC Output Diode Current (IOK)
±50 mA
DC Output Source or Sink Current
(IO)
±50 mA
DC VCC or Ground Current
per Output Pin (ICC or IGND)
±50 mA
and Max Current @ ICCA
±200 mA
@ ICCB
±100 mA
Storage Temperature Range
(TSTG)
−65°C to +150°C
DC Latch-Up Source or
Sink Current
±300 mA
Supply Voltage
VCCA
4.5V to 5.5V
VCCB
2.7V to 3.6V
Input Voltage (VI) @ OE, T/R
0V to VCCA
Input/Output Voltage (VI/O)
@ An
0V to VCCA
@ Bn
0V to VCCB
Free Air Operating Temperature (TA)
−40°C to +85°C
Minimum Input Edge Rate (
∆t/∆V)
8 ns/V
VIN from 30% to 70% of VCC
VCC @ 3.0V, 4.5V, 5.5V
Symbol
Parameter
VCCA
VCCB
TA +25°CTA = −40°C to +85°C
Units
Conditions
(V)
(V)
Typ
Guaranteed Limits
VIHA
Minimum
An, T/R,
5.5
3.3
2.0
2.0
V
VOUT ≤ 0.1V or
HIGH Level
OE
4.5
3.3
2.0
2.0
≥ V
CC − 0.1V
VIHB
Input Voltage
Bn
5.0
3.6
2.0
2.0
5.0
2.7
2.0
2.0
VILA
Maximum
An, T/R,
5.5
3.3
0.8
0.8
V
VOUT ≤ 0.1V or
LOW Level
OE
4.5
3.3
0.8
0.8
≥ V
CC −0.1V
VILB
Input Voltage
Bn
5.0
2.7
0.8
0.8
5.0
3.6
0.8
0.8
VOHA
Minimum HIGH Level
4.5
3.0
4.5
4.4
4.4
V
IOUT = −100 µA
Output Voltage
4.5
3.0
4.25
3.86
3.76
IOH = −24 mA
VOHB
4.5
3.0
2.99
2.9
2.9
V
IOUT = −100 µA
4.5
3.0
2.8
2.4
2.4
IOH = −12 mA
4.5
2.7
2.5
2.4
2.4
IOL = −8 mA
VOLA
Maximum LOW Level
4.5
3.0
0.002
0.1
0.1
V
IOUT =100 µA
Output Voltage
4.5
3.0
0.18
0.36
0.44
IOL = 24 mA
VOLB
4.5
3.0
0.002
0.1
0.1
IOUT = 100 µA
4.5
3.0
0.1
0.31
0.4
V
IOL = 12 mA
4.5
2.7
0.1
0.31
0.4
IOL = 8 mA
IIN
Maximum Input
VI = VCCA, GND
Leakage Current
5.5
3.6
±0.1
±1.0
µA
@ OE, T/R
IOZA
Maximum 3-STATE
VI = VIL, VIH
Output Leakage
5.5
3.6
±0.5
±5.0
µAOE = V
CCA
@ An
VO = VCCA, GND
IOZB
Maximum 3-STATE
VI = VIL, VIH
Output Leakage
5.5
3.6
±0.5
±5.0
µAOE = V
CCA
@ Bn
VO = VCCB, GND
∆I
CC
Maximum ICCT/Input
5.5
3.6
1.0
1.35
1.5
mA
VI = VCCA − 2.1V
@ An, T/R, OE
Input @ Bn
5.5
3.6
0.35
0.5
mA
VI = VCCB − 0.6V


Similar Part No. - 74LVX4245M

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
74LVX4245MTC NSC-74LVX4245MTC Datasheet
142Kb / 8P
   8-Bit Dual Supply Translating Transceiver with TRI-STATE Outputs
74LVX4245MTCX NSC-74LVX4245MTCX Datasheet
142Kb / 8P
   8-Bit Dual Supply Translating Transceiver with TRI-STATE Outputs
logo
STMicroelectronics
74LVX4245MTR STMICROELECTRONICS-74LVX4245MTR Datasheet
309Kb / 13P
   OCTAL DUAL SUPPLY BUS TRANSCEIVER
More results

Similar Description - 74LVX4245M

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74LVX3245 FAIRCHILD-74LVX3245 Datasheet
64Kb / 7P
   8-Bit Dual Supply Translating Transceiver with 3-STATE Outputs
74LVX3245WMX FAIRCHILD-74LVX3245WMX Datasheet
1Mb / 9P
   8-Bit Dual Supply Translating Transceiver with 3-STATE Outputs
74LVX3245MTCX FAIRCHILD-74LVX3245MTCX Datasheet
1Mb / 9P
   8-Bit Dual Supply Translating Transceiver with 3-STATE Outputs
74LVX3245 FAIRCHILD-74LVX3245_10 Datasheet
1Mb / 9P
   8-Bit Dual Supply Translating Transceiver with 3-STATE Outputs
logo
National Semiconductor ...
54LVX4245 NSC-54LVX4245 Datasheet
118Kb / 8P
   8-Bit Dual Supply Translating Transceiver with TRI-STATE Outputs
74LVX4245 NSC-74LVX4245 Datasheet
142Kb / 8P
   8-Bit Dual Supply Translating Transceiver with TRI-STATE Outputs
54LVX3245 NSC-54LVX3245 Datasheet
114Kb / 8P
   8-Bit Dual Supply Translating Transceiver with TRI-STATE Outputs
54LVX4245_993 NSC-54LVX4245_993 Datasheet
120Kb / 8P
   8-Bit Dual Supply Translating Transceiver with TRI-STATE Outputs
logo
Nexperia B.V. All right...
74LVC8T245-Q100 NEXPERIA-74LVC8T245-Q100 Datasheet
808Kb / 28P
   8-bit dual supply translating transceiver; 3-state
74LVC8T245 NEXPERIA-74LVC8T245 Datasheet
831Kb / 28P
   8-bit dual supply translating transceiver; 3-state
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com