Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NTMFS5834NL Datasheet(PDF) 1 Page - ON Semiconductor

Part # NTMFS5834NL
Description  Power MOSFET 40 V, 75 A, 9.3 m, Single N.Channel
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NTMFS5834NL Datasheet(HTML) 1 Page - ON Semiconductor

  NTMFS5834NL Datasheet HTML 1Page - ON Semiconductor NTMFS5834NL Datasheet HTML 2Page - ON Semiconductor NTMFS5834NL Datasheet HTML 3Page - ON Semiconductor NTMFS5834NL Datasheet HTML 4Page - ON Semiconductor NTMFS5834NL Datasheet HTML 5Page - ON Semiconductor NTMFS5834NL Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
© Semiconductor Components Industries, LLC, 2013
February, 2013 − Rev. 3
1
Publication Order Number:
NTMFS5834NL/D
NTMFS5834NL,
NVMFS5834NL
Power MOSFET
40 V, 75 A, 9.3 mW, Single N−Channel
Features
Low RDS(on)
Low Capacitance
Optimized Gate Charge
NVMFS Prefix for Automotive and Other Applications Requiring
Unique Site and Control Change Requirements; AEC−Q101
Qualified and PPAP Capable
These Devices are Pb−Free and are RoHS Compliant
MAXIMUM RATINGS (TJ = 25°C unless otherwise stated)
Parameter
Symbol
Value
Unit
Drain−to−Source Voltage
VDSS
40
V
Gate−to−Source Voltage
VGS
±20
V
Continuous Drain
Current RqJA
(Note 1)
Steady
State
TA = 25°C
ID
14
A
TA = 100°C
12
Power Dissipation
RqJA (Note 1)
TA = 25°C
PD
3.6
W
TA = 100°C
2.5
Continuous Drain
Current RqJC
(Note 1)
TC = 25°C
ID
75
A
TC = 100°C
63
Power Dissipation
RqJC (Note 1)
TC = 25°C
PD
107
W
TC = 100°C
75
Pulsed Drain
Current
tp = 10 ms
IDM
276
A
Operating Junction and Storage
Temperature
TJ, TSTG
−55 to
+175
°C
Source Current (Body Diode)
IS
75
A
Single Pulse Drain−to−Source Avalanche
Energy (L = 0.1 mH)
EAS
48
mJ
IAS
31
A
Lead Temperature for Soldering Purposes
(1/8″ from case for 10 s)
TL
260
°C
Stresses exceeding Maximum Ratings may damage the device. Maximum
Ratings are stress ratings only. Functional operation above the Recommended
Operating Conditions is not implied. Extended exposure to stresses above the
Recommended Operating Conditions may affect device reliability.
THERMAL RESISTANCE MAXIMUM RATINGS
Parameter
Symbol
Value
Unit
Junction−to−Case (Bottom) (Note 1)
RqJC
1.4
°C/W
Junction−to−Case (Top) (Note 1)
RqJC
4.5
Junction−to−Ambient Steady State
(Note 1)
RqJA
41
Junction−to−Ambient Steady State
(Note 2)
RqJA
75
DFN5
(SO−8FL)
CASE 488AA
STYLE 1
MARKING
DIAGRAM
http://onsemi.com
A
= Assembly Location
Y
= Year
W
= Work Week
ZZ
= Lot Traceability
1
V(BR)DSS
RDS(ON) MAX
ID MAX
40 V
9.3 mW @ 10 V
75 A
13.6 mW @ 4.5 V
G (4)
S (1,2,3)
N−CHANNEL MOSFET
D (5,6)
Device
Package
Shipping
ORDERING INFORMATION
NTMFS5834NLT1G
DFN5
(Pb−Free)
1500/Tape & Reel
†For information on tape and reel specifications,
including part orientation and tape sizes, please
refer to our Tape and Reel Packaging Specification
Brochure, BRD8011/D.
5834L
AYWZZ
S
S
S
G
D
D
D
D
NVMFS5834NLT1G
DFN5
(Pb−Free)
1500/Tape & Reel
NVMFS5834NLT3G
DFN5
(Pb−Free)
5000/Tape & Reel


Similar Part No. - NTMFS5834NL

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTMFS5834NL ONSEMI-NTMFS5834NL Datasheet
114Kb / 6P
   40 V, 75 A, 9.3 m, Single N?묬hannel
June, 2012 ??Rev. 2
NTMFS5834NLT1G ONSEMI-NTMFS5834NLT1G Datasheet
114Kb / 6P
   40 V, 75 A, 9.3 m, Single N?묬hannel
June, 2012 ??Rev. 2
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com