Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NTMFS5834NL Datasheet(PDF) 3 Page - ON Semiconductor

Part # NTMFS5834NL
Description  Power MOSFET 40 V, 75 A, 9.3 m, Single N.Channel
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NTMFS5834NL Datasheet(HTML) 3 Page - ON Semiconductor

  NTMFS5834NL Datasheet HTML 1Page - ON Semiconductor NTMFS5834NL Datasheet HTML 2Page - ON Semiconductor NTMFS5834NL Datasheet HTML 3Page - ON Semiconductor NTMFS5834NL Datasheet HTML 4Page - ON Semiconductor NTMFS5834NL Datasheet HTML 5Page - ON Semiconductor NTMFS5834NL Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
NTMFS5834NL, NVMFS5834NL
http://onsemi.com
3
TYPICAL CHARACTERISTICS
012
345
Figure 1. On−Region Characteristics
VDS, DRAIN−TO−SOURCE VOLTAGE (V)
10 V
4.0 V
5.0 V
4.5 V
TJ = 25°C
3.0 V
3.5 V
0
25
50
75
100
125
150
0
25
50
75
100
125
150
2345
6
VDS ≥ 10 V
TJ = 25°C
TJ = −55°C
TJ = 125°C
Figure 2. Transfer Characteristics
VGS, GATE−TO−SOURCE VOLTAGE (V)
0.000
0.010
0.020
0.030
0.040
0.050
2
468
10
Figure 3. On−Resistance vs. Gate−to−Source
Voltage
VGS, GATE−TO−SOURCE VOLTAGE (V)
ID = 20 A
TJ = 25°C
0.004
0.008
0.012
0.016
0.020
5
1525
3545
556575
Figure 4. On−Resistance vs. Drain Current and
Gate Voltage
ID, DRAIN CURRENT (A)
VGS = 4.5 V
TJ = 25°C
VGS = 10 V
0.6
0.8
1.0
1.2
1.4
1.6
2.0
−50 −25
0
25
50
75
100 125
175
Figure 5. On−Resistance Variation with
Temperature
TJ, JUNCTION TEMPERATURE (°C)
VGS = 10 V
ID = 20 A
100
1,000
10,000
10
20
30
40
Figure 6. Drain−to−Source Leakage Current
vs. Voltage
VDS, DRAIN−TO−SOURCE VOLTAGE (V)
TJ = 125°C
TJ = 150°C
VGS = 0 V
0.006
0.010
0.014
0.018
150
1.8


Similar Part No. - NTMFS5834NL

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTMFS5834NL ONSEMI-NTMFS5834NL Datasheet
114Kb / 6P
   40 V, 75 A, 9.3 m, Single N?묬hannel
June, 2012 ??Rev. 2
NTMFS5834NLT1G ONSEMI-NTMFS5834NLT1G Datasheet
114Kb / 6P
   40 V, 75 A, 9.3 m, Single N?묬hannel
June, 2012 ??Rev. 2
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com