Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DTU15P03 Datasheet(PDF) 2 Page - DinTek Semiconductor Co,.Ltd

Part # DTU15P03
Description  P-Channel 30-V (D-S) MOSFET Halogen-free
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DINTEK [DinTek Semiconductor Co,.Ltd]
Direct Link  http://www.daysemi.jp/
Logo DINTEK - DinTek Semiconductor Co,.Ltd

DTU15P03 Datasheet(HTML) 2 Page - DinTek Semiconductor Co,.Ltd

  DTU15P03 Datasheet HTML 1Page - DinTek Semiconductor Co,.Ltd DTU15P03 Datasheet HTML 2Page - DinTek Semiconductor Co,.Ltd DTU15P03 Datasheet HTML 3Page - DinTek Semiconductor Co,.Ltd DTU15P03 Datasheet HTML 4Page - DinTek Semiconductor Co,.Ltd DTU15P03 Datasheet HTML 5Page - DinTek Semiconductor Co,.Ltd DTU15P03 Datasheet HTML 6Page - DinTek Semiconductor Co,.Ltd DTU15P03 Datasheet HTML 7Page - DinTek Semiconductor Co,.Ltd DTU15P03 Datasheet HTML 8Page - DinTek Semiconductor Co,.Ltd DTU15P03 Datasheet HTML 9Page - DinTek Semiconductor Co,.Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
2
Notes:
a. Pulse test; pulse width
≤ 300 µs, duty cycle ≤ 2 %.
b. Guaranteed by design, not subject to production testing.
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional operation
of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to absolute maximum
rating conditions for extended periods may affect device reliability.
SPECIFICATIONS TJ = 25 °C, unless otherwise noted
Parameter
Symbol
Test Conditions
Min.
Typ.
Max.
Unit
Static
Drain-Source Breakdown Voltage
VDS
VGS = 0 V, ID = - 250 µA
- 30
V
VDS Temperature Coefficient
ΔV
DS/TJ
ID = - 250 µA
- 34
mV/
°C
VGS(th) Temperature Coefficient
ΔV
GS(th)/TJ
5.3
Gate-Source Threshold Voltage
VGS(th)
VDS = VGS, ID = - 250 µA
- 1.4
- 2.5
V
Gate-Source Leakage
IGSS
VDS = 0 V, VGS = ± 25 V
± 100
nA
Zero Gate Voltage Drain Current
IDSS
VDS = - 30 V, VGS = 0 V
- 1
µA
VDS = - 30 V, VGS = 0 V, TJ = 55 °C
- 5
On-State Drain Currenta
ID(on)
VDS ≥ - 10 V, VGS = - 10 V
- 30
A
Drain-Source On-State Resistancea
RDS(on)
VGS = - 10 V, ID = - 10 A
0.032
0.043
Ω
VGS = - 4.5 V, ID = - 8 A
0 .065
0.07
Forward Transconductancea
gfs
VDS = - 10 V, ID = - 10 A
28
S
Dynamicb
Input Capacitance
Ciss
VDS = - 15 V, VGS = 0 V, f = 1 MHz
2550
pF
Output Capacitance
Coss
455
Reverse Transfer Capacitance
Crss
390
Total Gate Charge
Qg
VDS = - 15 V, VGS = - 10 V, ID = - 10 A
57
86
nC
VDS = - 15 V, VGS = - 4.5 V, ID = - 10 A
29.5
45
Gate-Source Charge
Qgs
8
Gate-Drain Charge
Qgd
22
Gate Resistance
Rg
f = 1 MHz
0.5
2.2
4.4
Ω
Turn-On Delay Time
td(on)
VDD = - 15 V, RL = 1.5 Ω
ID ≅ - 10 A, VGEN = - 10 V, Rg = 1 Ω
13
25
ns
Rise Time
tr
12
24
Turn-Off DelayTime
td(off)
40
70
Fall Time
tf
918
Turn-On Delay Time
td(on)
VDD = - 15 V, RL = 1.5 Ω
ID ≅ - 10 A, VGEN = - 4.5 V, Rg = 1 Ω
48
80
Rise Time
tr
92
160
Turn-Off DelayTime
td(off)
34
60
Fall Time
tf
19
35
Drain-Source Body Diode Characteristics
Continous Source-Drain Diode Current
IS
TC = 25 °C
- 4.1
A
Pulse Diode Forward Current
ISM
- 60
Body Diode Voltage
VSD
IS = - 3 A, VGS = 0 V
- 0.75
- 1.2
V
Body Diode Reverse Recovery Time
trr
IF = - 10 A, dI/dt = 100 A/µs, TJ = 25 °C
27
45
ns
Body Diode Reverse Recovery Charge
Qrr
16
27
nC
Reverse Recovery Fall Time
ta
12
ns
Reverse Recovery Rise Time
tb
15
www.din-tek.jp
DTU15P03


Similar Part No. - DTU15P03

ManufacturerPart #DatasheetDescription
logo
DinTek Semiconductor Co...
DTU15P03 DINTEK-DTU15P03 Datasheet
287Kb / 9P
   TrenchFET Power MOSFET
More results

Similar Description - DTU15P03

ManufacturerPart #DatasheetDescription
logo
DinTek Semiconductor Co...
DTL15P03 DINTEK-DTL15P03_13 Datasheet
1Mb / 8P
   P-Channel 30-V (D-S) MOSFET Halogen-free
DTS3401A DINTEK-DTS3401A_13 Datasheet
465Kb / 9P
   P-Channel 30-V (D-S) MOSFET Halogen-free
DTC3059 DINTEK-DTC3059_13 Datasheet
1Mb / 8P
   P-Channel 30-V (D-S) MOSFET Halogen-free
DTM4431 DINTEK-DTM4431 Datasheet
1Mb / 9P
   P-Channel 30 V (D-S) MOSFET Halogen-free
DTM9435 DINTEK-DTM9435_13 Datasheet
1Mb / 8P
   P-Channel 30-V (D-S) MOSFET Halogen-free
DTM4425 DINTEK-DTM4425_13 Datasheet
1Mb / 9P
   P-Channel 30-V (D-S) MOSFET Halogen-free
DTS3401 DINTEK-DTS3401_13 Datasheet
1Mb / 8P
   P-Channel 30-V (D-S) MOSFET Halogen-free
DTS6503 DINTEK-DTS6503_13 Datasheet
2Mb / 9P
   P-Channel 30-V (D-S) MOSFET Halogen-free
DTM4953A DINTEK-DTM4953A Datasheet
1Mb / 7P
   Dual P-Channel 30-V (D-S) MOSFET Halogen-free
DTM4925 DINTEK-DTM4925 Datasheet
1Mb / 9P
   Dual P-Channel 30-V (D-S) MOSFET Halogen-free
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com