Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NVMFD5852NLWFT1G Datasheet(PDF) 4 Page - ON Semiconductor

Part # NVMFD5852NLWFT1G
Description  Power MOSFET 40 V, 6.9 mohm, 44 A, Dual N.Channel Logic Level, Dual SO.8FL
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NVMFD5852NLWFT1G Datasheet(HTML) 4 Page - ON Semiconductor

  NVMFD5852NLWFT1G Datasheet HTML 1Page - ON Semiconductor NVMFD5852NLWFT1G Datasheet HTML 2Page - ON Semiconductor NVMFD5852NLWFT1G Datasheet HTML 3Page - ON Semiconductor NVMFD5852NLWFT1G Datasheet HTML 4Page - ON Semiconductor NVMFD5852NLWFT1G Datasheet HTML 5Page - ON Semiconductor NVMFD5852NLWFT1G Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
NVMFD5852NL, NVMFD5852NLWF
http://onsemi.com
4
TYPICAL CHARACTERISTICS
Qgs
Figure 7. Capacitance Variation
Figure 8. Gate−to−Source and
Drain−to−Source Voltage vs. Total Charge
VDS, DRAIN−TO−SOURCE VOLTAGE (V)
Qg, TOTAL GATE CHARGE (nC)
40
20
30
10
0
0
500
Figure 9. Resistive Switching Time Variation
vs. Gate Resistance
Figure 10. Diode Forward Voltage vs. Current
RG, GATE RESISTANCE (W)
VSD, SOURCE−TO−DRAIN VOLTAGE (V)
100
10
1
10
100
0.90
0.85
0.80
0.75
0.65
0.60
0
25
50
Figure 11. Maximum Rated Forward Biased
Safe Operating Area
VDS, DRAIN−TO−SOURCE VOLTAGE (V)
100
10
1
0.1
0.1
1
10
VGS = 0 V
TJ = 25°C
Ciss
Coss
Crss
QT
VDS = 32 V
ID = 20 A
VGS = 4.5 V
td(on)
tr
tf
TJ = 25°C
VGS = 0 V
VGS = 10 V
Single Pulse
TC = 25°C
RDS(on) Limit
Thermal Limit
Package Limit
100 ms
10 ms
1 ms
dc
1500
1000
1.05
0
2
010
15
20
30
35
TJ = 25°C
VDS = 32 V
ID = 20 A
100
10 ms
25
5
2000
2500
6
8
10
4
Qgd
td(off)
40
1000
0.70
75
100
0.95 1.00


Similar Part No. - NVMFD5852NLWFT1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NVMFD5852NLWFT1G ONSEMI-NVMFD5852NLWFT1G Datasheet
84Kb / 6P
   Power MOSFET
September, 2014 ??Rev. 6
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com