Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74LVX86SJ Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # 74LVX86SJ
Description  Low Voltage Quad 2-Input Exclusive-OR Gate
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74LVX86SJ Datasheet(HTML) 1 Page - Fairchild Semiconductor

  74LVX86SJ Datasheet HTML 1Page - Fairchild Semiconductor 74LVX86SJ Datasheet HTML 2Page - Fairchild Semiconductor 74LVX86SJ Datasheet HTML 3Page - Fairchild Semiconductor 74LVX86SJ Datasheet HTML 4Page - Fairchild Semiconductor 74LVX86SJ Datasheet HTML 5Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
May 1993
Revised March 1999
© 1999 Fairchild Semiconductor Corporation
DS011605.prf
www.fairchildsemi.com
74LVX86
Low Voltage Quad 2-Input Exclusive-OR Gate
General Description
The LVX86 contains four 2-input exclusive-OR gates. The
inputs tolerate voltages up to 7V allowing the interface of
5V systems to 3V systems.
Features
s Input voltage level translation from 5V to 3V
s Ideal for low power/low noise 3.3V applications
s Guaranteed simultaneous switching noise level and
dynamic threshold performance
Ordering Code:
Devices also available in Tape and Reel. Specify by appending suffix letter “X” to the ordering code.
Logic Symbol
IEEE/IEC
Connection Diagram
Pin Descriptions
Order Number
Package Number
Package Description
74LVX86M
M14A
14-Lead Small Outline Integrated Circuit (SOIC), JEDEC MS-120, 0.150” Narrow
74LVX86SJ
M14D
14-Lead Small Outline Package (SOP), EIAJ TYPE II, 5.3mm Wide
74LVX86MTC
MTC14
14-Lead Thin Shrink Small Outline Package (TSSOP), JEDEC MO-153, 4.4mm Wide
Pin Names
Description
A0–A3
Inputs
B0–B3
Inputs
O0–O3
Outputs


Similar Part No. - 74LVX86SJ

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74LVX86SJ FAIRCHILD-74LVX86SJ Datasheet
85Kb / 6P
   Low Voltage Quad 2-Input Exclusive-OR Gate
logo
ON Semiconductor
74LVX86SJ ONSEMI-74LVX86SJ Datasheet
222Kb / 8P
   Low Voltage Quad 2-Input Exclusive-OR Gate
February 2008 Rev. 1.4.0
logo
Fairchild Semiconductor
74LVX86SJX FAIRCHILD-74LVX86SJX Datasheet
85Kb / 6P
   Low Voltage Quad 2-Input Exclusive-OR Gate
74LVX86SJ FAIRCHILD-74LVX86SJ_08 Datasheet
306Kb / 8P
   Low Voltage Quad 2-Input Exclusive-OR Gate
More results

Similar Description - 74LVX86SJ

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74LVQ86 FAIRCHILD-74LVQ86 Datasheet
64Kb / 6P
   Low Voltage Quad 2-Input Exclusive-OR Gate
74LVQ86 FAIRCHILD-74LVQ86_01 Datasheet
52Kb / 5P
   Low Voltage Quad 2-Input Exclusive-OR Gate
logo
ON Semiconductor
74LVX86 ONSEMI-74LVX86 Datasheet
222Kb / 8P
   Low Voltage Quad 2-Input Exclusive-OR Gate
February 2008 Rev. 1.4.0
logo
Fairchild Semiconductor
74LVX86 FAIRCHILD-74LVX86_08 Datasheet
306Kb / 8P
   Low Voltage Quad 2-Input Exclusive-OR Gate
74LVX86M FAIRCHILD-74LVX86M Datasheet
85Kb / 6P
   Low Voltage Quad 2-Input Exclusive-OR Gate
logo
ON Semiconductor
74LCX86 ONSEMI-74LCX86 Datasheet
331Kb / 11P
   Low Voltage Quad 2-Input Exclusive-OR Gate
March 2008 Rev. 1.5.0
logo
NXP Semiconductors
74LV86 NXP-74LV86 Datasheet
96Kb / 15P
   Quad 2-input exclusive-OR gate
Rev. 03-27 November 2007
logo
Fairchild Semiconductor
74AC86PC FAIRCHILD-74AC86PC Datasheet
98Kb / 7P
   Quad 2-Input Exclusive-OR Gate
logo
Motorola, Inc
SN54LS386 MOTOROLA-SN54LS386 Datasheet
120Kb / 4P
   QUAD 2-INPUT EXCLUSIVE-OR GATE
logo
NXP Semiconductors
74HC86 PHILIPS-74HC86 Datasheet
34Kb / 6P
   Quad 2-input EXCLUSIVE-OR gate
December 1990
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com