Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NVMFS5830NL Datasheet(PDF) 5 Page - ON Semiconductor

Part # NVMFS5830NL
Description  Power MOSFET 40 V, 2.3 m, 185 A, Single N.Channel
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NVMFS5830NL Datasheet(HTML) 5 Page - ON Semiconductor

  NVMFS5830NL_13 Datasheet HTML 1Page - ON Semiconductor NVMFS5830NL_13 Datasheet HTML 2Page - ON Semiconductor NVMFS5830NL_13 Datasheet HTML 3Page - ON Semiconductor NVMFS5830NL_13 Datasheet HTML 4Page - ON Semiconductor NVMFS5830NL_13 Datasheet HTML 5Page - ON Semiconductor NVMFS5830NL_13 Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
NVMFS5830NL
http://onsemi.com
5
TYPICAL CHARACTERISTICS
0.01
0.1
1
10
100
0.000001
0.00001
0.0001
0.001
0.01
0.1
1
10
100
1000
Figure 12. Thermal Response
PULSE TIME (sec)
0.1
Duty Cycle = 0.5
0.2
0.05
0.02
0.01
Single Pulse


Similar Part No. - NVMFS5830NL_13

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NVMFS5830NLT1G ONSEMI-NVMFS5830NLT1G Datasheet
116Kb / 6P
   40 V, 2.3 m, 185 A, Single N?묬hannel
May, 2012 ??Rev. 0
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com