Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DTU70N03 Datasheet(PDF) 2 Page - DinTek Semiconductor Co,.Ltd

Part # DTU70N03
Description  N-Channel 30-V (D-S) MOSFET Halogen-free
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DINTEK [DinTek Semiconductor Co,.Ltd]
Direct Link  http://www.daysemi.jp/
Logo DINTEK - DinTek Semiconductor Co,.Ltd

DTU70N03 Datasheet(HTML) 2 Page - DinTek Semiconductor Co,.Ltd

  DTU70N03 Datasheet HTML 1Page - DinTek Semiconductor Co,.Ltd DTU70N03 Datasheet HTML 2Page - DinTek Semiconductor Co,.Ltd DTU70N03 Datasheet HTML 3Page - DinTek Semiconductor Co,.Ltd DTU70N03 Datasheet HTML 4Page - DinTek Semiconductor Co,.Ltd DTU70N03 Datasheet HTML 5Page - DinTek Semiconductor Co,.Ltd DTU70N03 Datasheet HTML 6Page - DinTek Semiconductor Co,.Ltd DTU70N03 Datasheet HTML 7Page - DinTek Semiconductor Co,.Ltd DTU70N03 Datasheet HTML 8Page - DinTek Semiconductor Co,.Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2
Notes:
a. Pulse test; pulse width
≤ 300 µs, duty cycle ≤ 2 %.
b. Guaranteed by design, not subject to production testing.
c. Independent of operating temperature.
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional operation
of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to absolute maximum
rating conditions for extended periods may affect device reliability.
SPECIFICATIONS TJ = 25 °C, unless otherwise noted
Parameter
Symbol
Test Conditions
Min.
Typ.
Max.
Unit
Static
Drain-Source Breakdown Voltage
VDS
VDS = 0 V, ID = 250 µA
30
V
Gate Threshold Voltage
VGS(th)
VDS = VGS, ID = 250 µA
12.5
Gate-Body Leakage
IGSS
VDS = 0 V, VGS = ± 20 V
± 250
nA
Zero Gate Voltage Drain Current
IDSS
VDS = 30 V, VGS = 0 V
1
µA
VDS = 30 V, VGS = 0 V, TJ = 125 °C
50
VDS = 30 V, VGS = 0 V, TJ = 150 °C
250
On-State Drain Currenta
ID(on)
VDS ≥ 10 V, VGS = 10 V
50
A
Drain-Source On-State Resistancea
RDS(on)
VGS = 10 V, ID = 22 A
0.0030
0.005
Ω
VGS = 4.5 V, ID = 20 A
0.0046
0.0063
Forward Transconductancea
gfs
VDS = 15 V, ID = 20 A
110
S
Dynamicb
Input Capacitance
Ciss
VGS = 0 V, VDS = 15 V, f = 1 MHz
3535
pF
Output Capacitance
Coss
680
Reverse Transfer Capacitance
Crss
400
Total Gate Chargec
Qg
VDS = 15 V, VGS = 10 V, ID = 20 A
67
100
nC
Gate-Source Chargec
Qgs
10.5
Gate-Drain Chargec
Qgd
12.2
Gate Resistance
Rg
f = 1 MHz
0.3
1.4
2.8
Ω
Turn-On Delay Timec
td(on)
VDD = 15 V, RL = 1.5 Ω
ID ≅ 10 A, VGEN = 10 V, Rg = 1 Ω
11
20
ns
Rise Timec
tr
10
20
Turn-Off Delay Timec
td(off)
35
53
Fall Timec
tf
10
20
Drain-Source Body Diode Ratings and Characteristics TC = 25 °C
b
Continuous Current
IS
70
A
Pulsed Current
ISM
120
Forward Voltagea
VSD
IF = 10 A, VGS = 0 V
0.83
1.5
V
Reverse Recovery Time
trr
IF = 10 A, dI/dt = 100 A/µs
41
62
ns
Peak Reverse Recovery Current
IRM(REC)
23
A
Reverse Recovery Charge
Qrr
40
60
nC
www.din-tek.jp
DTU70N03


Similar Part No. - DTU70N03

ManufacturerPart #DatasheetDescription
logo
DinTek Semiconductor Co...
DTU70N03 DINTEK-DTU70N03 Datasheet
305Kb / 8P
   Halogen-free According to IEC 61249-2-21
More results

Similar Description - DTU70N03

ManufacturerPart #DatasheetDescription
logo
DinTek Semiconductor Co...
DTS6504 DINTEK-DTS6504_13 Datasheet
2Mb / 9P
   N-Channel 30 V (D-S) MOSFET Halogen-free
DTU09N03 DINTEK-DTU09N03_13 Datasheet
1Mb / 8P
   N-Channel 30 V (D-S) MOSFET Halogen-free
DTU50N03 DINTEK-DTU50N03_13 Datasheet
1Mb / 8P
   N-Channel 30 V (D-S) MOSFET Halogen-free
DTP9530 DINTEK-DTP9530_13 Datasheet
2Mb / 8P
   N-Channel 30-V (D-S) MOSFET Halogen-free
DTS3400A DINTEK-DTS3400A Datasheet
1Mb / 9P
   N-Channel 30-V (D-S) MOSFET Halogen-free
DTL15N03 DINTEK-DTL15N03_13 Datasheet
1Mb / 8P
   N-Channel 30-V (D-S) MOSFET Halogen-free
DTU06N03 DINTEK-DTU06N03_13 Datasheet
804Kb / 9P
   N-Channel 30-V (D-S) MOSFET Halogen-free
DTM4420B DINTEK-DTM4420B Datasheet
1Mb / 9P
   N-Channel 30-V (D-S) MOSFET Halogen-free
DTC3058 DINTEK-DTC3058_13 Datasheet
1Mb / 8P
   N-Channel 30-V (D-S) MOSFET Halogen-free
DTL40N03 DINTEK-DTL40N03_13 Datasheet
1Mb / 8P
   N-Channel 30-V (D-S) MOSFET Halogen-free
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com