Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TCC-103A-PT Datasheet(PDF) 6 Page - ON Semiconductor

Part # TCC-103A-PT
Description  PTIC Control IC
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

TCC-103A-PT Datasheet(HTML) 6 Page - ON Semiconductor

Back Button TCC-103A-PT Datasheet HTML 2Page - ON Semiconductor TCC-103A-PT Datasheet HTML 3Page - ON Semiconductor TCC-103A-PT Datasheet HTML 4Page - ON Semiconductor TCC-103A-PT Datasheet HTML 5Page - ON Semiconductor TCC-103A-PT Datasheet HTML 6Page - ON Semiconductor TCC-103A-PT Datasheet HTML 7Page - ON Semiconductor TCC-103A-PT Datasheet HTML 8Page - ON Semiconductor TCC-103A-PT Datasheet HTML 9Page - ON Semiconductor TCC-103A-PT Datasheet HTML 10Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 29 page
background image
TCC−103
http://onsemi.com
6
Table 5. DC CHARACTERISTICS (continued)
(TA = −30 to +85°C; VOUTX = 15 V for each output; 2.3 V < AVDD < 5.5 V; 1.1 V < VIO < 3.0 V; RLOAD = equivalent series load of 5.6 kW
and 2.7 nF; CHV = 22 nF; LBOOST =15 mH; TRIG pin grounded; unless otherwise specified)
Symbol
Comment
Unit
Max
Typ
Min
Parameter
Active Mode (continued)
IL_BOOST_SS16
Average Inductor Current, 3 Outputs
@ 20 V Steady State
550
750
mA
At VHV = 20 V
AVDD = 3.3 V
IVIO_INACT
VIO Average Inactive Current
3
mA
VIO is High, No Bus Activity
IVIO_ACTIVE
VIO Average Active Current
250
mA
VIO = 1.8 V, Master Sending
Data at 26 MHz
VVREG
2.05
2.3
V
No External Load Allowed
Low Power Mode
IAVDD
AVDD Supply Current
7
mA
IL_BOOST
L_BOOST Leakage
3
mA
IBATT
Battery Current
10
mA
IAVDD + IL_BOOST
IVIO
VIO Supply Current
3
mA
No Bus Activity
VVREG
2.0
3.3
V
No External Load Allowed
Table 6. BOOST CONVERTER CHARACTERISTICS
(AVDD from 2.3 V to 5.5 V; VIO from 1.1 V to 3.0 V; TA = –30 to +85°C; CHV = 22 nF; LBOOST =15 mH; unless otherwise specified)
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VHV_min
Minimum Programmable Output Voltage
(Average), DAC Boost = 0h
Active Mode
8.5
9
9.5
V
VHV_max
Maximum Programmable Output Voltage
(Average), DAC Boost = Fh
Active Mode
22.8
24
25.2
V
Resolution
Boost Voltage Resolution
4 Bit DAC
1
V
RDS(ON)
n-Channel MOSFET On-Resistance
IL_BOOST = 10 mA
1.3
W
IL_BOOST_LIMIT
Inductor Current Limit
100
mA


Similar Part No. - TCC-103A-PT

ManufacturerPart #DatasheetDescription
logo
Moxa Inc.
TCC-100 MOXA-TCC-100 Datasheet
783Kb / 4P
   Industrial RS-232 to RS-422/485 converters
TCC-100-T MOXA-TCC-100-T Datasheet
783Kb / 4P
   Industrial RS-232 to RS-422/485 converters
TCC-100I MOXA-TCC-100I Datasheet
783Kb / 4P
   Industrial RS-232 to RS-422/485 converters
TCC-100I-T MOXA-TCC-100I-T Datasheet
783Kb / 4P
   Industrial RS-232 to RS-422/485 converters
logo
ON Semiconductor
TCC-106 ONSEMI-TCC-106 Datasheet
505Kb / 24P
   Six-Output PTIC Control IC
September, 2015 ??Rev. 5
More results

Similar Description - TCC-103A-PT

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
TCC-106 ONSEMI-TCC-106 Datasheet
505Kb / 24P
   Six-Output PTIC Control IC
September, 2015 ??Rev. 5
TCC-206 ONSEMI-TCC-206 Datasheet
559Kb / 33P
   Six-Output PTIC Control IC
November, 2015 ??Rev. 1
TCC-303 ONSEMI-TCC-303 Datasheet
583Kb / 32P
   Three-Output PTIC Control IC
September, 2019 ??Rev. 5
TCC-303-D ONSEMI-TCC-303-D Datasheet
609Kb / 32P
   Three-Output PTIC Control IC
September, 2017 ??Rev. 4
TCC-404 ONSEMI-TCC-404 Datasheet
511Kb / 40P
   Four-Output PTIC Control IC
September, 2019 ??Rev. 1
TCC-202 ONSEMI-TCC-202 Datasheet
447Kb / 23P
   Two-Output PTIC Control IC
November, 2015 ??Rev. 2
TCC-226 ONSEMI-TCC-226 Datasheet
960Kb / 33P
   Six-Output PTIC Control IC
June, 2016 ??Rev. 0
logo
Shindengen Electric Mfg...
MS1003SH SHINDENGEN-MS1003SH Datasheet
1Mb / 41P
   Control IC
logo
International Rectifier
IR2156 IRF-IR2156 Datasheet
497Kb / 24P
   BALLAST CONTROL IC
logo
Fairchild Semiconductor
FAN7532 FAIRCHILD-FAN7532 Datasheet
252Kb / 16P
   Ballast Control IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com