Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TCC-103B-RT Datasheet(PDF) 11 Page - ON Semiconductor

Part # TCC-103B-RT
Description  PTIC Control IC
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

TCC-103B-RT Datasheet(HTML) 11 Page - ON Semiconductor

Back Button TCC-103B-RT Datasheet HTML 7Page - ON Semiconductor TCC-103B-RT Datasheet HTML 8Page - ON Semiconductor TCC-103B-RT Datasheet HTML 9Page - ON Semiconductor TCC-103B-RT Datasheet HTML 10Page - ON Semiconductor TCC-103B-RT Datasheet HTML 11Page - ON Semiconductor TCC-103B-RT Datasheet HTML 12Page - ON Semiconductor TCC-103B-RT Datasheet HTML 13Page - ON Semiconductor TCC-103B-RT Datasheet HTML 14Page - ON Semiconductor TCC-103B-RT Datasheet HTML 15Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 29 page
background image
TCC−103
http://onsemi.com
11
Boost Control
The TCC−103 integrates an asynchronous current control
boost converter. It operates in a discontinuous mode and
features spread-spectrum circuitry for Electro-Magnetic
Interference (EMI) reduction. The average boost clock is
2 MHz and the clock is spread between 0.8 MHz and
3.2 MHz.
Boost Output Voltage (VHV) Control Principle
The asynchronous control starts the boost converter as
soon as the VHV voltage drops below the reference set by
the 4-bit DAC and stops the boost converter when the VHV
voltage rises above the reference again.
Due to the slow response time of the control loop, the
VHV voltage may drop below the set voltage before the
control loop compensates for it. In the same manner, VHV
can rise higher than the set value. This effect may reduce the
maximum output voltage available. Please refer to Figure 6
below.
The asynchronous control reduces switching losses and
improves the output (VHV) regulation of the DC/DC
converter under light load, particularly in the situation
where the TCC−103 only maintains the output voltages to
fixed values.
Figure 6. VHV Voltage Waveform
Boost Running
CHV
Recharge
CHV
Discharge
Time
Delay
Delay
Delay
VHV
Set VHV
High Impedance (High Z) Feature
In Shutdown mode the OUT pins are set to a high
impedance mode (high Z).
Following is the principle of operation for the control IC:
1. The output voltage VOUT is defined by:
VOUT +
DAC code
255
24 V
2
(eq. 1)
2. The voltage VHV defines the maximum supply
voltage of the output regulator and is set by the
4 bit DAC.
3. The maximum DC output voltage VOUT is limited
to (VHV − 2 V).
4. The minimum output voltage VOUT is 1.0 V
MAX.
Figure 7. DAC Output Range Example A
Figure 8. DAC Output Range Example B


Similar Part No. - TCC-103B-RT

ManufacturerPart #DatasheetDescription
logo
Moxa Inc.
TCC-100 MOXA-TCC-100 Datasheet
783Kb / 4P
   Industrial RS-232 to RS-422/485 converters
TCC-100-T MOXA-TCC-100-T Datasheet
783Kb / 4P
   Industrial RS-232 to RS-422/485 converters
TCC-100I MOXA-TCC-100I Datasheet
783Kb / 4P
   Industrial RS-232 to RS-422/485 converters
TCC-100I-T MOXA-TCC-100I-T Datasheet
783Kb / 4P
   Industrial RS-232 to RS-422/485 converters
logo
ON Semiconductor
TCC-106 ONSEMI-TCC-106 Datasheet
505Kb / 24P
   Six-Output PTIC Control IC
September, 2015 ??Rev. 5
More results

Similar Description - TCC-103B-RT

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
TCC-106 ONSEMI-TCC-106 Datasheet
505Kb / 24P
   Six-Output PTIC Control IC
September, 2015 ??Rev. 5
TCC-206 ONSEMI-TCC-206 Datasheet
559Kb / 33P
   Six-Output PTIC Control IC
November, 2015 ??Rev. 1
TCC-303 ONSEMI-TCC-303 Datasheet
583Kb / 32P
   Three-Output PTIC Control IC
September, 2019 ??Rev. 5
TCC-303-D ONSEMI-TCC-303-D Datasheet
609Kb / 32P
   Three-Output PTIC Control IC
September, 2017 ??Rev. 4
TCC-404 ONSEMI-TCC-404 Datasheet
511Kb / 40P
   Four-Output PTIC Control IC
September, 2019 ??Rev. 1
TCC-202 ONSEMI-TCC-202 Datasheet
447Kb / 23P
   Two-Output PTIC Control IC
November, 2015 ??Rev. 2
TCC-226 ONSEMI-TCC-226 Datasheet
960Kb / 33P
   Six-Output PTIC Control IC
June, 2016 ??Rev. 0
logo
Shindengen Electric Mfg...
MS1003SH SHINDENGEN-MS1003SH Datasheet
1Mb / 41P
   Control IC
logo
International Rectifier
IR2156 IRF-IR2156 Datasheet
497Kb / 24P
   BALLAST CONTROL IC
logo
Fairchild Semiconductor
FAN7532 FAIRCHILD-FAN7532 Datasheet
252Kb / 16P
   Ballast Control IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com