Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TCC-103C-PT Datasheet(PDF) 5 Page - ON Semiconductor

Part # TCC-103C-PT
Description  PTIC Control IC
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

TCC-103C-PT Datasheet(HTML) 5 Page - ON Semiconductor

  TCC-103C-PT Datasheet HTML 1Page - ON Semiconductor TCC-103C-PT Datasheet HTML 2Page - ON Semiconductor TCC-103C-PT Datasheet HTML 3Page - ON Semiconductor TCC-103C-PT Datasheet HTML 4Page - ON Semiconductor TCC-103C-PT Datasheet HTML 5Page - ON Semiconductor TCC-103C-PT Datasheet HTML 6Page - ON Semiconductor TCC-103C-PT Datasheet HTML 7Page - ON Semiconductor TCC-103C-PT Datasheet HTML 8Page - ON Semiconductor TCC-103C-PT Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 29 page
background image
TCC−103
http://onsemi.com
5
Electrical Performance Specifications
Table 3. ABSOLUTE MAXIMUM RATINGS
Symbol
Parameter
Rating
Unit
AVDD
Analog Supply Voltage
−0.3 to +6.0
V
VIO
IO Reference Supply Voltage
−0.3 to +3.6
V
VI/O
Input Voltage Logic Lines (DATA, CLK, CS)
−0.3 to VIO
V
VHV
VHV Maximum Voltage
−0.3 to 30
V
VESD (HBM)
Human Body Model, JESD22-A114, All I/O
2,000
V
VESD (MM)
Machine Model, JESD22-A115
200
V
TSTG
Storage Temperature
−55 to +150
°C
TAMB_OP_MAX
Max Operating Ambient Temperature without Damage
+110
°C
Stresses exceeding Maximum Ratings may damage the device. Maximum Ratings are stress ratings only. Functional operation above the
Recommended Operating Conditions is not implied. Extended exposure to stresses above the Recommended Operating Conditions may affect
device reliability.
Table 4. RECOMMENDED OPERATING CONDITIONS
Symbol
Parameter
Rating
Unit
Min
Typ
Max
TAMB_OP
Operating Ambient Temperature
−30
+85
°C
TJ_OP
Operating Junction Temperature
−30
+125
°C
AVDD
Analog Supply Voltage
2.3
5.5
V
VIO
IO Reference Supply Voltage
1.1
3.0
V
Table 5. DC CHARACTERISTICS
(TA = −30 to +85°C; VOUTX = 15 V for each output; 2.3 V < AVDD < 5.5 V; 1.1 V < VIO < 3.0 V; RLOAD = equivalent series load of 5.6 kW
and 2.7 nF; CHV = 22 nF; LBOOST =15 mH; TRIG pin grounded; unless otherwise specified)
Symbol
Parameter
Min
Typ
Max
Unit
Comment
Shutdown Mode
IAVDD
AVDD Supply Current
0.8
mA
VIO Supply is Low
IL_BOOST
L_BOOST Leakage
1
mA
VIO Supply is Low
IBATT
Battery Current
1
mA
VIO Supply is Low
IVIO
VIO Supply Current
−1
1
mA
VIO Supply is Low
ICLK
CLK Leakage
−1
1
mA
VIO Supply is Low
IDATA
DATA Leakage
−1
1
mA
VIO Supply is Low
Active Mode
IBATT
Average Battery Current, 3 Outputs
Actively Switching 16 V for 1205 ms to 2 V
for 1705 ms to 8V for 1705 ms
980
1,290
mA
At VHV = 20 V
AVDD = 3.3 V
IBATT_SS0
Average Battery Current, 3 Outputs
@ 0 V Steady State
590
830
mA
At VHV = 20 V
AVDD = 3.3 V
IBATT_SS2
Average Battery Surrent, 3 Outputs @ 2 V
Steady State
610
860
mA
At VHV = 20 V
AVDD = 3.3 V
IBATT_SS16
Average Battery Current, 3 Outputs
@ 20 V Steady State
780
1,020
mA
At VHV = 20 V
AVDD = 3.3 V
IL_BOOST
Average Inductor Current, 3 Outputs
Actively Switching 20 V for 1205 ms to 2 V
for 1705 ms to 8 V for 1705 ms
730
1,000
mA
At VHV = 20 V
AVDD = 3.3 V
IL_BOOST_SS0
Average Inductor Current, 3 Outputs
@ 0 V Steady State
350
550
mA
At VHV = 20 V
AVDD = 3.3 V
IL_BOOST_SS2
Average Inductor Current, 3 Outputs
@ 2 V Steady State
380
570
mA
At VHV = 20 V
AVDD = 3.3 V


Similar Part No. - TCC-103C-PT

ManufacturerPart #DatasheetDescription
logo
Moxa Inc.
TCC-100 MOXA-TCC-100 Datasheet
783Kb / 4P
   Industrial RS-232 to RS-422/485 converters
TCC-100-T MOXA-TCC-100-T Datasheet
783Kb / 4P
   Industrial RS-232 to RS-422/485 converters
TCC-100I MOXA-TCC-100I Datasheet
783Kb / 4P
   Industrial RS-232 to RS-422/485 converters
TCC-100I-T MOXA-TCC-100I-T Datasheet
783Kb / 4P
   Industrial RS-232 to RS-422/485 converters
logo
ON Semiconductor
TCC-106 ONSEMI-TCC-106 Datasheet
505Kb / 24P
   Six-Output PTIC Control IC
September, 2015 ??Rev. 5
More results

Similar Description - TCC-103C-PT

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
TCC-106 ONSEMI-TCC-106 Datasheet
505Kb / 24P
   Six-Output PTIC Control IC
September, 2015 ??Rev. 5
TCC-206 ONSEMI-TCC-206 Datasheet
559Kb / 33P
   Six-Output PTIC Control IC
November, 2015 ??Rev. 1
TCC-303 ONSEMI-TCC-303 Datasheet
583Kb / 32P
   Three-Output PTIC Control IC
September, 2019 ??Rev. 5
TCC-303-D ONSEMI-TCC-303-D Datasheet
609Kb / 32P
   Three-Output PTIC Control IC
September, 2017 ??Rev. 4
TCC-404 ONSEMI-TCC-404 Datasheet
511Kb / 40P
   Four-Output PTIC Control IC
September, 2019 ??Rev. 1
TCC-202 ONSEMI-TCC-202 Datasheet
447Kb / 23P
   Two-Output PTIC Control IC
November, 2015 ??Rev. 2
TCC-226 ONSEMI-TCC-226 Datasheet
960Kb / 33P
   Six-Output PTIC Control IC
June, 2016 ??Rev. 0
logo
Shindengen Electric Mfg...
MS1003SH SHINDENGEN-MS1003SH Datasheet
1Mb / 41P
   Control IC
logo
International Rectifier
IR2156 IRF-IR2156 Datasheet
497Kb / 24P
   BALLAST CONTROL IC
logo
Fairchild Semiconductor
FAN7532 FAIRCHILD-FAN7532 Datasheet
252Kb / 16P
   Ballast Control IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com