Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TCC-103C-RT Datasheet(PDF) 4 Page - ON Semiconductor

Part # TCC-103C-RT
Description  PTIC Control IC
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

TCC-103C-RT Datasheet(HTML) 4 Page - ON Semiconductor

  TCC-103C-RT Datasheet HTML 1Page - ON Semiconductor TCC-103C-RT Datasheet HTML 2Page - ON Semiconductor TCC-103C-RT Datasheet HTML 3Page - ON Semiconductor TCC-103C-RT Datasheet HTML 4Page - ON Semiconductor TCC-103C-RT Datasheet HTML 5Page - ON Semiconductor TCC-103C-RT Datasheet HTML 6Page - ON Semiconductor TCC-103C-RT Datasheet HTML 7Page - ON Semiconductor TCC-103C-RT Datasheet HTML 8Page - ON Semiconductor TCC-103C-RT Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 29 page
background image
TCC−103
http://onsemi.com
4
RDL Pin Out
Table 2. PIN FUNCTION DESCRIPTIONS
Bump
Name
Type
Description
A1
VREG
Analog Output
VREG Capacitor
A2
ATEST
Analog Output
Test Pin (Ground in Application)
A3
GND_BOOST
Power
Boost Ground
A4
VHV
Analog HV I/O
Boost High Voltage Output
B1
OUTB
Analog HV Output
High Voltage Output B
B2
OUTC
Analog HV Output
High Voltage Output C
B3
AVDD
Power
Analog Supply
B4
L_BOOST
Analog HV Output
Boost Inductor
C1
OUTA
Analog HV Output
High Voltage Output A
C2
GND_DIG
Power
Digital Ground
C3
TRIG
Digital I/O
Trigger Signal Input
C4
GND_REF
Power
Analog Ground
D1
VIO
Power
IO Reference Supply
D2
DATA
Digital I/O
RFFE SDATA/SPI_DATA
D3
CLK
Digital Input
RFFE SCLK/SPI CLK
D4
CS
Digital Input
SPI_CS (Ground for MIPI RFFE)
RDL Ball Array Package Footprint
Figure 3. Ball Array Footprint − Top View
2050 mm ±10 mm
1850 mm
±10 mm
TCCx
7LYW
A1
A2
A3
A4
B1
B2
B3
B4
C1
C2
C3
C4
D1
D2
D3
D4


Similar Part No. - TCC-103C-RT

ManufacturerPart #DatasheetDescription
logo
Moxa Inc.
TCC-100 MOXA-TCC-100 Datasheet
783Kb / 4P
   Industrial RS-232 to RS-422/485 converters
TCC-100-T MOXA-TCC-100-T Datasheet
783Kb / 4P
   Industrial RS-232 to RS-422/485 converters
TCC-100I MOXA-TCC-100I Datasheet
783Kb / 4P
   Industrial RS-232 to RS-422/485 converters
TCC-100I-T MOXA-TCC-100I-T Datasheet
783Kb / 4P
   Industrial RS-232 to RS-422/485 converters
logo
ON Semiconductor
TCC-106 ONSEMI-TCC-106 Datasheet
505Kb / 24P
   Six-Output PTIC Control IC
September, 2015 ??Rev. 5
More results

Similar Description - TCC-103C-RT

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
TCC-106 ONSEMI-TCC-106 Datasheet
505Kb / 24P
   Six-Output PTIC Control IC
September, 2015 ??Rev. 5
TCC-206 ONSEMI-TCC-206 Datasheet
559Kb / 33P
   Six-Output PTIC Control IC
November, 2015 ??Rev. 1
TCC-303 ONSEMI-TCC-303 Datasheet
583Kb / 32P
   Three-Output PTIC Control IC
September, 2019 ??Rev. 5
TCC-303-D ONSEMI-TCC-303-D Datasheet
609Kb / 32P
   Three-Output PTIC Control IC
September, 2017 ??Rev. 4
TCC-404 ONSEMI-TCC-404 Datasheet
511Kb / 40P
   Four-Output PTIC Control IC
September, 2019 ??Rev. 1
TCC-202 ONSEMI-TCC-202 Datasheet
447Kb / 23P
   Two-Output PTIC Control IC
November, 2015 ??Rev. 2
TCC-226 ONSEMI-TCC-226 Datasheet
960Kb / 33P
   Six-Output PTIC Control IC
June, 2016 ??Rev. 0
logo
Shindengen Electric Mfg...
MS1003SH SHINDENGEN-MS1003SH Datasheet
1Mb / 41P
   Control IC
logo
International Rectifier
IR2156 IRF-IR2156 Datasheet
497Kb / 24P
   BALLAST CONTROL IC
logo
Fairchild Semiconductor
FAN7532 FAIRCHILD-FAN7532 Datasheet
252Kb / 16P
   Ballast Control IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com