Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74VCX162240MTD Datasheet(PDF) 5 Page - Fairchild Semiconductor

Part # 74VCX162240MTD
Description  Low Voltage 16-Bit Inverting Buffer/Line Driver with 3.6V Tolerant Inputs and Outputs and 26廓 Series Resistors in Outputs
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74VCX162240MTD Datasheet(HTML) 5 Page - Fairchild Semiconductor

  74VCX162240MTD Datasheet HTML 1Page - Fairchild Semiconductor 74VCX162240MTD Datasheet HTML 2Page - Fairchild Semiconductor 74VCX162240MTD Datasheet HTML 3Page - Fairchild Semiconductor 74VCX162240MTD Datasheet HTML 4Page - Fairchild Semiconductor 74VCX162240MTD Datasheet HTML 5Page - Fairchild Semiconductor 74VCX162240MTD Datasheet HTML 6Page - Fairchild Semiconductor 74VCX162240MTD Datasheet HTML 7Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
5
www.fairchildsemi.com
AC Electrical Characteristics (Note 8)
Note 8: For CL = 50PF, add approximately 300 ps to the AC maximum specification.
Note 9: Skew is defined as the absolute value of the difference between the actual propagation delay for any two separate outputs of the same device. The
specification applies to any outputs switching in the same direction, either HIGH-to-LOW (tOSHL) or LOW-to-HIGH (tOSLH).
Dynamic Switching Characteristics
Capacitance
Symbol
Parameter
TA = −40°C to +85°C, CL = 30 pF, RL = 500Ω
Units
VCC = 3.3V ± 0.3V
VCC = 2.5V ± 0.2V
VCC = 1.8V ± 0.15V
Min
Max
Min
Max
Min
Max
tPHL, tPLH
Prop Delay
0.8
3.3
1.0
3.8
1.5
7.6
ns
tPZL, tPZH
Output Enable Time
0.8
3.8
1.0
5.1
1.5
9.8
ns
tPLZ, tPHZ
Output Disable Time
0.8
3.6
1.0
4.0
1.5
7.2
ns
tOSHL
Output to Output Skew
0.5
0.5
0.75
ns
tOSLH
(Note 9)
Symbol
Parameter
Conditions
VCC
TA = +25°C
Units
(V)
Typical
VOLP
Quiet Output Dynamic Peak VOL
CL = 30 pF, VIH = VCC, VIL = 0V
1.8
0.15
V
2.5
0.25
3.3
0.35
VOLV
Quiet Output Dynamic Valley VOL
CL = 30 pF, VIH = VCC, VIL = 0V
1.8
−0.15
V
2.5
−0.25
3.3
−0.35
VOHV
Quiet Output Dynamic Valley VOH
CL = 30 pF, VIH = VCC, VIL = 0V
1.8
1.55
V
2.5
2.05
3.3
2.65
Symbol
Parameter
Conditions
TA = +25°C
Units
Typical
CIN
Input Capacitance
VCC = 1.8, 2.5V or 3.3V, VI = 0V or VCC
6pF
COUT
Output Capacitance
VI = 0V or VCC, VCC = 1.8V, 2.5V or 3.3V
7
pF
CPD
Power Dissipation Capacitance
VI = 0V or VCC, f = 10 MHz, VCC = 1.8V, 2.5V or 3.3V
20
pF


Similar Part No. - 74VCX162240MTD

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74VCX162240MTD FAIRCHILD-74VCX162240MTD Datasheet
161Kb / 8P
   Low Voltage 16-Bit Inverting Buffer/Line Driver with 3.6V Tolerant Inputs and Outputs and 26ohm Series Resistors in Outputs
More results

Similar Description - 74VCX162240MTD

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74ALVC162240 FAIRCHILD-74ALVC162240 Datasheet
83Kb / 6P
   Low Voltage 16-Bit Inverting Buffer/Line Driver with 3.6V Tolerant Inputs and Outputs and 26??Series Resistors in Outputs
74VCX162240 FAIRCHILD-74VCX162240_05 Datasheet
161Kb / 8P
   Low Voltage 16-Bit Inverting Buffer/Line Driver with 3.6V Tolerant Inputs and Outputs and 26ohm Series Resistors in Outputs
74VCX162244 FAIRCHILD-74VCX162244 Datasheet
120Kb / 10P
   Low Voltage 16-Bit Buffer/Line Driver with 3.6V Tolerant Inputs and Outputs and 26廓 Series Resistor in Outputs
74VCX162827MTDX FAIRCHILD-74VCX162827MTDX Datasheet
142Kb / 8P
   Low Voltage 20-Bit Buffer/Line Driver with 3.6V Tolerant Inputs and Outputs and 26廓 Series Resistors in the Outputs
74VCX16240 FAIRCHILD-74VCX16240 Datasheet
52Kb / 7P
   Low Voltage 16-Bit Inverting Buffer/Line Driver with 3.6V Tolerant Inputs and Outputs
74ALVC16240 FAIRCHILD-74ALVC16240 Datasheet
99Kb / 6P
   Low Voltage 16-Bit Inverting Buffer/Line Driver with 3.6V Tolerant Inputs and Outputs
74VCX16240 FAIRCHILD-74VCX16240_05 Datasheet
155Kb / 8P
   Low Voltage 16-Bit Inverting Buffer/Line Driver with 3.6V Tolerant Inputs and Outputs
74ALVC162244 FAIRCHILD-74ALVC162244 Datasheet
98Kb / 8P
   Low Voltage 16-Bit Buffer/Line Driver with 3.6V Tolerant Inputs and Outputs and 26??Series Resistor in Outputs
74VCX162827 FAIRCHILD-74VCX162827 Datasheet
135Kb / 8P
   Low Voltage 20-Bit Buffer Line Driver with 3.6V Tolerant Inputs and Outputs and 26 Series Resistors in the Outputs
74ALVC162827 FAIRCHILD-74ALVC162827 Datasheet
77Kb / 6P
   Low Voltage 20-Bit Buffer/Line Driver with 3.6V Tolerant Inputs and Outputs and 26??Series Resistors in the Outputs
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com