Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM32F107RB Datasheet(PDF) 10 Page - STMicroelectronics

Part # STM32F107RB
Description  Connectivity line, ARM-based 32-bit MCU with 64/256 KB Flash, USB OTG, Ethernet
Download  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F107RB Datasheet(HTML) 10 Page - STMicroelectronics

Back Button STM32F107RB Datasheet HTML 6Page - STMicroelectronics STM32F107RB Datasheet HTML 7Page - STMicroelectronics STM32F107RB Datasheet HTML 8Page - STMicroelectronics STM32F107RB Datasheet HTML 9Page - STMicroelectronics STM32F107RB Datasheet HTML 10Page - STMicroelectronics STM32F107RB Datasheet HTML 11Page - STMicroelectronics STM32F107RB Datasheet HTML 12Page - STMicroelectronics STM32F107RB Datasheet HTML 13Page - STMicroelectronics STM32F107RB Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 103 page
background image
Description
STM32F105xx, STM32F107xx
10/104
Doc ID 15274 Rev 6
2.1
Device overview
Figure 1 shows the general block diagram of the device family.
Table 2.
STM32F105xx and STM32F107xx features and peripheral counts
Peripherals(1)
STM32F105Rx
STM32F107Rx
STM32F105Vx
STM32F107Vx
Flash memory in Kbytes
64
128
256
128
256
64
128
256
128
256
SRAM in Kbytes
64
Package
LQFP64
LQFP
100
LQFP100,
BGA100
LQFP100
Ethernet
No
Yes
No
Yes
Timers
General-purpose
4
Advanced-control
1
Basic
2
Communication
interfaces
SPI(I2S)(2)
3(2)
3(2)
3(2)
3(2)
I2C2
1
2
1
USART
5
USB OTG FS
Yes
CAN
2
GPIOs
51
80
12-bit ADC
Number of channels
2
16
12-bit DAC
Number of channels
2
2
CPU frequency
72 MHz
Operating voltage
2.0 to 3.6 V
Operating temperatures
Ambient temperatures: –40 to +85 °C /–40 to +105 °C
Junction temperature: –40 to + 125 °C
1.
Please refer to Table 5: Pin definitions for peripheral availability when the I/O pins are shared by the peripherals required by
the application.
2.
The SPI2 and SPI3 interfaces give the flexibility to work in either the SPI mode or the I2S audio mode.


Similar Part No. - STM32F107RB

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STM32F107RB STMICROELECTRONICS-STM32F107RB Datasheet
1,013Kb / 95P
   Connectivity line, ARM-based 32-bit MCU with 64/256 KB Flash, USB OTG, Ethernet, 10 timers, 2 CANs, 2 ADCs, 14 communication interfaces
STM32F107RB STMICROELECTRONICS-STM32F107RB Datasheet
1Mb / 103P
   Connectivity line, ARM-based 32-bit MCU
STM32F107RB STMICROELECTRONICS-STM32F107RB Datasheet
2Mb / 108P
   Connectivity line, ARM짰-based 32-bit MCU with 64/256 KB Flash, USB OTG, Ethernet, 10 timers, 2 CANs, 2 ADCs, 14 communication interfaces
March 2017
More results

Similar Description - STM32F107RB

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STM32F105XX STMICROELECTRONICS-STM32F105XX Datasheet
1,013Kb / 95P
   Connectivity line, ARM-based 32-bit MCU with 64/256 KB Flash, USB OTG, Ethernet, 10 timers, 2 CANs, 2 ADCs, 14 communication interfaces
STM32F105XX STMICROELECTRONICS-STM32F105XX_V01 Datasheet
2Mb / 108P
   Connectivity line, ARM짰-based 32-bit MCU with 64/256 KB Flash, USB OTG, Ethernet, 10 timers, 2 CANs, 2 ADCs, 14 communication interfaces
March 2017
STM32F107VBT6 STMICROELECTRONICS-STM32F107VBT6 Datasheet
1Mb / 103P
   Connectivity line, ARM-based 32-bit MCU
STM32F103X8 STMICROELECTRONICS-STM32F103X8_13 Datasheet
1Mb / 105P
   Medium-density performance line ARM-based 32-bit MCU with 64 or 128 KB Flash
STM32F103X4 STMICROELECTRONICS-STM32F103X4_13 Datasheet
1Mb / 90P
   Low-density performance line, ARM-based 32-bit MCU with 16 or32 KB Flash, USB
logo
NXP Semiconductors
LPC1758 PHILIPS-LPC1758 Datasheet
299Kb / 71P
   32-bit ARM Cortex-M3 MCU up to 512 kB flash and 64 kB SRAM with Ethernet, USB 2.0 Host/Device/OTG, CAN
Rev. 02-11 February 2009
LPC1759 NXP-LPC1759_11 Datasheet
1Mb / 74P
   32-bit ARM Cortex-M3 MCU; up to 512 kB flash and 64 kB SRAM with Ethernet, USB 2.0 Host/Device/OTG, CAN
Rev. 7-29 March 2011
LPC1759 NXP-LPC1759 Datasheet
957Kb / 64P
   32-bit ARM Cortex-M3 MCU; up to 512 kB flash and 64 kB SRAM with Ethernet, USB 2.0 Host/Device/OTG, CAN
Rev. 04-26 January 2010
LPC1759 PHILIPS-LPC1759_15 Datasheet
1,013Kb / 80P
   32-bit ARM Cortex-M3 MCU; up to 512 kB flash and 64 kB SRAM with Ethernet, USB 2.0 Host/Device/OTG, CAN
Rev. 8.6-18 August 2015
logo
STMicroelectronics
STM32F101XC STMICROELECTRONICS-STM32F101XC_11 Datasheet
1Mb / 112P
   High-density access line, ARM-based 32-bit MCU with 256 to 512 KB Flash, 9 timers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com